Part Number Hot Search : 
B0530 HSU200 CDV19 SBT6045 UPD70 PT2313 TFMAJ120 MT88E45
Product Description
Full Text Search
 

To Download BYD57DA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TH97/10561QM
TW00/17276EM
IATF 0060636 SGS TH07/1033
BYD57DA - BYD57VA
PRV : 200 - 1400 Volts Io : 1.0 - 1.2 Amperes
FEATURES :
* * * * * * Glass passivated junction chip High maximum operating temperature Low leakage current Excellent stability Smallest surface mount rectifier outline Pb / RoHS Free
ULTRA-FAST SOFT-RECOVERY CONTROLLED AVALANCHE RECTIFIERS
SMA (DO-214AC)
5.0 0.15
4.5 0.15
1.1 0.3
1.2 0.2 2.1 0.2 2.6 0.15
0.2 0.07
MECHANICAL DATA :
* * * * * * Case : SMA Molded plastic Epoxy : UL94V-O rate flame retardant Lead : Lead Formed for Surface Mount Polarity : Color band denotes cathode end Mounting position : Any Weight : 0.067 gram
2.0 0.2
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified
RATING Maximum Repetitive Peak Reverse Voltage Maximum Continuous Reverse Voltage Min. Reverse Avalanche Breakdown Voltage @ I R = 0.1 mA Maximum Average Forward Current Maximum Non-Repetitive Peak Forward Surge Current (Note 3) Maximum Repetitive Peak Forward Current at Ttp = 85 C Maximum Forward Voltage at IF = 1.0 A ; TJ = 25 C Maximum Reverse Current at VR =VRRMmax Maximum Reverse Recovery Time (Note 4) Thermal Resistance from Junction to Tie-Point Thermal Resistance from Junction to Ambient (Note 5) Junction Temperature Range Storage Temperature Range TJ = 25 C TJ = 165 C
SYMBOL VRRM VR V(BR)R-min IF(AV) IFSM IFRM VF IR IR(H) Trr Rth j-tp Rth j-a TJ TSTG
BYD 57DA
BYD 57GA
BYD 57JA
BYD
BYD
BYD
BYD 57VA
57KA 57MA 57UA
UNIT V V V A A
200 200 300
400 400 500
600 600 700 1.0
(1)
800 800 900 0.4 5
(2)
1000 1200 1400 1000 1200 1400 1100 1300 1500 1.2
(1)
8.5 3.6 5.0 100 30 30 150 - 65 to + 175 - 65 to + 175 75
11 2.3
A V A A
150
ns K/W K/W C C
Notes : (1) Ttp = 85 C; see Fig. 1and 2; averaged over any 20 ms period; see also Fig.5 and 6. (2) Tamb = 60 C; PCB mounting ; see Fig. 3 and 4; averaged over any 20 ms period; see also Fig.5 and 6. (3) t=10ms half sine wave; Tj = Tjmax prior to surge; V R = VRRMmax (4) Reverse Recovery Test Conditions : IF = 0.5 A, I R = 1.0 A, Irr = 0.25 A. (5) Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer 40 m.
Page 1 of 3
Rev. 00 : February 13, 2008
TH97/10561QM
TW00/17276EM
IATF 0060636 SGS TH07/1033
RATING AND CHARACTERISTIC CURVES ( BYD57DA - BYD57VA )
FIG.1 - MAXIMUM PERMISSIBLE AVERAGE FORWARD CURRENT AS A FUNCTION OF TIE-POINT TEMPERATURE
2.0
FIG.2 - MAXIMUM PERMISSIBLE AVERAGE FORWARD CURRENT AS A FUNCTION OF TIE-POINT TEMPERATURE
2.0
BYD57DA to MA
BYD57UA to VA
AVERAGE FORWARD CURRENT, IF(AV) (A)
1.2
AVERAGE FORWARD CURRENT, IF(AV) (A)
0 40 80 120 160 200
1.6
1.6
1.2
0.8
0.8
0.4
0.4
0
0 0 40 80 120 160 200
TIE-POINT TEMPERATURE, Ttp ( C) FIG.3 - MAXIMUM PERMISSIBLE AVERAGE FORWARD CURRENT AS A FUNCTION OF AMBIENT TEMPERATURE AVERAGE FORWARD CURRENT, I F(AV) (A)
0.6
TIE-POINT TEMPERATURE, Ttp ( C) FIG.4 - MAXIMUM PERMISSIBLE AVERAGE FORWARD CURRENT AS A FUNCTION OF AMBIENT TEMPERATURE AVERAGE FORWARD CURRENT, I F(AV) (A)
0.6
BYD57DA to MA
0.5
BYD57UA to VA
0.4
0.4
0.3
0.2
0.2
0.1 0 0 40 80 120 160 200
0
0
40
80
120
160
200
AMBIENT TEMPERATURE, Tamp ( C) FIG.5 - MAXIMUM STEADY STATE POWER DISSIPATION AS A FUNCTION OF AVERAGE FORWARD CURRENT
3
AMBIENT TEMPERATURE, Tamp ( C) FIG.6 - MAXIMUM STEADY STATE POWER DISSIPATION AS A FUNCTION OF AVERAGE FORWARD CURRENT
6
POWER DISSIPATION, P D (W)
a =3 2.5
2
1.57 1.42
POWER DISSIPATION, P D (W)
BYD57UA to VA
5 4 a =3 2.5 2 1.57 1.42
2
3 2
1
BYD57DA to MA
a = IF(RMS)/IF(AV) ; VR = VRRMmax ; = 0.5 0 0 0.5
1 a = IF(RMS)/IF(AV) ; VR = VRRMmax ; = 0.5 0 0 0.4 0.8 1.2 1.6 2.0
AVERAGE FORWARD CURRENT, I F(AV) (A)
AVERAGE FORWARD CURRENT, I F(AV) (A)
Page 2 of 3
Rev. 00 : February 13, 2008
TH97/10561QM
TW00/17276EM
IATF 0060636 SGS TH07/1033
RATING AND CHARACTERISTIC CURVES ( BYD57DA - BYD57VA )
FIG.7 - FORWARD CURRENT AS FUNCTION OF FORWARD VOLTAGE
FIG.8 - FORWARD CURRENT AS FUNCTION OF FORWARD VOLTAGE
4
4
BYD57DA to MA
BYD57UA to VA
FORWARD CURRENT, I F (A)
3
FORWARD CURRENT, I F (A)
TJ = 25 C
3
TJ = 25 C
2
2
1
1
0 0 2 4 6 8
0 0 1 2 3 4
FORWARD VOLTAGE, V F (V)
FORWARD VOLTAGE, V F (V)
FIG.9 - REVERSE CURRENT AS FUNCTION OF JUNCTION TEMPERATURE
1000
REVERSE CURRENT, IR (A)
100 VR =VRRMmax
10
1 0
100
200
JUNCTION TEMPERATURE, TJ ( C)
Page 3 of 3
Rev. 00 : February 13, 2008


▲Up To Search▲   

 
Price & Availability of BYD57DA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X