Part Number Hot Search : 
FN2291 12N60 2SA2062 8056BVR 3N156 CQ10A04 MC68HC ES1HL
Product Description
Full Text Search
 

To Download AMA2805DCH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD-94687E
AMA28XXS SERIES
28V Input, Single Output
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
Description
The AMA28XXS series of DC/DC converter modules has been specifically designed for operation in moderate radiation environments supplementing the higher radiation performance available in the International Rectifier ART2815T converter series. Environments presented to space vehicles operating in low earth orbits, launch boosters, orbiting space stations and similar applications requiring a low power, high performance converter with moderate radiation hardness performance will be optimally served by the AMA28XXS Series. The physical configuration of the AMA28XXS series permits mounting directly to a heat conduction surface without the necessity of signal leads penetrating the heat sink surface. This package configuration permits greater independence in mounting and more mechanical security than traditional packages. International Rectifiers'srugged ceramic seal pins are used exclusively in the package thereby assuring long term hermeticity. The AMA28XXS has been designed for high density using chip and wire hybrid technology that complies with the class H requirements of MIL-PRF-38534. Manufactured in a facility fully qualified to MIL-PRF38534, these converters are fabricated utilizing DSCC qualified processes. For available screening options, refer to device screening table in the data sheet. Applicable generic lot qualification test data including radiation performance can be made available on request. Variations to the standard screening can be accommodated. Consult IR Santa Clara for special requirements.
AMA Features
n n n n n n n n n n n 5.0 Watts Output Power Available in 5, 12 and 15 Volt Outputs 16 - 40 VDC Input Range (28 VDC Nominal) Total Ionizing Dose > 25KRads (Si) 2 SEE Hardened to LET up to 60 MeV.cm /mg -55C to +125C Operating Range Indefinite Short Circuit Protection Flexible Mounting Fully Isolated - Input to Output and to Case Complimentary EMI Filter Available Electrical Performance Similar to ASA28XXS Series n Standard Microcircuit Drawings Available
www.irf.com
1
07/08/09
AMA28XXS Series
Specifications
Absolute Maximum Ratings
Input Voltage range Soldering temperature Storage case temperature 80V (100ms) 300C for 10 seconds -65C to +135C
Recommended Operating Conditions
+16V to +40VDC Less than or equal to 5W -55C to +125C Output Power Operating case temperature
-0.5V to +50VDC (Continuous), Input Voltage range
Static Characteristics
Parameter Input Voltage Output Voltage AMA2805S AMA2812S AMA2815S AMA2805S AMA2812S AMA2815S Output Current
1
-55C TCASE +125C, VIN=28 VDC 5%, CL=0, unless otherwise specified.
Group A Subgroups
Test Conditions
Min 16
Nom 28
Max 40
Unit V
Iout = 0 1 1 1 2, 3 2, 3 2, 3 Vin = 16, 28, 40 Volts AMA2805S AMA2812S AMA2815S 1, 2, 3 1, 2, 3 1, 2, 3 Vin = 28 Volts, 100% load All Models 1, 2, 3 Vin = 16, 28, 40 Volts 100% Load BW = 20 Hz to 2.0 MHz 1000 417 333 mA 4.95 11.88 14.85 4.90 11.76 14.70 5.00 12.00 15.00 5.05 12.12 15.15 V 5.10 12.24 15.30
Output Power
1
5.0
W
Output Ripple Voltage
2
AMA2805S AMA2812S AMA2815S Output voltage Regulation Line Load
1, 2, 3 1, 2, 3 1, 2, 3
200 200 200
mVPP
1, 2, 3 1, 2, 3
Vin = 16, 28, 40 Volts Iout = 0, 50%, and 100% load
10 10
50 50
mV
For Notes to Specifications, refer to page 4
2
www.irf.com
AMA28XXS Series
Static Characteristics
Parameter Input Current No Load Inhibit
2
(Continued) -55C TCASE +125C, VIN=28 VDC 5%, CL=0, unless otherwise specified.
Group A Subgroups
Test Conditions Vin = 28V, Iout = 0, Inhibit (pin 5) = open Inhibit (pin 5) shorted to input return (pin 7) Vin = 16, 28, 40 Volts, 100% load, BW = 20 Hz to 2 MHz 100% load
Min
Nom 20 8.0
Max 50
Unit
1, 2, 3 1, 2, 3
mA 12
Input Ripple Current
1, 2, 3
100
mAPP
Efficiency AMA2805S AMA2812S AMA2815S AMA2805S AMA2812S AMA2815S Isolation
3, 4
1, 3 1, 3 1, 3 2 2 2 1 Input to output or any pin to case (except pin 8) at 500Vdc No effect on dc performance
66 71 71 66 68 68 100 %
M
Capacitive Load
4
AMA2805S AMA2812S AMA2815S Short Circuit Power Dissipation 1, 2, 3
500 100 100 4.0 MIL-HDBK-217F, SF @Tc=35C 700 32
F
W Khrs
g
MTBF Weight
For Notes to Specifications, refer to page 4
www.irf.com
3
AMA28XXS Series Dynamic Characteristics
Parameter Short Circuit Recovery Switching Frequency Output Response To Step 8 Transient Load Changes
4
-55C TCASE +125C, VIN=28 VDC 5%, CL=0, unless otherwise specified.
Group A Subgroups
Test Conditions 0% load to 100% load 100% load
Min
Nom
Max 25
Unit ms KHz
4, 5, 6 4, 5, 6
500
550
600
4, 5, 6 4, 5, 6
Load step 50%U 100% Load step 0%
-450 -750
+450 +750
U 50%
mVpk
Recovery Time, Step Transient 5, 6 Load Changes AMA2805S AMA2812S AMA2815S AMA2805S AMA2812S AMA2815S Output Response Transient Step 4, 7 Line Changes AMA2805S AMA2812S AMA2815S Recovery Time Transient Step 4, 6, 7 Line Changes Turn On Overshoot
8
4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6
Load step 50%U 100%
300 100 100 2000 2000 2000
Load step 0%
U 50%
-550 -750 -750
s
4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6
Input step 16 100% load
U 40Vdc, U 40Vdc,
+550 +750 +750 1200
mVpk
Input step 16 100% load 100% load
s
AMA2805S
8
4, 5 6
600 750
mVpk
Turn On Overshoot
AMA2812S AMA2815S Turn On Delay
8
4, 5, 6 4, 5, 6
0 to 100% load 0% load to 100% load
600 25
mVpk ms
Notes to Specifications
1. Parameter guaranteed by line and load regulation tests. 2. Bandwidth guaranteed by design. Tested for 20KHz to 2.0MHz. 3. Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive load in excess of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing as a short circuit during turn on. 4. Parameter shall be tested as part of design characterization and after design or process changes. Parameters shall be guaranteed to the limit specified in Electrical Specifications. 5. Load step transition time between 2 and 10 microseconds. 6. Recovery time is measured from the initiation of the transient to where VOUT has returned to within 1 % of VOUT at 50 percent load. 7. Input step transition time between 2 and 10 microseconds. 8. Turn on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the inhibit pin while power is applied to the input.
4
www.irf.com
AMA28XXS Series Block Diagram
6 +Input 1 +Output Output Return 2
Housekeeping Supply
Input Return 7 Enable 5
CS
Error Amplifier Case 8
Controller
Application Information
Inhibit Function (Enable)
Connecting the enable input (Pin 5) to input common (Pin 7) will cause the converter to shut down. It is recommended that the enable pin be driven by an open collector device capable of sinking at least 400 A of current. The open circuit voltage of the inhibit input is 10 +1.0 VDC.
EMI Filter
An optional EMI filter is available (AFH461) that will reduce the input ripple current to levels below the limits imposed by MIL-STD-461 CE03.
Radiation Specification
Parameter Condition Min Typ -- Max -- Unit
Total Ionizing Dose Heavy Ion (Single event effects)
MIL-STD-883, Method 1019.4
Operating bias applied during exposure
25 60
KRads (Si) MeV*cm /mg
2
BNL Dual Van de Graf Generator
--
--
International Rectifier currently does not have a DSCC certified Radiation Hardness Assurance Program.
www.irf.com
5
AMA28XXS Series Mechanical Outline
0.800 0.400 0.17 0.33 0.170
0.200
0.25 Typ O 0.140 x3
5 3 2 1 0.26 Typ
0.880
1.130
6
7
8
0.125 1.130 1.380 1.63
0.030 Dia
Tolerance unless otherwise specified: x.xx 0.010 x.xxx 0.005
Pin Designation
Pin # 1 2 3 4 5 6 7 8 Designation + Output Output Return NC Blank Enable + Input Input Return Case Ground
6
www.irf.com
AMA28XXS Series
Device Screening
Requirement
Temperature Range Element Evaluation Non-Destructive Bond Pull Internal Visual Temperature Cycle Constant Acceleration PIND Burn-In Final Electrical ( Group A ) PDA Seal, Fine and Gross Radiographic External Visual MIL-PRF-38534 2023 2017 1010 2001, Y1 Axis 2020 1015 MIL-PRF-38534 & Specification MIL-PRF-38534 1014 2012 2009
MIL-STD-883 Method
No Suffix
Class H N/A Yes Cond C 3000 Gs Cond A
d
CH
d
EM
-55C to +85C N/A N/A
-55C to +125C
-55C to +125C Class H N/A Yes Cond C 3000 Gs Cond A 320 hrs @ 125C ( 2 x 160hrs ) -55C, +25C, +125C 2% Cond A, C Yes Yes
c
Cond C 3000 Gs N/A 48 hrs @ 125C -55C, +25C, +85C N/A Cond A N/A
320 hrs @ 125C ( 2 x 160hrs ) -55C, +25C, +125C 2% Cond A, C Yes Yes
c
Notes:
Best commercial practice. Device with `/CH' suffix is a DSCC class H compliant without radiation performance. No suffix is a radiation rated device but not available as a DSCC qualified SMD per MIL-PRF-38534. International Rectifier currently does not have a DSCC certified Radiation Hardness Assurance Program.
Standard Microcircuit Drawing Equivalence Table Standard Microcircuit Drawing Number
5962-04247 5962-04248 5962-04249
Part Numbering
AMA 28 05 S /EM Screening Level
(Please refer to Screening Table)
IR Standard Part Number
AMA2805S AMA2812S AMA2815S
Model Input Voltage
28 = 28V
No Suffix, CH, EM
Output Voltage
05 = 5V, 12 = 12V, 15 = 15V
Output
S = Single D = Dual
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105 IR SANTA CLARA: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 07/2009
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of AMA2805DCH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X