Part Number Hot Search : 
1209S 1209S 4073B C5141 1209S TA9329FB IT610HX IRF1010E
Product Description
Full Text Search
 

To Download 87639-1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0876391001 Active
1.27mm (.050") Pitch DDR DIMM Socket, Reverse Footprint, 25 Angle, Low Profile, Single Key, with Beveled Metal Pins and Plastic Pegs, 2.79mm (.110") Tail Length, 0.38m (15") Gold (Au) Plating, 184 Circuits, Leadfree
Documents: 3D Model Drawing (PDF)
Product Specification PS-87639-002 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Component Type JEDEC Outline Product Name Memory Module Sockets 87639 Memory Module MO-206 DDR DIMM
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Temperature Range - Operating Termination Interface: Style 184 Black, Natural 25 25 Angle Yes Brass, Phosphor Bronze Gold Tin High Temperature Thermoplastic 0.110 In 2.79 mm Yes Yes 0.062 In 1.60 mm Tray 0.050 In 1.27 mm 15.2 0.38 101.6 2.54 -40C to +85C Through Hole
Search Parts in this Series 87639Series Mates With JEDEC MO-206 modules
Electrical
Current - Maximum per Contact Voltage - Maximum Voltage Key 1A 50V 2.5V, Right
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Wave Capable (TH only) 2 240
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing
PS-87639-002 SD-87639-001
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 87639-1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X