Part Number Hot Search : 
10C80 MS3106 UPC3205 CA3260E 1N6278A 9899P AC180 TT6061BS
Product Description
Full Text Search
 

To Download 860-10024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THESE DRAWINGS ARE THE PROPERTY OF QUALTEK ELECTRONICS AND NOT TO BE REPRODUCED FOR OR COMMUNICATED TO A THIRD PARTY WITHOUT THE EXPRESS WRITTEN PERMISSION OF AN OFFICER OF QUALTEK ELECTRONICS.
REVISION REV. B DESCRIPTION RoHS Compliancy DATE 06-01-06 APPROVED DP
1. PHYSICAL DIMENSIONS
ELECTRICAL CHARACTERISTICS: 1-1. VOLTAGE RATING...................................115/250VAC
36.0
1-2.
CURRENT RATING A. @ 115 VAC..........................................10 A RMS MAX B. @ 250 VAC.........................................10 A RMS MAX OPERATING FREQUENCY......................50/60Hz LEAKAGE CURRENT: EACH LINE TO GROUND A. @ 115 VAC 60Hz............................0.20 mA MAX B. @ 250 VAC 50Hz.............................0.40 mA MAX HIPOT RATING (FOR ONE MINUTE) A. LINE TO GROUND...........................2250 VDC B. LINE TO LINE.....................................1450 VDC MINIMUM INSERTION LOSS IN dB: (AT 50 OHM SYSTEM)
.01 / / .05 / / .10 / / .15 5 5 .50 10 10 1.0 20 20 5.0 30 30 10 35 35 30 35 35
38.3
LABEL
41.0
1-3. 1-4.
R2.5(8X) R3.5 28.5 0.1 M3(2X)
1-5.
1-6.
36.00 0.1
FREQ. MHz COM. MODE dB DIF. MODE dB
43.5 54.5 57.5 2. ELECTRICAL SCHEMATIC
Dim range (mm) 0-1 1-6 6-18 18-50 50-120 120-250 250-500
1-7.
OPERATING TEMPERATURE.................-25 TO +85 C SAFETY: RoHS COMPLIANT
39.0 0.1 PANEL CUTOUT
1-8. 1-9.
L: 0.3mH C1: 0.1uF C2: 2200pF
Tolerance +/(mm) 0.15 0.20 0.30 0.50 0.70 0.90 1.20
CONTROLLED Qualtek Electronics Corp.
Part Number: Description:
PPC DIVISION 860-10/024
EMI FILTER
UNIT: mm
REV. B
Approved / Date JJH / 02-04-03
Drawn / Date B.ZHANG 02-04-03
Checked / Date 02-04-03


▲Up To Search▲   

 
Price & Availability of 860-10024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X