Part Number Hot Search : 
6268C 330KL PM3FDXX S6A0094 AD8337 W134M 2SB952 15W15
Product Description
Full Text Search
 

To Download 527-056NCP1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 527-056 EMI/RFI Strain-Relief Backshell
for Size 1 ARINC 600 Series Connector
527-056 NF P1 03 04 05 A Basic Part No. Finish (Table III) Connector Designator (Table IV) Dash No. (Table I) Position 1 Dash No. (Table I) Position 2 Dash No. (Table I) Position 3 Height Code (Table II)
ARINC 600 Backshells
A
H .703 (17.9) .693 (17.6)
Position 3
6.11 (155.2)
1.646 (41.8) 1.638 (41.6) .480 (12.2) .470 (11.9) 1.768 1.567 (39.8) (44.9) 1.558 (39.6) 1.760 2 Places (44.7) 1.62 (41.1) Max .434 (11.0) .424 (10.8) 5.61 (142.5)
Position 2
M Typ.
Captivated Screws Typ.
Position 1
.751 (19.1) .743 (18.9)
Cable Range Typ.
1.314 (33.4) 1.306 (33.2)
1.130 (28.7) 1.120 (28.4)
.85 (21.6) Max Typ.
Mfg's Option .99 (25.1)
A View A-A
Metric dimensions (mm) are indicated in parentheses.
(c) 2004 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com F-2
for Size 1 ARINC 600 Series Connector TABLE I: CABLE ENTRY
Dash No. 00 * 01 02 03 04 05 M Max N/A .781 (19.8) .968 (24.6) 1.046 (26.6) 1.156 (29.4) 1.218 (30.9) Cable Range Min Max N/A N/A .062 (1.6) .125 (3.2) .125 (3.2) .250 (6.4) .250 (6.4) .375 (9.5) .375 (9.5) .500 (12.7) .500 (12.7) .625 (15.9)
TABLE III: FINISH OPTIONS
Symbol B C* G* J LF M N NC NF T U** ZN Finish Cadmium Plate/Olive Drab Black Anodize Anodic Hard Coat Gold Iridite over Cadmium Plate over Electroless Nickel Cadmium Plate/Bright over Electroless Nickel Electroless Nickel Cadmium Plate/Olive Drab over Electroless Nickel Zinc Cobalt/Dark Olive Drab Cadmium Plate/Olive Drab over Electroless Nickel Cadmium Plate/Bright over Electroless Nickel Cadmium Plate/Black Zinc-Nickel Alloy/Olive Drab
* Clamp not supplied with dash number 00.
TABLE II
Height H Code 1.00 (25.4) A 1.25 (31.8) B
*Anodize finish is not suitable for EMI shielding or grounding applications. **Applicable to corrosion resisting steel backshells and accessories. Consult factory for other available finishes.
TABLE IV: CONNECTOR DESIGNATOR
ARINC 600 series connector backshells are designed to replace the insert retainer plates. Due to non-standard modifications by the connector manufacturer, the backshell may require special design alterations to mate properly. The following should be used to determine if a backshell modification is required. Prior to ordering, consult factory with connector part numbers not shown to ensure a proper fit. Connector Designator P
Connector Description All Manufacturer's Plug and Receptacle Shells, Except for Those Listed Below (Prior to ordering, consult factory with connector part numbers not listed below to ensure a proper fit.) Cannon BKAD****322 Series Plug Cannon/Radiall Environmental Plug Cannon/Boeing BACC 66 Plug Radiall/Boeing BACC66 Plug Cannon BKAC & BKAE XXX322 Series Environmental Plug
P1 P2 P3 P5 P6
1. Metric dimensions (mm) are indicated in parentheses. 2. Material/Finish: Backshell and Fittings = Al Alloy/See Table II Hardware = SST/Passivate
(c) 2004 Glenair, Inc. CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com F-3
ARINC 600 Backshells
527-056 EMI/RFI Strain-Relief Backshell


▲Up To Search▲   

 
Price & Availability of 527-056NCP1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X