Part Number Hot Search : 
EPC1111H J13007 39LF020 2N7012 00226 4C15F A6040 SST25W
Product Description
Full Text Search
 

To Download 3DD13002E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
NPN HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD13002E
IC VCEO PC(TO-126)
MAIN CHARACTERISTICS
0.8A 400V 20W
Package

APPLICATIONS
Electronic ballasts High frequency switching power supply High frequency power transform Commonly power amplifier circuit TO-126
RoHS
FEATURES
High breakdown voltage High current capability High switching speed High reliability RoHS product
ORDER MESSAGE
Order codes 3DD13002E-O-M-N-C 3DD13002E-O-M-N-B Halogen Free NO NO TO-126 TO-126 Bag Tube Marking 13002E 13002E Package Packaging
200910D
1/5
R
3DD13002E
ABSOLUTE RATINGS (Tc=25)
Parameter Symbol VCEO VEBO IC ICP PC Tj Tstg Value 600 400 9 0.8 1.6 20 150 -55~+150 Unit V V V A A W
-- -- --
Collector- Emitter VoltageVBE=0 VCES Collector- Emitter VoltageIB=0 Emitter-Base Voltage Collector CurrentDC Collector Currentpulse Total Dissipation (TO-126) Junction Temperature Storage Temperature
ELECTRICAL CHARACTERISTIC
V(BR)CEO V(BR)CBO V(BR)EBO ICBO ICEO IEBO hFE VCE(sat) VBE(sat) tf ts fT
Parameter
Tests conditions Ic=10mA,IB=0 Ic=1mA,IB=0 IE=1mA,Ic=0 VCB=600V, IE=0 VCE=400V,IB=0 VEB=9V, IC=0 VCE=10V, IC=50Ma VCE=5V, IC=0.5A, IC=0.5A, VCC=24V IC=1A IB=100Ma IB=100Ma IC=0.1A,IB1=-IB2=0.02A
Value(min)
470 820 14 20 5 0.4 1.0 -
5 10 5 40 0.8 1.1 0.7 4 -
Value(typ) Value(max)
Unit V V V A A A V V S S MHz
400 600 9 10 3 4
VCE=10V, Ic=0.05A
THERMAL CHARACTERISTIC

Parameter
Symbol TO-126 Rth(j-c)
Value(min) Value(max)
Unit /W
TO-126 Thermal Resistance Junction Case
-
6.25
200910D
2/5
R
3DD13002E
ELECTRICAL CHARACTERISTICS (curves)
hFE - IC
VCE(sat)- IC
10.0
hFE
100
VCE(sat)
1.0
Tj=100
10
0.1
Vce=5V
1 0.001
0.0
Ic/Ib=5
0.100 1.000
0.0 0.1
Tj=25
1.0
0.010
ICA VBE(sat)V VBEsat- IC
1.4 1.2 1.0 0.8 0.6
ICA SOA IC A
TC=25 DC
Tj=100
Tj=25
0.4 0.2 0.0 0.0 0.0 0.1 1.0
CURVES MUST BE DERATED LINEARLY WITH INCREASE IN
Ic/Ib=5
TEMPERATURE
ICA PC-TC PC (percent)
VCEV
TC
200910D
3/5
R
3DD13002E
Unit mm
2.50-2.90 0.60-0.90 0.30-0.70 10.50-11.10 7.10-8.10 2.19-2.39 14.0-17.0 1.07-1.47 4O 3O 2.90-3.30
PACKAGE MECHANICAL DATA TO-126
A B c D E
]
e L F Z Z1 P
200910D
4/5
R
3DD13002E
NOTE
1. Jilin Sino-microelectronics co., Ltd sales its product either through direct sales or sales agent , thus, for customers, when ordering , please check with our company. 2. We strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don't be hesitate to contact us. 3. Please do not exceed the absolute maximum ratings of the device when circuit designing. 4. Jilin Sino-microelectronics co., Ltd reserves the right to make changes in this specification sheet and is subject to change without prior notice.
1. 2.
3. 4.
99 132013 86-432-64678411 86-432-64665812 www.hwdz.com.cn 99 132013 86-432-64675588 64675688 64678411-3098/3099 : 86-432-64671533 Date 2009-6-2 2009-10-29 Last Rev. 200902B 200906C
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD. ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel 86-432-64678411 Fax86-432-64665812 Web Sitewww.hwdz.com.cn MARKET DEPARTMENT ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel: 86-432-64675588 64675688 64678411-3098/3099 Fax: 86-432-64671533 Description of Changes
AppendixRevision History
New Rev. 200906C 200910D
200910D
5/5


▲Up To Search▲   

 
Price & Availability of 3DD13002E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X