Part Number Hot Search : 
4051BCP UFPBF T8502 AQV210S 80851 PMX1GG EP910I CSS1013S
Product Description
Full Text Search
 

To Download 2SC535804 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC5358
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2SC5358
Power Amplifier Applications
Unit: mm * * * High breakdown voltage: VCEO = 230 V Complementary to 2SA1986 Suitable for use in 80-W high fidelity audio amplifier's output stage
Maximum Ratings (Tc = 25C)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation (Tc = 25C) Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Rating 230 230 5 15 1.5 150 150 -55 to 150 Unit V V V A A W C C
JEDEC JEITA TOSHIBA
2-16C1A
Electrical Characteristics (Tc = 25C)
Characteristics Collector cut-off current Emitter cut-off current Collector-emitter breakdown voltage Symbol ICBO IEBO V (BR) CEO hFE (1) DC current gain (Note) hFE (2) Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance VCE (sat) VBE fT Cob Test Condition VCB = 230 V, IE = 0 VEB = 5 V, IC = 0 IC = 50 mA, IB = 0 VCE = 5 V, IC = 1 A VCE = 5 V, IC = 7 A IC = 8 A, IB = 0.8 A VCE = 5 V, IC = 7 A VCE = 5 V, IC = 1 A VCB = 10 V, IE = 0, f = 1 MHz
Weight: 4.7 g (typ.)
Min 230 55 35 Typ. 87 0.4 1.0 30 200 Max 5.0 5.0 160 3.0 1.5 V V MHz pF Unit A A V
Note: hFE (1) classification
R: 55 to 110, O: 80 to 160
1
2004-07-07
2SC5358
Marking
TOSHIBA
C5358
Part No. (or abbreviation code) Lot No. A line indicates lead (Pb)-free package or lead (Pb)-free finish.
Characteristics indicator
2
2004-07-07
2SC5358
IC - VCE
20 Common emitter Tc = 25C 20 Common emitter VCE = 5 V
IC - VBE
IC (A)
600 400 12
300 250 200 150 100 IB = 10 mA 50 40 30
IC (A) Collector current
16
800
16
12 Tc = 100C 8
Collector current
8
4
4 25 -25 0 0
20
0 0
2
4
6
8
10
0.4
0.8
1.2
1.6
2.0
Collector-emitter voltage
VCE
(V)
Base-emitter voltage
VBE
(V)
VCE (sat) - IC
Collector-emitter saturation voltage VCE (sat) (V)
3 1 0.3 Tc = 100C 0.1 0.03 0.01 0.01 -25 25 Common emitter IC/IB = 10 0.1 1 10 100 1 0.01 300 Tc = 100C
hFE - IC
hFE
100 25 30 10 3 Common emitter VCE = 5 V 0.1 1 10 100 -25
Collector current IC (A)
DC current gain
Collector current IC (A)
Safe Operating Area
100 IC max (pulsed)* IC max (continuous) 10 1 ms* 10 ms* 100 ms* 3 1 DC operation Tc = 25C
30
Collector current IC
(A)
0.3 0.1 *: Single nonrepetitive pulse Tc = 25C Curves must be derated 0.03 0.01 1 linearly with increase in temperature. 3 10 30 100 300
VCEO max 1000 3000
Collector-emitter voltage
VCE
(V)
3
2004-07-07
2SC5358
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
030619EAA
* The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations.
4
2004-07-07


▲Up To Search▲   

 
Price & Availability of 2SC535804

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X