Part Number Hot Search : 
MDR2100 A6902D08 A6902D08 GS832 A6902D08 LBT15406 NDL5531P 2SC867
Product Description
Full Text Search
 

To Download 2SC4738F03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4738F
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC4738F
Audio Frequency General Purpose Amplifier Applications
* * * * * High voltage and high current: VCEO = 50 V, IC = 150 mA (max) Excellent hFE linearity: hFE (IC = 0.1 mA)/hFE (IC = 2 mA) = 0.95 (typ.) High hFE: hFE = 120~400 Complementary to 2SA1832F Small package Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Rating 60 50 5 150 30 100 125 -55~125 Unit V V V mA mA mW C C
JEDEC JEITA TOSHIBA
2-2HA1A
Weight: 2.3 mg (typ.)
Electrical Characteristics (Ta = 25C)
Characteristics Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Transition frequency Collector output capacitance Symbol ICBO IEBO hFE (Note) VCE (sat) fT Cob Test Condition VCB = 60 V, IE = 0 VEB = 5 V, IC = 0 VCE = 6 V, IB = 2 mA IC = 100 mA, IB = 10 mA VCE = 10 V, IC = 1 mA VCB = 10 V, IE = 0, f = 1 MHz Min 3/4 3/4 120 3/4 80 3/4 Typ. 3/4 3/4 3/4 0.1 3/4 2.0 Max 0.1 0.1 400 0.25 3/4 3.5 V MHz pF Unit mA mA
Note: hFE classification (
Y (Y): 120~240, GR (G): 200~400
) marking symbol
Marking
1
2003-03-27
2SC4738F
2
2003-03-27
2SC4738F
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
3
2003-03-27


▲Up To Search▲   

 
Price & Availability of 2SC4738F03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X