Part Number Hot Search : 
EPC3173G 00TQI 1N960B 0100C QMR180 60051 6K25G 2SC5374
Product Description
Full Text Search
 

To Download 2SC440904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4409
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC4409
Power Amplifier Applications Power switching applications
* * * * * Low collector saturation voltage: VCE (sat) = 0.5V (max) (at IC = 1A) High speed switching time: tstg = 500ns (typ.) Small flat package PC = 1~2 W (Mounted on a ceramic substrate) Complementary to 2SA1681 Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC IB PC PC (Note) Tj Tstg Rating 80 50 6 2 0.2 500 1000 150 -55~150 2 Unit V V V A A mW mW C C
JEDEC JEITA TOSHIBA
SC-62 2-5K1A
Weight: 0.05 g (typ.)
Note: 2SC4409 mounted on a ceramic substrate (250 mm x 0.8 t)
1
2004-07-07
2SC4409
Electrical Characteristics (Ta = 25C)
Characteristics Collector cut-off current Emitter cut-off current Collector-emitter breakdown voltage DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Turn-on time Symbol ICBO IEBO V (BR) CEO hFE (1) hFE (2) VCE (sat) VBE (sat) fT Cob ton 20 s Input Switching time Storage time tstg IB1 IB2 Fall time tf IB1 = -IB2 = 0.05 A, Duty cycle < 1% = IB1 IB2 Test Condition VCB = 80 V, IE = 0 VEB = 6 V, IC = 0 IC = 10 mA, IB = 0 VCE = 2 V, IC = 100 mA VCE = 2 V, IC = 1.5 A IC = 1 A, IB = 0.05 A IC = 1 A, IB = 0.05 A VCE = 2 V, IC = 100 mA VCB = 10 V, IE = 0, f = 1 MHz Output 30 Min 50 120 40 Typ. 100 14 0.1 Max 0.1 0.1 400 0.5 1.2 V V MHz pF Unit A A V
30 V
0.5
s
0.1
Marking
Part No. (or abbreviation code)
K
Lot No.
A
A line indicates lead (Pb)-free package or lead (Pb)-free finish.
2
2004-07-07
2SC4409
IC - VCE
2.4 2.0 100 50 1.6 Ta = 25C 20 15 10 500
hFE - IC DC current gain hFE
Common emitter 300 100 50 30 10 1 6 4 -25 Ta = 100C 25 Common emitter VCE = 2 V
Collector current IC
(A)
30
1.2
3
10
30
100
300
1000
3000
0.8
Collector current IC
(mA)
0.4
IB = 2 mA 0 1 2 3 4 5
0 0
Collector-emitter voltage
VCE (V)
VCE (sat) - IC
3
VBE (sat) - IC Base-emitter saturation voltage VBE (sat) (V)
3
Collector-emitter saturation voltage VCE (sat) (V)
Common emitter 1 0.5 0.3 0.1 0.05 0.03 0.01 1 25 -25 3 10 30 100 300 1000 3000 IC/IB = 20
1 0.5
Ta = -25C
Ta = 100C
0.2 1
25 100 3 10 30 100
Common emitter IC/IB = 20 300 1000 3000
Collector current
IC
(mA)
Collector current IC
(mA) Safe operating area
10 5 3 IC max (pulsed)* IC max (continuous) 10 ms* 1 ms*
100 ms*
(A) Collector current IC
IC - VBE
2.0 Common emitter VCE = 2 V
1 0.5 0.3 DC Operation (Ta = 25C) 0.1 0.05 0.03
Collector current IC
(A)
1.6
1.2
0.8
Ta = 100C
25
-25
0.01 0.005 *: Single nonrepetitive pulse Ta = 25C Curves must be derated linearly with increase in temperature. VCEO max
0.4
0.003
0 0
0.2
0.4
0.6
0.8
1.0
1.2
0.001 0.1
0.3
1
3
10
30
100
Base-emitter voltage
VBE
(V)
Collector-emitter voltage
VCE (V)
3
2004-07-07
2SC4409
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
030619EAA
* The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations.
4
2004-07-07


▲Up To Search▲   

 
Price & Availability of 2SC440904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X