![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1N6263W SURFACE MOUNT SCHOTTKY BARRIER DIODE Please click here to visit our online spice models database. Features * * * * * * Low Forward Voltage Drop Guard Ring Construction for Transient Protection Fast Switching Time Low Reverse Capacitance Surface Mount Package Ideally Suited for Automated Insertion Lead, Halogen and Antimony Free, RoHS Compliant "Green" Device (Notes 3 and 4) Mechanical Data * * * * * * * * * Case: SOD-123 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe) Polarity: Cathode Band Marking Information: See Page 2 Ordering Information: See Page 2 Weight: 0.01 grams (approximate) Top View Maximum Ratings @TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) IF IFSM Value 60 42 15 50 2.0 Unit V V mA mA A Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current Non-Repetitive Peak Forward Surge Current @ t 1.0s @ t = 10ms Thermal Characteristics Characteristic Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating Temperature Range Storage Temperature Range Symbol PD RJA TJ TSTG Value 333 300 -55 to +125 -55 to +150 Unit mW C/W C C Electrical Characteristics Characteristic Reverse Breakdown Voltage (Note 2) Reverse Leakage Current (Note 2) Forward Voltage Drop Total Capacitance Reverse Recovery Time Notes: 1. 2. 3. 4. @TA = 25C unless otherwise specified Symbol V(BR)R IRM VFM CT trr Min 60 Typ Max 200 0.41 1.0 2.2 1.0 Unit V nA V pF ns Test Condition IR = 10A VR = 50V IF = 1.0mA IF = 15mA VR = 0V, f = 1.0MHz IF = IR = 5.0mA Irr = 0.1 x IR, RL = 100 Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. Short duration pulse test used to minimize self-heating effect. No purposefully added lead. Halogen and Antimony Free. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 1N6263W Document number: DS11014 Rev. 14 - 2 1 of 3 www.diodes.com July 2008 (c) Diodes Incorporated 1N6263W IF, INSTANTANEOUS FORWARD CURRENT (mA) IR, INSTANTANEOUS REVERSE CURRENT (nA) 100 TA = 125C TA = 75C TA = 25C 10,000 1,000 10 100 10 1.0 1 TA = 0C 0.1 0 TA = -40C 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics 0.1 0 10 40 20 30 50 60 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 25 35 40 10 15 30 VR, DC REVERSE VOLTAGE (V) Fig. 3 Total Capacitance vs. Reverse Current 5 PD, POWER DISSIPATION (mW) 350 Note 1 300 250 200 150 100 50 0 0 25 125 50 100 75 TA, AMBIENT TEMPERATURE (C) Fig. 4 Power Derating Curve 150 Ordering Information Part Number 1N6263W-7-F Notes: CT, TOTAL CAPACITANCE (pF) (Note 5) Case SOD-123 Packaging 3000/Tape and Reel 5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Marking Information SB = Product Type Marking Code YM = Date Code Marking Y = Year (ex: T = 2006) M = Month (ex: 9 = September) SB Date Code Key Year 1998 Code Month Code J Jan 1 1999 K 2000 L Feb 2 2001 M Mar 3 2002 N 2003 P Apr 4 2004 2005 R May 5 S YM 2006 T Jun 6 2007 U Jul 7 2008 V 2009 W Aug 8 2010 X Sep 9 2011 Y 2012 Z Oct O 2013 A Nov N 2014 B 2015 C Dec D 1N6263W Document number: DS11014 Rev. 14 - 2 2 of 3 www.diodes.com July 2008 (c) Diodes Incorporated 1N6263W Package Outline Dimensions C H B A M L K SOD-123 Dim Min Max A 0.55 Typ B 1.40 1.70 C 3.55 3.85 H 2.55 2.85 J 0.00 0.10 K 1.00 1.35 L 0.25 0.40 M 0.10 0.15 0 8 All Dimensions in mm Suggested Pad Layout C X Y G Z Dimensions Value (in mm) Z 4.9 G 2.5 X 0.7 Y 1.2 C 3.7 IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated. 1N6263W Document number: DS11014 Rev. 14 - 2 3 of 3 www.diodes.com July 2008 (c) Diodes Incorporated |
Price & Availability of 1N6263W08
![]() |