Part Number Hot Search : 
16010 RS1MB LH28F160 PW654425 3SMC110A 5KE11A RS403 SR540
Product Description
Full Text Search
 

To Download 1N4728A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4728A Thru 1N4762A
Axial Lead Zener Diodes
P b Lead(Pb)-Free
SMALL SIGNAL ZENER DIODES 1.0 WATTS
Features: * High reliability * Very sharp reverse characteristic * Low reverse current level * VZ-tolerance 5% Mechanical Data: * Voltage stabilization * Case : DO-41 Glass Case * Weight : Approx 0.33 gram
DO-41
DO-41 Outline Dimensions
Unit:mm
C D
A
B
A
A DIM DO-41 Min 26.0 Max Min -
B Max 4.50 Min -
C Max 0.85 Min -
D Max 2.7
http//www.weitron.com.tw
WEITRON
1/4
Rev.A 03-Dec-2010
1N4728A Thru 1N4762A Maximum Ratings and Electrical Characteristics (TA=25C Unless Otherwise Noted)
Parameter
Power dissipation Z-current Junction ambient I=9.5mm(3/8") TL=constant TA 50C
Symbol
PV IZ RJA Tj T stg
Value
1.0 PV/VZ 100 200 -65~+175
Unit
W mA K/W C C
Junction temperature Storage temperature range
Electrical Characteristics
Parameter
Forward voltage I F=200mA
Symbol
VF
Min -
Typ -
Max 1.2
Unit V
http//www.weitron.com.tw
WEITRON
2/4
Rev.A 03-Dec-2010
1N4728A Thru 1N4762A
VZnom1) IZT for rzjT rzjK at IZK IR at VR V mA mA A V 1N4728A 3.3 76 <10 <400 1 <100 1 1N4729A 3.6 69 <10 <400 1 <100 1 1N4730A 3.9 64 <9 <400 1 <50 1 1N4731A 4.3 58 <9 <400 1 <10 1 1N4732A 4.7 53 <8 <500 1 <10 1 1N4733A 5.1 49 <7 <550 1 <10 1 1N4734A 5.6 45 <5 <600 1 <10 2 1N4735A 6.2 41 <2 <700 1 <10 3 1N4736A 6.8 37 <3.5 <700 1 <10 4 1N4737A 7.5 34 <4.0 <700 0. 5 <10 5 1N4738A 8.2 31 <4.5 <700 0. 5 <10 6 1N4739A 9.1 28 <5.0 <700 0. 5 <10 7 1N4740A 10 25 <7 <700 0.25 <10 7.6 1N4741A 11 23 <8 <700 0.25 <5 8.4 1N4742A 12 21 <9 <700 0.25 <5 9.1 1N4743A 13 19 <10 <700 0.25 <5 9.9 1N4744A 15 17 <14 <700 0.25 <5 11.4 1N4745A 16 15.5 <16 <700 0.25 <5 12.2 1N4746A 18 14 <20 <750 0.25 <5 13.7 1N4747A 20 12.5 <22 <750 0.25 <5 15.2 1N4748A 22 11.5 <23 <750 0.25 <5 16.7 1N4749A 24 10.5 <25 <750 0.25 <5 18.2 1N4750A 27 9.5 <35 <750 0.25 <5 20.6 1N4751A 30 8.5 <40 <1000 0.25 <5 22.8 1N4752A 33 7.5 <45 <1000 0.25 <5 25.1 1N4753A 36 7.0 <50 <1000 0.25 <5 27.4 1N4754A 39 6.5 <60 <1000 0.25 <5 29.7 1N4755A 43 6.0 <70 <1500 0.25 <5 32.7 1N4756A 47 5.5 <80 <1500 0.25 <5 35.8 1N4757A 51 5.0 <95 <1500 0.25 <5 38.8 1N4758A 56 4.5 <110 <2000 0.25 <5 42.6 1N4759A 62 4.0 <125 <2000 0.25 <5 47.1 1N4760A 68 3.7 <150 <2000 0.25 <5 51.7 1N4761A 75 3.3 <175 <2000 0.25 <5 56 <200 <3000 0.25 1N4762A 82 3.0 <5 62.2 1) Based on DC-measurement at thermal equilibrium while maintaining the lead temperature(TL)at 30, Type 9.5mm(3/8") from the diode body.
WEITRON
http//www.weitron.com.tw
3/4
Rev.A 03-Dec-2010
1N4728A Thru 1N4762A
WEITRON
http//www.weitron.com.tw
4/4
Rev.A 03-Dec-2010


▲Up To Search▲   

 
Price & Availability of 1N4728A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X