Part Number Hot Search : 
HV2901 HSOP28 H8NA60FI MB89F051 NSVS1106 74HC7 DB104G 2N1117
Product Description
Full Text Search
 

To Download 1210A240KRR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TYPE CITATION SUBJECT
SMV1210AKRR Structure
MODEL DATE REV.
PAGE
1/9
Feb. 13, 2009
C01
1. STRUCTURE
NO. 1.1 1.2 1.3 1.4 1.5 1.6 1.7 ITEM Main Material End termination Packaging Complies with Standard Zinc Oxide Ag/Ni/Sn Reel IEC61000-4-5 DESCRIPTION
Complies with RoHS Yes Standard Lead content < 1000ppm Reflow solder profile 250 temperature (Recommend)
L W T(max.) 3.20 0.20 2.50 0.20 1.50 0.5 0.2
1.8
Dimensions
a
TYPE CITATION SUBJECT
SMV1210AKRR Electrical Characteristics
MODEL DATE REV.
PAGE
2/9
Feb. 13, 2009
C01
2. ELECTRICAL CHARACTERISTICS
N0. 2.0 ITEM Standard Conditions Maximum Allowable Voltage Varistor Voltage Varistor Voltage Temperature Coefficient Max. Clamping Voltage AC : *(1) Vrms DC : *(1) V V0.1mA : *(1) V 0 ~ -0.05 %/C *(1) V at 1 A Peak voltage across the varistor with a specified peak impulse current of 8x20s waveform. The max. current within the varistor voltage change of less than 10% when one impulse current (8x20s) applied. The max. energy absorbed with a varistor voltage change of less than 10% when one impulse (10x1000s) is applied. at V1mAx80% at V1mAx80% (After Reliability Test) Capacitance shall be measured at 1 kHz10%,1 Vrms max.(1 MHz below 100 pF) 0V bias and 202
PERFORMANCE
2.1 2.2 2.3 2.4
TEST METHODS Unless otherwise specified, all tests are made under environmental conditions as given below: Temperature: 5~35C Relative humidity: 45~85 % RH Maximum continuous sine wave(RMS) or DC voltage which may be applied. Voltage across the varistor measured at CmA DC.
Withstanding Surge 2.5 Current
*(1) A
2.6 2.7 2.8 2.9
Energy Response time Leakage current Capacitance
*(1) Joule
Trise < 1 nS I Vv I Vv
<50 <200A
*(1) pF.
*(1) See table 2.1 Electrical Characteristics
TYPE CITATION SUBJECT
SMV1210AKRR
Electrical Characteristics
MODEL DATE REV.
PAGE
3/9
Feb. 13, 2009
C01
Table 2.1 Electrical Characteristics Maximum Part Varistor Allowable Number Voltage Voltage
Symbol 1210A180KRR 1210A240KRR 1210A270KRR 1210A330KRR 1210A470KRR AC 11 14 17 20 30 DC 14 18 22 26 38 V1mA 18 ( 15.3~20.7 ) 24( 21.6~26.4 ) 27( 24.3~29.7 ) 33( 29.7~36.6 ) 47( 42.3~51.7 )
Max. Clamping Voltage
V( 2) 30 39 44 54 77
Withstanding Surge Current Energy Capacitance
A( 3) 400 400 400 400 400 J 1.2 1.4 1.7 1.9 2.0 PF( 1)(kHz) 2000 1600 1500 880 530
TYPE CITATION SUBJECT
SMV1210AKRR
Reliability
MODEL DATE REV.
PAGE
4/9
Feb. 13, 2009
C01
3. ENVIRONMENTAL CHARACTERISTICS
No. 3.1
Characteristic High Temperature Storage Test method and description The specimen shall be subjected to 150 2 for 1000 12 hours in a thermostatic bath without load and then stored at room temperature and humidity for 1 to 2 hours. The change of varistor voltage shall be within 10. The temperature cycle of specified temperature shall be repeated five times and then stored at room temperature and change of varistor voltage shall be within 10and mechanical damage shall be High Temperature Load Step 1 2 3 4 Temperature -403 Room Temperature 1252 Room Temperature Period 30Min3 1~2 hours 30Min3 1~2 hours
3.2 Temperature Cycle humidity for one or two hours. The
After being continuously applied the maximum allowable voltage at 85 2 For 1000 2 hours, the specimen shall be stored at room temperature and humidity for one or two hours, the change of varistor voltage shall be within 10. The specimen should be subjected to 40 2, 90 to 95%RH environment, and the
3.3
3.4
Damp Heat Load/ Humidity Load
maximum allowable voltage applied for 1000 hours, then stored at room temperature and humidity for one or two hours. The change of varistor voltage shall be within 10%. The specimen should be subjected to -40 2, without load for 500 hours and then
3.5
Low Temperature Storage
stored at room temperature for one or two hours. The change of varistor voltage shall be within 10
4. TECHNICAL TERM
No. 4.1 4.2 4.3 Item
Operating Temperature Range Storage Temperature Range Transient Response Time
Specifications
-40 to +85 -40 to +125 < 50 ns
Description
Operating temperature range without derating. Storage temperature range without voltage applied. Time lag between application of surge and varistor's "turn-on" conduction action.
TYPE CITATION SUBJECT
SMV1210AKRR Soldering
MODEL DATE REV.
PAGE
5/9
Feb. 13, 2009
C01
5. SOLDERING RECOMMENDATIONS
5.1 Recommended solder pad layout
A
B
C
D
1.8~2.5
4.2~5.2
2.2~3.0
1.3~2.0
Unitmm
5.2 The SIR test of the solder paste shall be doneBased on JIS-Z-3284 5.3 Steel plate and foot distance printing Foot distance printing (mm) > 0.65mm 0.65mm~0.5mm 0.50mm~0.40mm <=0.40 mm Steel Plate thickness (mm) 0.18mm 0.15mm 0.12mm 0.10mm
5.4 IR Soldering Rapid heating, partial heating or rapid cooling will easily cause defect of the component. So preheating and gradual cooling process is suggested. IR soldering has the highest yields due to controlled heating rates and solder liquids times. Make sure that the element is not 2.4 The IR reflow and temperature of Soldering for Pb Free subjected to a thermal gradient steeper than 4 degrees per second. 2 degrees per second is the ideal gradient. During the soldering process, pre- heating to within 100 degrees of the solders peak temperature is essential to minimize thermal shock.
TYPE CITATION
SUBJECT
SMV1210AKRR
Soldering
MODEL DATE
REV.
PAGE
6/9
Feb. 13, 2009
C01
IR reflow Pb Free Process suggestion profile (1) The solder recommend is Sn96.5/Ag 3.5 of 120 to 150m (2) Ramp-up rate (217 to Peak) + 3/second max (3) Temp. maintain at 175 +/-25 180 seconds max (4) Temp. maintain above 217 60-150 seconds (5) Peak temperature range 245 +20/ -10 time within 5 of actually peak temperature (tp) 10~20 seconds (6) Ramp down rate +6 /second max. Perform adequate test in advance as the reflow temperature profile will vary according to the conditions of the manufacturing process, and the specification of the reflow furnace. 5.5 Resistance to soldering heat-High Temperature Resistance:260,10sec-3times. 5.6 Hand Soldering In hand soldering of the Varistors. Large temperature gradient between preheated the Varistors and the tip of soldering iron may cause electrical failures and mechanical damages such as crackings or breakings of the devices. The soldering shall be carefully controlled and carried out so that the temperature gradient is kept minimum with following recommended conditions for hand soldering. 5.6.1 Recommended Soldering Condition 1 1 Solder 0.12~0.18mm Thread solder (Sn96.5:Ag3.5) with soldering flux in the core. Rosin-based and non-activated flux is recommended. 2 Preheating The Varistors shall be preheated so that Temperature Gradient between the devices and the tip of soldering iron is 150 or below.
TYPE CITATION SUBJECT
SMV1210AKRR Soldering
MODEL DATE REV.
PAGE
7/9
Feb. 13, 2009
C01
3Soldering Iron Rated Power of 20w max with 3mm soldering tip in diameter. Temperature of soldering iron tip 380max,3-5sec ( The required amount of solder shall be melted in advance on the soldering tip.) 4Cooling After soldering. The Varistors shall be cooled gradually at room ambient temperature. 5.6.2 Recommended Soldering Condition 2Without preheating 1Solder iron tip shall not directly touch to ceramic dielectrics. 2Solder iron tip shall be fully preheated before soldering while soldering iron tip to the external electrode of Varistors. 5.7 Post Soldering Cleaning 5.7.1 Residues of corrosive soldering fluxes on the PC board after cleaning may greatly have influences on the electrical characteristic and the reliability (such as humidity resistance)of the Varistors which have been mounted on the board. It shall be confirmed that the characteristic and the reliability of the devices are not affected by the applied cleaning conditions. 5.7.2. When an ultrasonic cleaning is applied to the mounted Varistors on PC Boards. Following conditions are recommended for preventing failures or damages of the devices due to the large vibration energy and the resonance caused by the ultrasonic waves. 1Frequency 29MHz max 2Radiated Power 20w/lithr max 3Period 5minuets max
TYPE CITATION SUBJECT
SMV1210AKRR
MODEL DATE
PAGE
8/9
Feb. 13, 2009
Packaging Specification
REV.
C01
6. PACKAGING SPECIFICATION
6.1 Carrier tape and transparent cover tape should be heat-sealed to carry the products, and the reel should be used to reel the carrier tape. 6.2 The adhesion of the heat-sealed cover tape shall be 40 +20/ -15grams. 6.3 Both the head and the end portion of the taping shall be empty for reel package and SMT auto-pickup machine. And a normal paper tape shall be connected in the head of taping for the operator to handle
K0 A0 B0 Symbol 0.10 0.10 0.10
T 0.05
0.22
D0 T2 +0.10 0.05 -0.00
1.77 1.50
D1 0.05
1.00
W E P1 P2 P0 0.10 0.05 0.05 0.20 0.10
4.00 2.00 4.00 8.00 1.75
F 0.05
3.50
mm
2.78
3.46
1.55
TYPE CITATION SUBJECT
SMV1210AKRR Reel Dimension
MODEL DATE REV.
PAGE
9/9
Feb. 13, 2009
C01
7. REEL DIMENSION
E C
B D
W1 W
A
Symbol Unit(mm)
A 1781
B 600.5
C 130.2
D 210.2
E 2.00.5
W 90.5
W1 1.50.15
Standard packaging1000 pcs/Reel.


▲Up To Search▲   

 
Price & Availability of 1210A240KRR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X