Part Number Hot Search : 
AT76C511 P06AB SSP1TKR 25CMB SSP1TKR 1N2248A ADP3110A MAX3469
Product Description
Full Text Search
 

To Download 0873812000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0873812000 Active
2.00mm (.079") Pitch Milli-GridTM Receptacle, Surface Mount, Top Entry, 0.76m (30") Gold (Au) Plating, without Cap, without Locating Peg, 20 Circuits, Tape and Reel, Leadfree
Documents: 3D Model Drawing (PDF)
Product Specification PS-87380-002 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Product Name PCB Receptacles 87381 Board-to-Board Milli-GridTM
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 20 20 Black 25 94V-0 No None Phosphor Bronze Gold Tin-Lead High Temperature Thermoplastic 2 Vertical No None Embossed Tape on Reel 0.079 In 2.00 mm 0.079 In 2.00 mm 30 0.76 50 1.27 No No Yes Yes -55C to +105C Surface Mount
Search Parts in this Series 87381Series Mates With 87758 Vertical, Through Hole, Stackable PCB Header, 87759 Vertical, Surface Mount, Stackable PCB Header, 87760 Right Angle, Through Hole, Stackable PCB Header, 87831 Vertical, Through Hole PCB Header, 87832 Vertical, Surface Mount PCB
Electrical
Current - Maximum per Contact Voltage - Maximum 1.9A 125V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C
12 Reflow Capable (SMT only) 1 260
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-87380-002 SD-87381-**6*
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0873812000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X