Part Number Hot Search : 
SA100 FSQ2W 24AA32 SA100 FSQ2W 24AA32 ON0584 2SC1941
Product Description
Full Text Search
 

To Download 0736420200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0736420200 Active
hdm 2.00mm (.079") Pitch HDM(R) Board-to-Board Backplane Header, Vertical, Press-Fit, Open End, 72 Circuits
Documents: 3D Model Test Summary (PDF) Drawing (PDF)
Product Specification PS-73670-9999 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
Agency Certification
CSA UL LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Overview Product Name Style Backplane Connectors 73642 Backplane Standard Press-Fit PCB Header hdm HDM(R) N/A
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) 72 72 Black, Natural 250 No 94V-0 No None Phosphor Bronze Gold Gold High Temperature Thermoplastic 12 Open Pin Field 6 Vertical 0.138 In 3.50 mm No None 0.062 In 1.60 mm Tube 0.079 In 2.00 mm 0.079 In 2.00 mm 30 0.75 2
Search Parts in this Series 73642Series Mates With 73632 HDM PLUS(R) Board-to-Board Daughtercard Receptacle. 73780 HDM(R) Board-to-Board Daughtercard Receptacle Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Flat Rock Tooling for 0622013700 Pneumatic Press HDM(R) Backplane 0621001400 Insertion Signal Contact Tool Extraction Tool 0621001000
Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
0.05 No Yes Yes -55C to +105C Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Shielded Voltage - Maximum 1A 1.0 Gbps 75 No 250V AC
Material Info Reference - Drawing Numbers
Packaging Specification PK-70873-0818 Product Specification PS-73670-9999 Sales Drawing SDA-73642-**** HDM and High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0736420200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X