Part Number Hot Search : 
MT1210 AT17F16 NCP699S 2N427 CT245 AD724 NM60N BCD07
Product Description
Full Text Search
 

To Download 0472730001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0472730001 Active
2.54mm (.100") Pitch SIM Card Holder, 6 Circuits, SMT, 0.75m (30") Gold (Au) Plating, with Staggered Solder Tabs, Housing Height 2.70mm (.106"), Lead Free
Documents: 3D Model Drawing (PDF)
Product Specification PS-47273-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Memory Card Sockets 47273 N/A Card Holder (Host) SIM N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Button Type Component Type Product Name Type
Physical
Card Detection Switch Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Temperature Range - Operating Termination Interface: Style N/A 6 6 Black 5,000 No Ejector Button Present Vertical (Top Entry) Yes Phosphor Bronze Gold Gold High Temperature Thermoplastic No Normal Yes Embossed Tape on Reel 0.100 In 2.54 mm 0.100 In 2.54 mm 30 0.75 2 0.05 1 -40C to +85C Surface Mount
Search Parts in this Series 47273Series Mates With Standard SIM Card
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 0.5A No 5V AC (RMS)/DC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 3 Reflow Capable (SMT only) 3 250
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-47273-001 SD-47273-001
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0472730001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X