Part Number Hot Search : 
56312 P75NF SP485EN MMBZ5244 TPDVXX40 TPDVXX40 2SC2405 TC4440
Product Description
Full Text Search
 

To Download 0436440021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0436440021 Active
4.20mm (.165") Pitch Mini-Fit Jr.TM BMI Header, Dual Row, Right Angle, 18 Circuits, PA Polyamide Nylon 6/6 94V-0, with Gold (Au) Plating
Documents: 3D Model Drawing (PDF)
Product Specification PS-5556-002 (PDF) RoHS Certificate of Compliance (PDF) Series PCB Headers 43644 Board-to-Board, Wire-to-Board Current = 13A max. per circuit when header is mated to a receptacle loaded with 45750 Mini-Fit Plus HCSTM Crimp Terminal Crimpted to to 16 AWG wire. . See Molex Product specification PS-5556-002 for additional current de-rating information. Mini-Fit BMITM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments
Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 18 18 Natural (White) 30 No No No None None Brass Gold Tin Nylon 2 Right Angle 0.130 In 3.30 mm Yes None 0.093 In 2.40 mm Tray 0.165 In 4.20 mm 30 0.76 100 2.54 Yes Partial No No -40C to +105C Through Hole
Search Parts in this Series 43644Series Mates With 44516 Slide-and-Lock Receptacle, 42474 Receptacle Housing, 44475 Mini-Fit HCSTM Receptacle Header, 5557d Receptacle Housing, 42385 Receptacle Header
Electrical
Current - Maximum per Contact Voltage - Maximum 13A 600V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-42404-002 PS-5556-002 SD-43644-002 TS-5556-002
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0436440021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X