![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/13/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0436440014 Active 4.20mm (.165") Pitch Mini-Fit Jr.TM BMI Header, Dual Row, Right Angle, 4 Circuits, PA Polyamide Nylon 6/6 94V-0, with Gold (Au) Plating Documents: 3D Model Drawing (PDF) Product Specification PS-5556-002 (PDF) RoHS Certificate of Compliance (PDF) Series PCB Headers 43644 Board-to-Board, Wire-to-Board Current = 13A max. per circuit when header is mated to a receptacle loaded with 45750 Mini-Fit Plus HCSTM Crimp Terminal Crimpted to to 16 AWG wire. . See Molex Product specification PS-5556-002 for additional current de-rating information. Mini-Fit BMITM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Comments Product Name Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 4 4 Natural (White) 30 No No No None None Brass Gold Tin Nylon 2 Right Angle 0.130 In 3.30 mm Yes None 0.093 In 2.40 mm Tray 0.165 In 4.20 mm 30 0.76 100 2.54 Yes Partial No No -40C to +105C Through Hole Search Parts in this Series 43644Series Mates With 44516 Slide-and-Lock Receptacle, 42474 Receptacle Housing, 44475 Mini-Fit HCSTM Receptacle Header, 5557d Receptacle Housing, 42385 Receptacle Header Electrical Current - Maximum per Contact Voltage - Maximum 13A 600V Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing Test Summary PK-42404-002 PS-5556-002 SD-43644-002 TS-5556-002 This document was generated on 05/13/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0436440014
![]() |