Part Number Hot Search : 
TB1300L EN8949 EN8949 LTC169 402ML SM6503AD TK713 SH7020
Product Description
Full Text Search
 

To Download 0395264006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0395264006 Active
5.00mm (.197") Pitch EurostyleTM Horizontal PCB Header, with Threaded Retention Inserts, Surface Mount Compatible, 6 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-39500-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39526 Wire-to-Board PCB Header USA-355 ESE, EurostyleTMPluggable Euro Block
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Wire Size AWG 6 N/A Yes 1 Horizontal 0.154 In 3.90 mm 0.125 In 3.20 mm No 0.197 In 5.00 mm Yes Closed Ends No Yes -40C to +140C N/A
Search Parts in this Series 39526Series Mates With Most 5.00mm (.197") Pitch Industry Standard Plugs, 39524 Horizontal Plug with Retention Screws, 39527 Vertical Plug with Retention Screws
Electrical
Current - Maximum per Contact Voltage - Maximum 15A 300V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-39500-001 SD-39501-002, SD-39526-001
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Material Numbers Black 100% Tin Circuit size 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Printing Options None 395264002 395264003 395264004 395264005 395264006 395264007 395264008 395264009 395264010 395264011 395264012 395264013 395264014 395264015 395264016 395264017 395264018 395264019 395264020 395264021 395264022 395264023 395264024 10A 395264102 395264103 395264104 395264105 395264106 395264107 395264108 395264109 395264110 395264111 395264112 395264113 395264114 395264115 395264116 395264117 395264118 395264119 395264120 395264121 395264122 395264123 395264124 11A 395264202 395264203 395264204 395264205 395264206 395264207 395264208 395264209 395264210 395264211 395264212 395264213 395264214 395264215 395264216 395264217 395264218 395264219 395264220 395264221 395264222 395264223 395264224 None 395264502 395264503 395264504 395264505 395264506 395264507 395264508 395264509 395264510 395264511 395264512 395264513 395264514 395264515 395264516 395264517 395264518 395264519 395264520 395264521 395264522 395264523 395264524 30 u" Gold Printing Options 10A 395264602 395264603 395264604 395264605 395264606 395264607 395264608 395264609 395264610 395264611 395264612 395264613 395264614 395264615 395264616 395264617 395264618 395264619 395264620 395264621 395264622 395264623 395264624 11A 395264702 395264703 395264704 395264705 395264706 395264707 395264708 395264709 395264710 395264711 395264712 395264713 395264714 395264715 395264716 395264717 395264718 395264719 395264720 395264721 395264722 395264723 395264724 None 395269002 395269003 395269004 395269005 395269006 395269007 395269008 395269009 395269010 395269011 395269012 395269013 395269014 395269015 395269016 395269017 395269018 395269019 395269020 395269021 395269022 395269023 395269024 100% Tin Printing Options 10A 395269102 395269103 395269104 395269105 395269106 395269107 395269108 395269109 395269110 395269111 395269112 395269113 395269114 395269115 395269116 395269117 395269118 395269119 395269120 395269121 395269122 395269123 395269124 11A 395269202 395269203 395269204 395269205 395269206 395269207 395269208 395269209 395269210 395269211 395269212 395269213 395269214 395269215 395269216 395269217 395269218 395269219 395269220 395269221 395269222 395269223 395269224 None 395269502 395269503 395269504 395269505 395269506 395269507 395269508 395269509 395269510 395269511 395269512 395269513 395269514 395269515 395269516 395269517 395269518 395269519 395269520 395269521 395269522 395269523 395269524 Green 30 u" Gold Printing Options 10A 395269602 395269603 395269604 395269605 395269606 395269607 395269608 395269609 395269610 395269611 395269612 395269613 395269614 395269615 395269616 395269617 395269618 395269619 395269620 395269621 395269622 395269623 395269624 11A 395269702 395269703 395269704 395269705 395269706 395269707 395269708 395269709 395269710 395269711 395269712 395269713 395269714 395269715 395269716 395269717 395269718 395269719 395269720 395269721 395269722 395269723 395269724 Dim. A mm 20.00 25.00 30.00 35.00 40.00 45.00 50.00 55.00 60.00 65.00 70.00 75.00 80.00 85.00 90.00 95.00 100.00 105.00 110.00 115.00 120.00 125.00 130.00 inch 0.787 0.984 1.181 1.378 1.575 1.772 1.969 2.165 2.362 2.559 2.756 2.953 3.150 3.346 3.543 3.740 3.937 4.134 4.331 4.528 4.724 4.921 5.118 Dim B mm 5.00 10.00 15.00 20.00 25.00 30.00 35.00 40.00 45.00 50.00 55.00 60.00 65.00 70.00 75.00 80.00 85.00 90.00 95.00 100.00 105.00 110.00 115.00 inch 0.197 0.394 0.591 0.787 0.984 1.181 1.378 1.575 1.772 1.969 2.165 2.362 2.559 2.756 2.953 3.150 3.346 3.543 3.740 3.937 4.134 4.331 4.528 Dim. C mm 15.00 20.00 25.00 30.00 35.00 40.00 45.00 50.00 55.00 60.00 65.00 70.00 75.00 80.00 85.00 90.00 95.00 100.00 105.00 110.00 115.00 120.00 125.00 inch 0.591 0.787 0.984 1.181 1.378 1.575 1.772 1.969 2.165 2.362 2.559 2.756 2.953 3.150 3.346 3.543 3.740 3.937 4.134 4.331 4.528 4.724 4.921 Dimensional Information
Description 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp 5.0mm, Euro Header, Right Angle, Mounting Ends, High Temp


▲Up To Search▲   

 
Price & Availability of 0395264006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X