![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/03/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0359770701 Planned for Obsolescence mv396 3.96mm (.156") Pitch Wire-to-Board Housing, Positive Lock, 7 Circuits, PA Polyamide Nylon 6/6, UL 94V-2, Black, Glow Wire Compatible Documents: 3D Model Drawing (PDF) Product Specification PS-35979-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72090224 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA TUV UL General Product Family Series Overview Product Name Crimp Housings 35977 mv396 MV-396TM Physical Breakaway Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating No 7 Black 94V-0 Female No None Yes Nylon 1 Bag No 0.156 In 3.96 mm Yes Yes -25C to +85C Search Parts in this Series 35977Series Mates With Wire-to-Board Header 35978 , 35979 Use With Wire-to-Board Terminal 35922 Electrical Current - Maximum per Contact 7A Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-35977-001 PS-35979-001 SD-35977-001 This document was generated on 06/03/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0359770701
![]() |