Part Number Hot Search : 
1206L 1N5097 SMA427A PT8A2543 AN1487 MAX483 A1701 RT1432B6
Product Description
Full Text Search
 

To Download 0359770304 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0359770304 Planned for Obsolescence
mv396 3.96mm (.156") Pitch Wire-to-Board Housing, Positive Lock, 3 Circuits, PA Polyamide Nylon 6/6, UL 94V-2, Blue, Glow Wire Compatible
Documents: 3D Model Drawing (PDF) Product Specification PS-35978-001 (PDF)
Product Specification PS-35979-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
Agency Certification
CSA TUV UL LR19980 R72090224 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Overview Product Name Crimp Housings 35977 mv396 MV-396TM
Physical
Breakaway Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating No 3 Blue 94V-0 Female No None Yes Nylon 1 Bag No 0.156 In 3.96 mm Yes Yes -25C to +85C
Search Parts in this Series 35977Series Mates With Wire-to-Board Header 35978 , 35979 Use With Wire-to-Board Terminal 35922
Electrical
Current - Maximum per Contact 7A
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-35977-001 PS-35978-001, PS-35979-001 SD-35977-001
This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0359770304

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X