|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/01/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0359610250 Active 6.00mm (.236") Pitch MP-LockTM Housing, 2 Circuits, for 4.75mm (.187") Tab, With Polarization Documents: 3D Model Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family Series Product Name Crimp Housings 35961 MP-LockTM Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. SD-35961-004 Search Parts in this Series 35961Series Mates With Appliance Motor|Appliance Capacitor Use With 35068 Female Terminal Physical Breakaway Circuits (maximum) Gender Glow-Wire Compliant Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating No 2 Female No 2 Bag No 0.236 In 6.00 mm No -40C to +105C Material Info Reference - Drawing Numbers Sales Drawing This document was generated on 04/01/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0359610250 |