|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/12/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0190730007 Active AvikrimpTM Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 4, Length 18.00mm (.708") Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA UL LR18689 E32244 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Series General Product Family Series Comments Crimp Quality Equipment Mil-Spec Product Name Type Ring and Spade Terminals 19073 Type II Insulated; Class 1 and 2 Yes AS25036-148, MS25036-148 AvikrimpTM Ring Physical Barrel Type Flammability Insulation Material - Plating Mating Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Stud Size Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Closed 94V-0 Nylon (PA) Tin Bag 100 2.5 100 2.5 4 (M2.6) Crimp or Compression 3.60mm (.142") max. 18, 20, 22 0.35 - 0.80 Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 19073Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool 0640010100 Hand Crimp Tool 0640011200 Crimp Head for the 0640050100 AT-200TM Pneumatic Hand Tool Crimp Head for the 0640051200 AT-200TM Pneumatic Hand Tool Material Info Old Part Number AA-820-04 Reference - Drawing Numbers Sales Drawing SD-19073-002 This document was generated on 04/12/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0190730007 |