Part Number Hot Search : 
D103K LT3463A TX1298T C221M ADT731 NM3SOL3 BYV26BZ WP710
Product Description
Full Text Search
 

To Download ZXTD718MC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A Product Line of Diodes Incorporated
ZXTD718MC
DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
Features
* * * * * * * VCEO = -20V; RSAT = 64 m; IC = -3.5A Continuous Collector Current Low Saturation Voltage (-220mV @ -1A) hFE characterized up to -6A Lead, Halogen, and Antimony Free/RoHS Compliant (Note 1) "Green" Devices (Note 2)
Mechanical Data
* * * * * * * * Case: DFN3020B-8 Case material: Molded Plastic. "Green" Molding Compound. UL Flammability Rating 94V-0 Terminals: Pre-Plated NiPdAu leadframe. Nominal package height: 0.8mm Moisture Sensitivity: Level 1 per J-STD-020 Solderable per MIL-STD-202, Method 208 Weight: 0.013 grams (approximate)
Applications
* * * Battery charging circuits Load disconnect switches Motor drive
DFN3020B-8
C2
C1
5
C2
6
C2
7
C1
8
C1
B2
B1
E2
C2
B2 E1
C1
B1
E2
Top View Bottom View Device Symbol
E1
4
3
2
1
Bottom View Pin Configuration
Ordering Information
Product ZXTD718MCTA
Notes:
Status Active
Package DFN3020B-8
Marking D22
Reel size (inches) 7
Tape width (mm) 8
Quantity per reel 3000
1. No purposefully added lead. Halogen and Antimony Free. 2. Diodes Inc's "Green" Policy can be found on our website
Marking Information
D22
D22 = Product type Marking Code Dot denotes Pin 1
ZXTD718MC
Document Number DS32000 Rev. 1 - 2
1 of 7 www.diodes.com
January 2010
(c) Diodes Incorporated
A Product Line of Diodes Incorporated
ZXTD718MC
Maximum Ratings
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current (a) (f) Base Current Symbol VCBO VCEO VEBO ICM IC IB Limit -25 -20 -7.5 -6 -3.5 -1 Unit V V V A A A
Thermal Characteristics
Characteristic Power Dissipation at TA = 25C (a) (f) Linear Derating Factor Power Dissipation at TA = 25C (b) (f) Linear Derating Factor Power Dissipation at TA = 25C (c) (f) Linear Derating Factor Power Dissipation at TA = 25C (d) (f) Linear Derating Factor Power Dissipation at TA = 25C (d) (g) Linear Derating Factor Power Dissipation at TA = 25C (e) (g) Linear Derating Factor Junction to Ambient (a) (f) Junction to Ambient (b) (f) Junction to Ambient (c) (f) Junction to Ambient (d) (f) Junction to Ambient (d) (g) Junction to Ambient (e) (g) Operating and Storage Temperature Range
Notes:
Symbol PD PD PD PD PD PD RJA RJA RJA RJA RJA RJA TJ, TSTG
Value 1.5 12 2.45 19.6 1 8 1.13 9 1.7 13.6 3 24 83.3 51 125 111 73.5 41.7 -55 to +150
Unit W mW/C W mW/C W mW/C W mW/C W mW/C W mW/C C/W C/W C/W C/W C/W C/W C
a. For a dual device surface mounted on 8 sq cm single sided 2 oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device. b. Measured at t <5 secs for a dual device surface mounted on 8 sq cm single sided 2 oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device. c. For a dual device surface mounted on 8 sq cm single sided 2 oz copper on FR4 PCB, in still air conditions with minimal lead connections only. d. For a dual device surface mounted on 10 sq cm single sided 1 oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device. e. For a dual device surface mounted on 85 sq cm single sided 2 oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device. f. For a dual device with one active die. g. For dual device with 2 active die running at equal power.
ZXTD718MC
Document Number DS32000 Rev. 1 - 2
2 of 7 www.diodes.com
January 2010
(c) Diodes Incorporated
A Product Line of Diodes Incorporated
ZXTD718MC
Thermal Characteristics and Derating information
ZXTD718MC
Document Number DS32000 Rev. 1 - 2
3 of 7 www.diodes.com
January 2010
(c) Diodes Incorporated
A Product Line of Diodes Incorporated
ZXTD718MC
Electrical Characteristics @TA = 25C unless otherwise specified
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage (Note 3) Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector Emitter Cutoff Current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO ICES hFE Min -25 -20 -7.5 300 300 150 15 150 Typ -35 -25 8.5 475 450 230 30 -19 -170 -190 -240 -225 -0.87 -1.01 21 180 40 670 Max -25 -25 -25 -30 -220 -250 -350 -300 -0.95 -1.075 30 Unit V V V nA nA nA Test Condition IC = -100A IC = 10mA IE = -100A VCB = -20V VEB = -6V VCES = -16V IC = -10mA, VCE = -2V IC = -100mA, VCE = -2V IC = -2A, VCE = -2V IC = -6A, VCE = -2V IC = - 0.1A, IB = -10mA IC = -1A, IB = -20mA IC = -1.5A, IB = -50mA IC = -2.5A, IB = -150mA IC = -3.5A, IB = -350m IC = -3.5A, VCE = -2V IC = -3.5A, IB = -350mA VCB = 10V, f = 1MHz VCE = -10V, IC = -50mA, f = 100MHz VCC = -10V, IC = 1A IB1 = IB2 = 20mA
Static Forward Current Transfer Ratio (Note 3)
-
Collector-Emitter Saturation Voltage (Note 3)
VCE(sat)
mV
Base-Emitter Turn-On Voltage (Note 3) Base-Emitter Saturation Voltage (Note 3) Output Capacitance Transition Frequency Turn-On Time Turn-Off Time
Notes:
VBE(sat) VBE(sat) Cobo fT ton toff
V V pF MHz ns ns
3. Measured under pulsed conditions. Pulse width = 300s. Duty cycle 2%
ZXTD718MC
Document Number DS32000 Rev. 1 - 2
4 of 7 www.diodes.com
January 2010
(c) Diodes Incorporated
A Product Line of Diodes Incorporated
ZXTD718MC
Typical Characteristics
ZXTD718MC
Document Number DS32000 Rev. 1 - 2
5 of 7 www.diodes.com
January 2010
(c) Diodes Incorporated
A Product Line of Diodes Incorporated
ZXTD718MC
Package Outline Dimensions
A A1 D
A3
D4 E Z L b D2
D4
E2 e
DFN3020B-8 Dim Min Max Typ A 0.77 0.83 0.80 A1 0 0.05 0.02 A3 0.15 b 0.25 0.35 0.30 D 2.95 3.075 3.00 D2 0.82 1.02 0.92 D4 1.01 1.21 1.11 e 0.65 E 1.95 2.075 2.00 E2 0.43 0.63 0.53 L 0.25 0.35 0.30 Z 0.375 All Dimensions in mm
Suggested Pad Layout
C
X Y1
G Y2
G1
Y
X1
Dimensions C G G1 X X1 Y Y1 Y2
Value (in mm) 0.650 0.285 0.090 0.400 1.120 0.730 0.500 0.365
ZXTD718MC
Document Number DS32000 Rev. 1 - 2
6 of 7 www.diodes.com
January 2010
(c) Diodes Incorporated
A Product Line of Diodes Incorporated
ZXTD718MC
IMPORTANT NOTICE DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION). Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated website, harmless against all damages. Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings noted herein may also be covered by one or more United States, international or foreign trademarks. LIFE SUPPORT Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the Chief Executive Officer of Diodes Incorporated. As used herein: A. Life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness. Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes Incorporated and its representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems. Copyright (c) 2009, Diodes Incorporated www.diodes.com
ZXTD718MC
Document Number DS32000 Rev. 1 - 2
7 of 7 www.diodes.com
January 2010
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of ZXTD718MC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X