Part Number Hot Search : 
TC51832 PCI01 D1763A PA505T CAT9554A WM3988TR FND320C FDS664
Product Description
Full Text Search
 

To Download TS63 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS63
Vishay Sfernice
Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed
FEATURES
* 0.25 W at 85 C * Industrial grade * Multi-turn operation The TS63 multiturn trimmer has been designed for use in PCB surface mounting applications. Three variations are available according to the positioning of the control screw and contact positions. The cermet track gives a high stability performance with an extended ohmic capacity of 10 to 2 M. * A low contact resistance variation (down to 2 % Rn) * Low end contact resistance (1 typical) * Full sealing * Tests according to CECC 41 000
RoHS
COMPLIANT
DIMENSIONS in millimeters
TS63X
slot 0.5 x 0.5 5.8 0.10 0.25
5 max
RECOMMENDED SOLDERING AREAS
1
1 0.10
c b O 0.45
2.54 2.54 0.20 6.85 max
O 1.8 0.7
2.54 c b a
6.85 max
6.7 max
2.54 7.5
TS63Z
6.85 max slot 0.5 x 0.5
3
O 1.8 1.3 0.1 5 max
b 9.3
1 0.1
0.25 6.85 max
7.6 max 8.85 max
c
a
O 0.45 5.3 max 2.54 2.54
1 2.54 2.54
TS63Y
2.54
6.85 max
c b 1.3 0.1 O 0.45
6.85 max 0.3 2.54 2.54 O 1.8 slot 0.5 x 0.5
5 max
c b a
6.85 max
2.54
1 7.5
3
a 1 0.10
6.7 max
8 max
CIRCUIT DIAGRAM
a (1) b
Tolerance unless otherwise specified 0.5 www.vishay.com 30 For technical questions, contact: sfer@vishay.com Document Number: 51011 Revision: 24-Jul-07
cw
c (3)
TS63
Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed
ELECTRICAL SPECIFICATIONS
Resistive Element Electrical Travel Resistance Range Standard Series Tolerance Power Rating Temperature Coefficient Limiting Element Voltage (Linear Law) Contact Resistance Variation End Resistance (Typical) Dielectric Strength (RMS) Insulation Resistance Standard On request Linear Logarithmic Cermet 13 turns 2 10 to 2 M 1-2-5 10 % 5% 0.25 W at 85 C not applicable See Standard Resistance Element Data 250 V 2 % Rn or 2 1 1000 V 106 M
Vishay Sfernice
MECHANICAL SPECIFICATIONS
Mechanical Travel Operating Torque (max. Ncm) End Stop Torque Unit Weight (max. g) Wiper (actual travel) 15 turns 5 1.5 clutch action 0.5 Positioned at approx. 50 %
POWER RATING CHART
RATED POWER IN W 0.25
0.125
ENVIRONMENTAL SPECIFICATIONS
Temperature Range Climatic Category Sealing - 55 C to + 155 C 55/125/56 sealed container solder immersion IP67
0 0
50 85 100 AMBIENT TEMPERATURE IN C
155
PERFORMANCE
CECC 41100 TESTS CONDITIONS Phase A dry heat 125 C Phase B damp heat Phase C cold - 55 C Phase D damp heat 5 cycles 56 days 40 C 93 % RH 200 cycles at rated power 1000 h at rated power 90'/30' - ambient temp. 85 C 5 cycles - 55 C to + 125 C 50 g at 11 ms 3 successive shocks in 3 directions 10 - 55 Hz 0.75 mm or 10 g for 6 hours RT (%) REQUIREMENTS RT R1-2 (%) R1-2 TYPICAL VALUES AND DRIFTS RT (%) RT R1-2 (%) R1-2
Climatic Sequence
2%
3%
0.5 %
1%
2% Dielectric strength: 250 V RMS Insulation resistance: > 100 M 2% Contact res. variat.: < 3 % Rn 2% Contact res. variat.: < 3 % Rn 1.5 % V1-2 V1-3
3%
0.5 %
1%
Long Term Damp Heat Rotational Life (Electrical, Mechanical) Load Life Thermal Shock
Dielectric strength: 1000 V RMS Insulation resistance: > 104 M (2 % + 3 ) Contact res. variat.: < 1 % Rn 4% 1% 2% Contact res. variat.: < 1 % Rn 0.5 % V1-2 V1-3 <1%
1%
Shock
1% V1-2 V1-3
2%
0.1 % V1-2 V1-3
0.2 %
Vibration
1%
2%
0.1 %
< 0.2 %
Document Number: 51011 Revision: 24-Jul-07
For technical questions, contact: sfer@vishay.com
www.vishay.com 31
TS63
Vishay Sfernice
Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed
MARKING
Printed: VISHAY trademark, model, style, ohmic value (in , k, M), tolerance (in %) only if non standard, manufacturing date, marking of terminal 3.
STANDARD RESISTANCE ELEMENT DATA
STANDARD RESISTANCE VALUES 10 20 50 100 200 500 1K 2K 5K 10K 20K 25K 50K 100K 200K 250K 500K 1M 2M LINEAR LAW MAX. MAX. MAX. CUR. POWER WORKING THROUGH AT 85 C VOLTAGE WIPER W 0.25 V 1.58 2.23 3.53 5.00 7.07 11.2 15.8 22.3 35.3 50.0 70.7 79.0 112 158 224 250 250 250 250 mA 158 112 77 50 35 22 15.8 11.2 7.1 5.0 3.5 3.2 2.2 1.6 1.1 1.1 0.50 0.25 0.125 TYPICAL TCR - 55 C + 125 C ppm/C
SOLDERING RECOMMENDATION
Soldering cycle: 10 s at 220 C max or with an 40 W iron: 3 s at 350 C Soldering is recommended by reflow or vapour phase.
100
0.25 0.25 0.13 0.06 0.03
PACKAGING
- X, Y and Z types: on tape and reel (Dia. 330 mm) of 500 pieces, code TR500. - On request in magazine pack by 50 pieces (Tube) code TU.
Version Z O 13 O 330 22.4 3 16
O 1.5
O 1.5
Version X.Y 4 2 12 O 1.5 + 0.1 -0 6 0.3
12 42
1.8 16
2
0.3 12 MAX 6.05 O 1.5 7.06
www.vishay.com 32
For technical questions, contact: sfer@vishay.com
Document Number: 51011 Revision: 24-Jul-07
TS63
Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed
ORDERING INFORMATION
TS63 MODEL Y STYLE 500 k OHMIC VALUE 10 % TOLERANCE TR500 PACKAGING TR500: Tape and reel On request: TU50: Tube e3 LEAD FINISH e3: pure Sn
Vishay Sfernice
SAP PART NUMBERING GUIDELINES
T S 6 3
Y
5
0
4
K
R
1
0
MODEL
STYLE
OHMIC VALUE
TOL
PACKAGING CODE
SPECIAL (IF APPLICABLE)
See the end of this data book for conversion tables
Document Number: 51011 Revision: 24-Jul-07
For technical questions, contact: sfer@vishay.com
www.vishay.com 33
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TS63

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X