Part Number Hot Search : 
M5267 JANTXV TC500 L223M JANTXV PL40S 2E3UM MAX6850
Product Description
Full Text Search
 

To Download TDR2-1223SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
TDR 2 Series, 2 Watt
Features Compact design in SMD or DIP package Wide 2:1 input voltage range Fully regulated outputs Low ripple and noise No minimum load required Temperature range -40C to +85C
without derating

I/O isolation 1500 VDC Continuous short-circuit protection Remote On/Off control Fully RoHS compliant 3-year product warranty
The TDR-2 series is a family of compact 2 W dc/dc-converters with 2:1 input voltage ranges and tightly regulated output voltages even under no load conditions. The product is available in SMD-package or in DIP-package. They work with high efficiency over the full load range and come with a remote On/Off input. The usability in temperature ranges of up to 85C without power derating, continuous short circuit protection and excellent immunity against environmental influences make these converters very reliable. A TDR-2 converter is the ideal solution for space critical high end applications in communication equipment, instrumentation and industrial electronics.
Models
Order code DIP models TDR 2-0511 TDR 2-0512 TDR 2-0513 TDR 2-0522 TDR 2-0523 TDR 2-1211 TDR 2-1212 TDR 2-1213 TDR 2-1222 TDR 2-1223 TDR 2-2411 TDR 2-2412 TDR 2-2413 TDR 2-2422 TDR 2-2423 TDR 2-4811 TDR 2-4812 TDR 2-4813 TDR 2-4822 TDR 2-4823 Order code SMD models TDR 2-0511SM TDR 2-0512SM TDR 2-0513SM TDR 2-0522SM TDR 2-0523SM TDR 2-1211SM TDR 2-1212SM TDR 2-1213SM TDR 2-1222SM TDR 2-1223SM TDR 2-2411SM TDR 2-2412SM TDR 2-2413SM TDR 2-2422SM TDR 2-2423SM TDR 2-4811SM TDR 2-4812SM TDR 2-4813SM TDR 2-4822SM TDR 2-4823SM 36 - 75 VDC (48 VDC nominal) 18 - 36 VDC (24 VDC nominal) 9 - 18 VDC (12 VDC nominal) Input voltage range Output voltage 5.0 VDC 4.5 - 9.0 VDC (5 VDC nominal) 12 VDC 15 VDC 12 VDC 15 VDC 5.0 VDC 12 VDC 15 VDC 12 VDC 15 VDC 5.0 VDC 12 VDC 15 VDC 12 VDC 15 VDC 5.0 VDC 12 VDC 15 VDC 12 VDC 15 VDC Output current max. 400 mA 167 mA 134 mA 83 mA 67 mA 400 mA 167 mA 134 mA 83 mA 67 mA 400 mA 167 mA 134 mA 83 mA 67 mA 400 mA 167 mA 134 mA 83 mA 67 mA Efficiency typ. 80 % 81 % 83 % 81 % 82 % 81 % 81 % 84 % 83 % 82 % 81 % 84 % 84 % 84 % 84 % 81 % 82 % 82 % 83 % 83 % Page 1 of 4
http://www.tracopower.com
DC/DC Converters
TDR 2 Series Input Specifications
Input current at no load (nominal input voltage) 5 12 24 48 5 12 24 48 5 12 24 48 Vin Vin Vin Vin Vin Vin Vin Vin Vin Vin Vin Vin models: models: models: models: models: models: models: models: models: models: models: models: 40 mA typ. 20 mA typ. 10 mA typ. 7 mA typ. 520 mA typ. 215 mA typ. 105 mA typ. 55 mA typ. 15 V max. 25 V max. 50 V max. 100 V max. capacitor type (see EMC considerations page 3 for compliance to EN 55022 class A/B) EN 61000-4-2, air 8 kV, contact 6 kV, perf. criteria A EN 61000-4-3 10 V/m, perf. criteria A EN 61000-4-4, 2 kV, perf. criteria A EN 61000-4-5, 1 kV perf. criteria A with external input capacitor e.g. Nippon chemi-con KY 220 F, 100 V, ESR 48 mOhm EN 61000-4-6, 10 Vrms, perf. criteria A 5 12 24 48 Vin Vin Vin Vin models: models: models: models: 80 mAp-p typ. 40 mAp-p typ. 30 mAp-p typ. 20 mAp-p typ. 1 % max - Input variation Vin min. to Vin max. - Load variation 0 - 100 % single dual - Load variation 10 - 90 % single dual - Load cross regulation 25/100 % output output output output models: models: models: models: 0.2 % max. 1.0 % max. 1.0 % max. balanced load 0.5 % max. 0.8 % max. balanced load 5.0 % max. (dual output models) 0 % of rated max. load 0.02 %/K 30 mVp-p typ. 5 ms typ. 5 ms typ. 250 s typ. indefinite, automatic recovery 5 12 15 12 15 VDC VDC VDC VDC VDC models: models: models: models: models: 1680 F max. 820 F max. 680 F max. 470 F max. 330 F max. - Power On - Remote On
2 Watt
Input current at full load (nominal input voltage)
Surge voltage (1 sec. max.)
Input filter ESD (electrostatic discharge) Radiated immunity Fast transient / Surge
Conducted immunity Reflected ripple current (measured with input filter according class A)
Output Specifications
Voltage set accuracy Regulation
Minimum load Temperature coefficient Ripple and noise (20 MHz bandwidth) Start up time (constant resistive load) Short circuit protection Capacitive load
Transient response setting time (25 % load step change)
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 4
DC/DC Converters
TDR 2 Series General Specifications
Temperature ranges Humidity (non condensing) Thermal shock Vibration Reliability, calculated MTTF (MIL-HDBK-217F, @ +25C, ground benign) Isolation voltage (60 sec.) Isolation capacity Isolation resistance Switching frequency Remote On/Off - On: - Off: - Off stand by input current - Input/Output - Input/Output - Input/Output (500 VDC) - Operating - Storage -40C to +85C (with no derating) -55C to +125C 5 % to 90 % rel. H max. acc. MIL-STD-810F acc. MIL-STD-810F >2.8 Mio h 1500 VDC 50 pF max. >10 GOhm IEC/EN 60950-1, UL 60950-1 100 kHz (PWM) open or high impedance 2...4 mA current applied via 1KOhm resistor 2.5 mA max.
2 Watt
Safety standard (designed to meet)
EMC Consideration
Recommended filter for EN 55022 class A compliance
L1 C1 +Vin +Vout Load datasheet www.tracopower.com/products/tck059.pdf www.tracopower.com/products/tck046.pdf datasheet www.tracopower.com/products/tck059.pdf www.tracopower.com/products/tck046.pdf www.tracopower.com/products/tck063.pdf www.tracopower.com/products/tck046.pdf Load
TDR 2 dc/dc-converter -Vin C3 -Vout
Input models 5 VDC 12 VDC 24 VDC 48 VDC
C1 10 F / 25 V 1812 MLCC 6.8 F / 50 V 1812 MLCC 4.7 F / 50 V 1812 MLCC 4.7 F / 100 V 1812 MLCC
C3
L1 value 2.2 H
order code (SMD type) TCK-059 TCK-046
220pF / 3 kV 1808 MLCC
18 H
Recommended filter for EN 55022 class B compliance
C1
L1 C2
+Vin
+Vout
TDR 2 dc/dc-converter -Vin C3 -Vout
Input models 5 VDC 12 VDC 24 VDC 48 VDC
C1 & C2 10 F / 25 V 1812 MLCC 2.2 F / 50 V 1812 MLCC 2.2 F / 100 V 1812 MLCC
C3
L1 value 2.2 H 18 H 27 H 18 H
order code (SMD type) TCK-059 TCK-046 TCK-063 TCK-046
220pF / 3 kV 1808 MLCC
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 3 of 4
DC/DC Converters
TDR 2 Series Pysical Specifications
Casing material Package weight Soldering profile for DIP-package models Lead-free reflow solder process for SMD-package models Moisture sensivity level (for SMD-package models) non-conductive plastic (UL94V-0 rated) 4.5 g (0.16 oz) max. 265C / 10 sec. (wave soldering) as per J-STD-020D.01 (to find at: www.jedec.org - free registration required) level 2a as per J-STD-033B.01 (to find at: www.jedec.org - free registration required)
2 Watt
Outline Dimensions
DIP-Models
0.25 (0.01) 13.55 (0.533)
0-15
Pin-Out
Pin 1 2 6 7 8 9 14 Single -Vin (GND) Remote On/Off NC NC +Vout -Vout +Vin (Vcc) NC = not to connect Dual -Vin (GND) Remote On/Off Common -Vout +Vout Common +Vin (Vcc)
8.7 (0.35)
3.8 1.3 (0.05) 0.8 (0.03)
(0.15)
12.8 (0.50)
2.54
(0.1)
8 9
7 6 18.9 (0.74) 2 1
10.16
1.8 2.54
(0.07) (0.1)
14
0.25 (0.01)
SMD-Models
top view
(0.4)
1.2
(0.05)
7.4 (0.29) 17.2 (0.68)
0-4
Recommended Solder Pad Dimension:
18.1 (0.71)
2.54 7 10.16 1.8 2.54 2.0 (0.08) 6 18.9 (0.74) 1.8 (0.07) 2 1
2.54
(0.1)
8 9
10.16
top view
(0.4)
1.8 2.54
(0.07) (0.1)
14
Specifications can be changed any time without notice.
Dimensions in [mm], () = Inch Tolerances: 0.5 (0.02) Pin pich tolerances: 0.25 (0.01)
Rev. 01/11
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43 311 45 11 * Fax +41 43 311 45 45 * info@traco.ch * www.tracopower.com
(0.07) (0.1)
(0.4)
(0.1)
8.7 (0.35)
1.0 (0.04)
1.5 (0.06)
12.8 (0.50)
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of TDR2-1223SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X