Part Number Hot Search : 
H220M 7812CT KBPC50 63812 SMA6J12A SMB3EZ28 63812 L6563A
Product Description
Full Text Search
 

To Download SPB17N80C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPB17N80C3
CoolMOS(R) Power Transistor
Features * new revolutionary high voltage technology * Extreme dv/dt rated * High peak current capability * Qualified according to JEDEC1) for target applications * Pb-free lead plating; RoHS compliant * Ultra low gate charge * Ultra low effective capacitances
Product Summary V DS R DS(on)max @ Tj = 25C Q g,typ 800 0.29 91 V nC
PG-TO263
CoolMOS C3 designed for: * Industrial application with high DC bulk voltage * Switching Application (Active Clamp Forward Topology)
Type SPB17N80C3
Package PG-TO263
Marking 17N80C3
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C T C=100 C Pulsed drain current2) Avalanche energy, single pulse Avalanche energy, repetitive t AR2),3) Avalanche current, repetitive t AR2),3) MOSFET dv /dt ruggedness Gate source voltage I D,pulse E AS E AR I AR dv /dt V GS V DS=0...640 V static AC (f >1 Hz) Power dissipation Operating and storage temperature P tot T j, T stg T C=25 C T C=25 C I D=3.4 A, V DD=50 V I D=17 A, V DD=50 V Value 17 11 51 670 0.5 17 50 20 30 227 -55 ... 150 W C A V/ns V mJ Unit A
Rev. 2.3
page 1
2007-11-28
SPB17N80C3
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous diode forward current Diode pulse current 2) Parameter Symbol Conditions IS I S,pulse T C=25 C Value 17 51 Values min. Thermal characteristics Thermal resistance, junction - case R thJC R thJA Thermal resistance, junction ambient SMD version, device on PCB, minimal footprint SMD version, device on PCB, 6 cm2 cooling area4) T sold 1.6 mm (0.063 in.) from case for 10 s 0.55 62 K/W typ. max. Unit Unit A
Symbol Conditions
-
35
-
Soldering temperature, reflow soldering, MSL1
-
-
260
C
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Avalanche breakdown voltage Gate threshold voltage V (BR)DSS V GS=0 V, I D=250 A V (BR)DS V GS(th) V GS=0 V, I D=17 A V DS=V GS, I D=1.0 mA V DS=800 V, V GS=0 V, T j=25 C V DS=800 V, V GS=0 V, T j=150 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=11 A, T j=25 C V GS=10 V, I D=11 A, T j=150 C Gate resistance Rev. 2.3 RG f =1 MHz, open drain page 2 800 2.1 870 3 3.9 V
Zero gate voltage drain current
I DSS
-
-
25
A
-
150 0.25
100 0.29 nA
-
0.67 0.85
2007-11-28
SPB17N80C3
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Effective output capacitance, energy related5) Effective output capacitance, time related6) Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current
1) 2)
Values typ. max.
Unit
C iss C oss C o(er)
V GS=0 V, V DS=100 V, f =1 MHz
-
2300 100 72
-
pF
V GS=0 V, V DS=0 V to 480 V C o(tr) t d(on) tr t d(off) tf V DD=400 V, V GS=0/10 V, I D=17 A, R G=4.7 , Tj = 125C 210 45 18 85 15 ns
Q gs Q gd Qg V plateau V DD=640 V, I D=17 A, V GS=0 to 10 V
-
12 48 91 5.5
177 -
nC
V
V SD t rr Q rr I rrm
V GS=0 V, I F=IS, T j=25 C
-
1 550 15 51
1.2 -
V ns C A
V R=400 V, I F=I S, di F/dt =100 A/s
-
J-STD20 and JESD22 Pulse width t p limited by T j,max Repetitive avalanche causes additional power losses that can be calculated as P AV=E AR*f.
3) 4)
Device on 40mm*40mm*1.5 epoxy PCB FR4 with 6cm2 (one layer, 70m thick) copper area for drain connection. PCB is vertical without blown air C o(er) is a fixed capacitance that gives the same stored energy as C oss while V DS is rising from 0 to 80% V DSS. C o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 80% V DSS.
5)
6)
Rev. 2.3
page 3
2007-11-28
SPB17N80C3
1 Power dissipation P tot=f(T C) 2 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
240 102
limited by on-state resistance
200
10 s
1 s
160
101
100 s 1 ms
P tot [W]
120
I D [A]
DC
10 ms
80
100
40
0 0 25 50 75 100 125 150
10-1 1 10 100 1000
T C [C]
V DS [V]
3 Max. transient thermal impedance ZthJC=f(tP) parameter: D=t p/T
100
4 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
60
20 V
50
10 V 0.5
40
Z thJC [K/W]
0.2
10-1
0.1 0.05 0.02
I D [A]
30
6.5 V
20
6V
0.01 single pulse
5.5 V
10
5V
10-2 10-5 10-4 10-3 10-2 10-1
0 0 5 10 15 20 25
t p [s]
V DS [V]
Rev. 2.3
page 4
2007-11-28
SPB17N80C3
5 Typ. output characteristics I D=f(V DS); T j=150 C parameter: V GS
35
20 V
6 Typ. drain-source on-state resistance R DS(on)=f(I D); T j=150 C parameter: V GS
1.4
30
10 V
1.3
25
6V
1.2
20
R DS(on) []
1.1
I D [A]
5.5 V
15
5V
1
10
4.5 V
0.9
4V
4.5 V
5V 6V 10 V 20 V 6.5 V
5
0.8
0 0 5 10 15 20 25
0.7 0 5 10 15 20
V DS [V]
I D [A]
7 Drain-source on-state resistance R DS(on)=f(T j); I D=11 A; V GS=10 V
8 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
0.8
60
50 0.6 40
25 C
R DS(on) []
0.4
98 %
I D [A]
30
150 C
typ
20
0.2 10
0 -60 -20 20 60 100 140 180
0 0 2 4 6 8 10
T j [C]
V GS [V]
Rev. 2.3
page 5
2007-11-28
SPB17N80C3
9 Typ. gate charge V GS=f(Q gate); I D=17 A pulsed parameter: V DD
10
10 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
102
150C (98%)
8
160 V 640 V
25 C
101
150 C
25C (98C)
6
V GS [V]
4 100
2
I F [A]
0 0 20 40 60 80 100 10-1 0 0.5 1 1.5 2
Q gate [nC]
V SD [V]
11 Avalanche energy E AS=f(T j); I D=3.4 A; V DD=50 V
12 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=0.25 mA
700
960
600
920
500
880
E AS [mJ]
400
V BR(DSS) [V]
25 50 75 100 125 150
840
300
800
200
760
100
720
0
680 -60 -20 20 60 100 140 180
T j [C]
T j [C]
Rev. 2.3
page 6
2007-11-28
SPB17N80C3
13 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz 14 Typ. Coss stored energy E oss= f(V DS)
104
Ciss
18 16 14 12
103
E oss [J]
C [pF]
102
Coss
10 8 6
101
Crss
4 2
100 0 100 200 300 400 500
0 0 100 200 300 400 500 600 700 800
V DS [V]
V DS [V]
Rev. 2.3
page 7
2007-11-28
SPB17N80C3
Definition of diode switching characteristics
Rev. 2.3
page 8
2007-11-28
SPB17N80C3
PG-TO263: Outline
Rev. 2.3
page 9
2007-11-28
Published by
Infineon Technologies AG 81726 Munich, Germany (c) 2007 Infineon Technologies AG All Rights Reserved.
Legal Disclaimer
The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typica values stated herein and/or any information regarding the application of the device Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the use
or other persons may be endangered.
Rev. 2.3
page 10
2007-11-28


▲Up To Search▲   

 
Price & Availability of SPB17N80C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X