Part Number Hot Search : 
NJU6319A BCR14809 UGZ10JF M68000 M68000 29GL512P 1MM30S 1MM30S
Product Description
Full Text Search
 

To Download SOM-DB5700 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOM-DB5700
CF LAN Floppy IDE SATA0123 Mini-PCI ISA LVDS GPIO LVDS TV out COM PCIe x 16 PCI
COM-Express Development Board Features
COM-Express Development Board, Module Pin-out Type II ATX form factor Display type: Dual LVDS, VGA, TV out Expansion: 1 PCIe x16, 3 PCIe x1, 1 Express Card, 2 PCI master, 1 MiniPCI, 1 ISA bus slot SATA/EIDE/FDD/LPT/Keyboard/Mouse/USB/Audio/SSD interface
KB/MS LPT/COM/CRT HD Audio USB2345 Mew card 3 PCIe x1
USB01
Specifications
Compatibile Models LVDS Display Ethernet Audio VGA TV Out Dual Display Chipset PCIe x16 slots PCIe x1 slot Express Card socket PCI slots MiniPCI socket ISA slot SATA EIDE Serial USB LPT FDD KB/MS CF GPIO System FAN SMBUS I2C Port 80 Power Type Operating Temperature Operating Humidity Dimensions Advantech COM-Express or COM-Micro series LVDS1 (SPEC based on CPU Module) 48-bit LVDS2 (LVDS2 is optional) 1 (D-SUB 15P Female) 1 LVDS1, LVDS2, VGA, TV out (LVDS2 is optional) 1 x Giga LAN or 10/100 (SPEC based on CPU Module) High Definition Audio (Line/Micro-In, Front/Center/Surround/Side surround-Out) 1 3 1 2 1 1 4 (Type B) 1 x 40 pin 2 COM Ports (D-SUB 9P) 1 x RS-232, 1 x RS-232/422/485 8 x USB 2.0 1 (D-SUB 15P) 1 1 1 (Type I) 8-bit (GPI 4-bit/GPO 4-bit) 2 1 1 1 ATX/ AT modes 0 ~ 60 C (32 ~ 140 F) 0% ~ 90% relative humidity, non-condensing 304.8 x 190.5 mm (12" x 7.5")
Expansion
I/O
Power Environment Mechanical
Computer On Modules
All product specifications are subject to change without notice Last updated : 24-Mar-2009
SOM-DB5700 Board Diagram
Primary IDE USB2.0 x 8 10/100 or GLAN CRT
AC Link
Super IO W83627HF
LPC
PS2 KB / MS LPT
COM-Express
Second BIOS
Floppy COM1 RS-232 COM2 RS-232/422/485
HD Audio Codec ALC 888
LVDS TV-OUT SATA x 4 PCI to ISA IT8888G
PCIE x 16/SDVO PCIEx1 ISA PCI
PCI Slot 0 ,1 ISA Slot
Mini PCI Slot
PCIE X16 Slot
PCIE X1 Slot 1, 2, 3
SDVO- LVDS CH7308
Express Card
Ordering Information
Part No. SOM-DB5700-00A2E SOM-DB5700G-00A2E Description Development Board for COM-Express and COM-Micro Series Development Board for COM-Express and COM-Micro Series with GLAN
Packing List
Part No. 1700100170 1701100300 1700001892 1701400452 1700008894 1701340603 Description SOM-DB5700 Development board 17.5 cm 2CH USB Cable FLAT COM port cable 30 cm TV-out 5P cable FLAT 40P IDE CABLE 45 CM SERIAL ATA cable 7P/7P 30 CM Floppy cable 34P 60 cm Quantity 1 1 1 1 1 1 1
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of SOM-DB5700

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X