Part Number Hot Search : 
AM29F0 OSWOK5 800MHZ AM81LS95 LPC2109 150BACEM G13003 2SD2236
Product Description
Full Text Search
 

To Download SD-502585-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
5025851270 Active
1.50mm (.059") Pitch CLIK-MateTM Wire-to-Board PCB Receptacle, Single Row, Right Angle, 12 Circuits
Documents: 3D Model Application Specification (PDF) Drawing (PDF)
Product Specification PS-502584-001 (PDF) RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Application Product Name PCB Receptacles 502585 Wire-to-Board CLIK-MateTM
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style 12 Beige 30 No Yes Yes Yes 0.252 In 6.40 mm Copper Alloy Tin 1 Right Angle No Yes Embossed Tape on Reel 0.059 In 1.50 mm Yes Yes No -25C to +85C Surface Mount
Search Parts in this Series 502585Series Mates With 502578 Crimp Housing . 502579 Crimp Terminal
Electrical
Current - Maximum per Contact Voltage - Maximum 2A 100V
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing AS-502578-001, AS-502578-002 SPK-502585-001 PS-502584-001, RPS-502584-002, RPS-502584-003, RPS-502584-004, RPS-502584-005, RPS-502584-006 SD-502585-001, SD-502585-002
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of SD-502585-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X