Part Number Hot Search : 
12005 TA8331AN 060PT R7508S 24L15 40T03GH EPE6210S 166BG
Product Description
Full Text Search
 

To Download SD-47393-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0473930001 Active
pogo_pins 2.50mm (.098") Pitch Pogo Connector, Height: 3.95mm (.156"), 0.30m (12 ") Gold (Au) over Nickel Plating, 2x2 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-47393-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 47393 Board-to-Board Action Heights: 3.25mm (.128"), 3.49mm (.137") pogo_pins PoGo Pin EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Overview Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 4 4 10,000 No No No None None Gold Nickel 2 Vertical 0.020 In 0.50 mm No Yes Embossed Tape on Reel 0.098 In 2.50 mm 0.098 In 2.50 mm No No No No No -40C to +85C Through Hole
Search Parts in this Series 47393Series
Electrical
Current - Maximum per Contact Voltage - Maximum 2A 60V DC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability 30 Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature Process Temperature max. C
1 250
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-47393-001 PS-47393-001 SD-47393-001
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of SD-47393-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X