Part Number Hot Search : 
WP483HDT BAV21A0 03100 UA706 BFR90 22222 12803505 2SB726
Product Description
Full Text Search
 

To Download SD-43860-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0438600004 Active
modular_plugs_jacks Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs, 8/8
Documents: Drawing (PDF) Packaging Specification (PDF) 3D Model
Application Specification (PDF) Product Specification PS-43860-003 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
CSA UL LR19980 E107635 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Component Type Magnetic Overview Performance Category Power over Ethernet (PoE) Product Name Modular Jacks/Plugs 43860 PCB Jack No modular_plugs_jacks 3 N/A RJ45
Physical
Boot Color Color - Resin Durability (mating cycles max) Flammability Inverted / Top Latch Lightpipes/LEDs Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Positions / Loaded Contacts Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire/Cable Type N/A Black 500 94V-0 Yes None Brass, Phosphor Bronze Gold Tin High Temperature Thermoplastic Right Angle (Side Entry) Yes Yes 0.062 In 1.60 mm Tray 0.050 In 1.27 mm 50 1.25 100 2.5 1 8/8 No -40C to +85C Through Hole No N/A
Search Parts in this Series 43860Series Mates With FCC 68 Plugs
Electrical
Current - Maximum per Contact Grounding to PCB Grounding to Panel Shielded Voltage - Maximum 1.5A Yes Yes Yes 150V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 260
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-43860-005 PS-43860-003, RPS-43860-004, RPS-43860-007, RPS-43860-008, RPS-43860-013 SD-43860-001 TS-43860-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of SD-43860-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X