Part Number Hot Search : 
SC1602 700ETT D2838 BR804G 3EZ51 00MTR ICOND MAX15
Product Description
Full Text Search
 

To Download SD-43860-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0438600007 Active
modular_plugs_jacks Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8
Documents: 3D Model Drawing (PDF) Application Specification (PDF)
Product Specification PS-43860-003 (PDF) RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA UL LR19980 E107635
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Component Type Magnetic Overview Performance Category Power over Ethernet (PoE) Product Name Modular Jacks/Plugs 43860 PCB Jack No modular_plugs_jacks 3 N/A RJ45
Physical
Boot Color Color - Resin Durability (mating cycles max) Flammability Inverted / Top Latch Lightpipes/LEDs Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Positions / Loaded Contacts Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire/Cable Type N/A Black, Clear 500 94V-0 Yes Lightpipes Phosphor Bronze Gold Tin High Temperature Thermoplastic, Polycarbonate Right Angle (Side Entry) Yes Yes 0.062 In 1.60 mm Tube With Flange 50 1.25 100 2.5 1 8/8 No -40C to +85C Through Hole No N/A
Search Parts in this Series 43860Series Mates With FCC 68 Plugs
Electrical
Current - Maximum per Contact 1.5A
Grounding to PCB Shielded Voltage - Maximum
No No 150V AC (RMS)
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing Test Summary AS-43860-001 PK-43860-004 PS-43860-003, RPS-43860-004, RPS-43860-007, RPS-43860-008, RPS-43860-013 SD-43860-001 TS-43860-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of SD-43860-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X