Part Number Hot Search : 
PIC30F 4435D SK125 A54E3 S2510 V131DB40 C877280B C2111
Product Description
Full Text Search
 

To Download SC10-11SRWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
Part Number: SC10-11SRWA Super Bright Red
Features
1.02 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAD2305 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1301000784
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. SC10-11SRWA Super Bright Red (GaAlAs) WHITE DIFFUSED 12000 Typ. 60000 Common Cathode, Rt. Hand Decimal. Description
Note: 1. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Per Segment Or (DP) Reverse Current Per Segment Or (DP) Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Typ. 660 640 20 45 3.7 (1.85) 5.0 (2.5) 10 (10) Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=10V (VR=5V)
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation Per Segment Or (DP) DC Forward Current Per Segment Or (DP) Peak Forward Current [1] Per Segment Or (DP) Reverse Voltage Per Segment Or (DP) Operating / Storage Temperature Lead Solder Temperature[2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Super Bright Red 150 (75) 30 (30) 155 (155) 10 (5) -40C To +85C 260C For 3-5 Seconds
Units mW mA mA V
SPEC NO: DSAD2305 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1301000784
Super Bright Red
SC10-11SRWA
SPEC NO: DSAD2305 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1301000784
SPEC NO: DSAD2305 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1301000784
PACKING & LABEL SPECIFICATIONS
SC10-11SRWA
SPEC NO: DSAD2305 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1301000784


▲Up To Search▲   

 
Price & Availability of SC10-11SRWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X