Part Number Hot Search : 
30WQ20FN CH47AUG 10N10 VQ100 S2001 3000L CAT24 MC74ACT
Product Description
Full Text Search
 

To Download R1EX24128BSAS0I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Datasheet
R1EX24128BSAS0I R1EX24128BTAS0I
Two-wire serial interface 128k EEPROM (16-kword x 8-bit)
Description
R1EX24xxx series are two-wire serial interface EEPROM (Electrically Erasable and Programmable ROM). They realize high speed, low power consumption and a high level of reliability by employing advanced MONOS memory technology and CMOS process and low voltage circuitry technology. They also have a 64-byte page programming function to make their write operation faster. R10DS0008EJ0100 Rev.1.00 Aug. 04, 2010
Features
* * * * Single supply: 1.8 V to 5.5 V Two-wire serial interface (I2C serial bus) Clock frequency: 400 kHz Power dissipation: Standby: 2 A (max) Active (Read): 1 mA (max) Active (Write): 3.0 mA (max) Automatic page write: 64-byte/page Write cycle time: 5 ms Endurance: 1,000k Cycles @ 25C Data retention: 100 Years @ 25C Small size packages: SOP-8pin, TSSOP-8pin Shipping tape and reel TSSOP 8-pin: 3,000 IC/reel SOP 8-pin: 2,500 IC/reel Temperature range: -40 to +85C Lead free products.
* * * * * *
* *
R10DS0008EJ0100 Rev.1.00 Aug. 04, 2010
Page 1 of 16
R1EX24128BSAS0I/R1EX24128BTAS0I
Ordering Information
Type No. R1EX24128BSAS0I Internal organization Operating voltage Frequency 400 kHz Package 150 mil 8-pin plastic SOP PRSP0008DF-B (FP-8DBV) Lead free 8-pin plastic TSSOP PTSP0008JC-B (TTP-8DAV) Lead free
128k bit (16384 x 8-bit) 1.8 V to 5.5 V
R1EX24128BTAS0I
128k bit (16384 x 8-bit) 1.8 V to 5.5 V
400 kHz
Pin Arrangement
8-pin SOP /8-pin TSSOP
A0 A1 A2 VSS
1 2 3 4
8 7 6 5 (Top view)
VCC WP SCL SDA
Pin Description
Pin name A0 to A2 SCL SDA WP VCC VSS Function Device address Serial clock input Serial data input/output Write protect Power supply Ground
Block Diagram
VCC VSS
High voltage generator
Address generator
X decoder
Memory array
WP A0, A1, A2 SCL SDA
Control logic
Y decoder
Y-select & Sense amp.
Serial-parallel converter
R10DS0008EJ0100 Rev.1.00 Aug. 04, 2010
Page 2 of 16
R1EX24128BSAS0I/R1EX24128BTAS0I
Absolute Maximum Ratings
Parameter Supply voltage relative to VSS Input voltage relative to VSS Operating temperature range*1 Storage temperature range Symbol VCC Vin Topr Tstg Value -0.6 to +7.0 -0.3 to VCC+0.3 -40 to +85 -55 to +125 Unit V V C C
Notes: 1. Including electrical characteristics and data retention.
DC Operating Conditions
Parameter Supply voltage Input high voltage Input low voltage Operating temperature Symbol VCC VSS VIH VIL Topr Min 1.8 0 VCC x 0.7 -0.3 -40 Typ 0 Max 5.5 0 VCC + 0.3 VCC x 0.3 +85 Unit V V V V C
DC Characteristics
(Ta = -40 to +85C, VCC = 1.8 V to 5.5 V)
Parameter Input leakage current Output leakage current Standby VCC current Read VCC current Write VCC current Output low voltage Symbol ILI ILO ISB ICC1 ICC2 VOL2 VOL1 Min Typ 1.0 Max 2.0 2.0 2.0 1.0 3.0 0.4 0.2 Unit A A A mA mA V V Test conditions VCC = 5.5 V, Vin = 0 to 5.5 V VCC = 5.5 V, Vout = 0 to 5.5 V Vin = VSS or VCC VCC = 5.5 V, Read at 400 kHz VCC = 5.5 V, Write at 400 kHz VCC = 2.7 to 5.5 V, IOL = 3.0 mA VCC = 1.8 to 2.7 V, IOL = 1.5 mA
Capacitance
(Ta = +25C, f = 1 MHz)
Parameter Input capacitance (A0 to A2, SCL, WP) Output capacitance (SDA) Note: 1. Not 100% tested. Symbol Cin*1 CI/O*1 Min Typ Max 6.0 6.0 Unit pF pF Test conditions Vin = 0 V Vout = 0 V
Memory cell characteristics
(VCC = 1.8 V to 5.5 V)
Ta=25C Endurance Data retention Notes: 1. Not 100% tested 1,000k Cycles min. 100 Years min. Ta=85C 100k Cycles min 10 Years min. Notes 1 1
R10DS0008EJ0100 Rev.1.00 Aug. 04, 2010
Page 3 of 16
R1EX24128BSAS0I/R1EX24128BTAS0I
AC Characteristics
(Ta = -40 to +85C, VCC = 1.8 to 5.5 V) Test Conditions * Input pules levels: VIL = 0.2 x VCC VIH = 0.8 x VCC * Input rise and fall time: 20 ns * Input and output timing reference levels: 0.5 x VCC * Output load: TTL Gate + 100 pF
Parameter Clock frequency Clock pulse width low Clock pulse width high Noise suppression time Access time Bus free time for next mode Start hold time Start setup time Data in hold time Data in setup time Input rise time Input fall time Stop setup time Data out hold time Write protect hold time Write protect setup time Write cycle time Symbol fSCL tLOW tHIGH tI tAA tBUF tHD.STA tSU.STA tHD.DAT tSU.DAT tR tF tSU.STO tDH tHD.WP tSU.WP tWC Min 1200 600 100 1200 600 600 0 100 600 50 1200 0 Typ Max 400 100 900 300 300 5 Unit kHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms Notes
1
1 1
2
Notes: 1. Not 100% tested. 2. tWC is the time from a stop condition to the end of internally controlled write cycle.
R10DS0008EJ0100 Rev.1.00 Aug. 04, 2010
Page 4 of 16
R1EX24128BSAS0I/R1EX24128BTAS0I
Timing Waveforms
Bus Timing
1/fSCL tLOW
tF SCL tSU.STA tHD.STA SDA (in) tAA SDA (out) tSU.WP WP
tHIGH
tR
tHD.DAT
tSU.DAT
tSU.STO
tBUF tDH
tHD.WP
Write Cycle Timing
Stop condition Start condition
SCL SDA D0 in Write data (Address (n)) ACK
tWC (Internally controlled)
R10DS0008EJ0100 Rev.1.00 Aug. 04, 2010
Page 5 of 16
R1EX24128BSAS0I/R1EX24128BTAS0I
Pin Function
Serial Clock (SCL) The SCL pin is used to control serial input/output data timing. The SCL input is used to positive edge clock data into EEPROM device and negative edge clock data out of each device. Maximum clock rate is 400 kHz. Serial Input/Output Data (SDA) The SDA pin is bidirectional for serial data transfer. The SDA pin needs to be pulled up by resistor as that pin is opendrain driven structure. Use proper resistor value for your system by considering VOL, IOL and the SDA pin capacitance. Except for a start condition and a stop condition which will be discussed later, the SDA transition needs to be completed during the SCL low period. Data Validity (SDA data change timing waveform)
SCL
SDA Data change Data change
Note:
High-to-low and low-to-high change of SDA should be done during the SCL low period.
Device Address (A0, A1, A2) Eight devices can be wired for one common data bus line as maximum. Device address pins are used to distinguish each device and device address pins should be connected to VCC or VSS. When device address code provided from SDA pin matches corresponding hard-wired device address pins A0 to A2, that one device can be activated. Pin Connections for A0 to A2
Pin connection Memory size 128k bit Note: Max connect number 8 A2 VCC/VSS *1 A1 VCC/VSS *1 A0 VCC/VSS *1 Note
1. During floating, "VCC/VSS" are fixed to VSS.
Write Protect (WP) When the Write Protect pin (WP) is high, the write protection feature is enabled and operates as shown in the following table. Also, acknowledgment "0" is outputted after inputting device address and memory address. After inputting write data, acknowledgment "1"(NO ACK) is outputted. When the WP is low, write operation for all memory arrays are allowed. The read operation is always activated irrespective of the WP pin status. Write Protect Area
Write protect area WP pin status VIH VIL 128k bit Full (128k bit) Normal read/write operation
R10DS0008EJ0100 Rev.1.00 Aug. 04, 2010
Page 6 of 16
R1EX24128BSAS0I/R1EX24128BTAS0I
Functional Description
Start Condition A high-to-low transition of the SDA with the SCL high is needed in order to start read, write operation (See start condition and stop condition). Stop Condition A low-to-high transition of the SDA with the SCL high is a stop condition. The stand-by operation starts after a read sequence by a stop condition. In the case of write operation, a stop condition terminates the write data inputs and place the device in a internally-timed write cycle to the memories. After the internally-timed write cycle which is specified as tWC, the device enters a standby mode (See write cycle timing). Start Condition and Stop Condition
SCL SDA (in) Start condition Stop condition
Acknowledge All addresses and data words are serially transmitted to and from in 8-bit words. The receiver sends a zero to acknowledge that it has received each word. This happens during ninth clock cycle. The transmitter keeps bus open to receive acknowledgment from the receiver at the ninth clock. In the write operation, EEPROM sends a zero to acknowledge after receiving every 8-bit words. In the read operation, EEPROM sends a zero to acknowledge after receiving the device address word. After sending read data, the EEPROM waits acknowledgment by keeping bus open. If the EEPROM receives zero as an acknowledge, it sends read data of next address. If the EEPROM receives acknowledgment "1" (no acknowledgment) and a following stop condition, it stops the read operation and enters a stand-by mode. If the EEPROM receives neither acknowledgment "0" nor a stop condition, the EEPROM keeps bus open without sending read data. Acknowledge Timing Waveform
SCL SDA IN
1
2
8
9
Acknowledge out
SDA OUT
R10DS0008EJ0100 Rev.1.00 Aug. 04, 2010
Page 7 of 16
R1EX24128BSAS0I/R1EX24128BTAS0I Device Addressing The EEPROM device requires an 8-bit device address word following a start condition to enable the chip for a read or a write operation. The device address word consists of 4-bit device code, 3-bit device address code and 1-bit read/write(R/W) code. The most significant 4-bit of the device address word are used to distinguish device type and this EEPROM uses "1010" fixed code. The device address word is followed by the 3-bit device address code in the order of A2, A1, A0. The device address code selects one device out of all devices which are connected to the bus. This means that the device is selected if the inputted 3-bit device address code is equal to the corresponding hard-wired A2-A0 pin status. The eighth bit of the device address word is the read/write(R/W) bit. A write operation is initiated if this bit is low and a read operation is initiated if this bit is high. Upon a compare of the device address word, the EEPROM enters the read or write operation after outputting the zero as an acknowledge. The EEPROM turns to a stand-by state if the device code is not "1010" or device address code doesn't coincide with status of the correspond hard-wired device address pins A0 to A2. Device Address Word
Device address word (8-bit) Device code (fixed) 128k Note: 1 0 1 0 A2 1. R/W="1" is read and R/W = "0" is write. Device address code A1 A0 R/W code*1 R/W
R10DS0008EJ0100 Rev.1.00 Aug. 04, 2010
Page 8 of 16
R1EX24128BSAS0I/R1EX24128BTAS0I Write Operations(WP=Low) Byte Write: (Write operation during WP=Low status) A write operation requires an 8-bit device address word with R/W = "0". Then the EEPROM sends acknowledgment "0" at the ninth clock cycle. After these, the 128kbit EEPROM receives 2 sequence 8-bit memory address words. Upon receipt of this memory address, the EEPROM outputs acknowledgment "0" and receives a following 8-bit write data. After receipt of write data, the EEPROM outputs acknowledgment "0". If the EEPROM receives a stop condition, the EEPROM enters an internally-timed write cycle and terminates receipt of SCL, SDA inputs until completion of the write cycle. The EEPROM returns to a standby mode after completion of the write cycle. Byte Write Operation
WP Device address 128k Start Note: 1. Don't care bit 1010
W
1st Memory address (n)
a13 a12 a11 a10 a9 a8 *1 *1
2nd Memory address (n)
a7 a6 a5 a4 a3 a2 a1 a0
Write data (n)
D7 D6 D5 D4 D3 D2 D1 D0
ACK R/W
ACK
ACK
ACK
Stop
Page Write: The EEPROM is capable of the page write operation which allows any number of bytes up to 64 bytes to be written in a single write cycle. The page write is the same sequence as the byte write except for inputting the more write data. The page write is initiated by a start condition, device address word, memory address(n) and write data (Dn) with every ninth bit acknowledgment. The EEPROM enters the page write operation if the EEPROM receives more write data (Dn+1) instead of receiving a stop condition. The a0 to a5 address bits are automatically incremented upon receiving write data (Dn+1). The EEPROM can continue to receive write data up to 64 bytes. If the a0 to a5 address bits reaches the last address of the page, the a0 to a5 address bits will roll over to the first address of the same page and previous write data will be overwritten. Upon receiving a stop condition, the EEPROM stops receiving write data and enters internally-timed write cycle. Page Write Operation
WP Device address 128k Start 1010
W
1st Memory address (n)
a13 a12 a11 a10 a9 a8 *1 *1
2nd Memory address (n)
a7 a6 a5 a4 a3 a2 a1 a0
Write data (n)
D7 D6 D5 D4 D3 D2 D1 D0
Write data (n+m)
D5 D4 D3 D2 D1 D0
ACK R/W
ACK
ACK
ACK
ACK Stop
Note: 1. Don't care bit
R10DS0008EJ0100 Rev.1.00 Aug. 04, 2010
Page 9 of 16
R1EX24128BSAS0I/R1EX24128BTAS0I Write Operations(WP=High) Byte Write: (Write operation during WP=High status) A write operation requires an 8-bit device address word with R/W = "0". Then the EEPROM sends acknowledgment "0" at the ninth clock cycle. After these, the 128kbit EEPROM receives 2 sequence 8-bit memory address words. Upon receipt of this memory address, the EEPROM outputs acknowledgment "0". After receipt of 8-bit write data, the EEPROM outputs acknowledgment "1"(NO ACK). Then the EEPROM write operations are not allowed. Byte Write Operation
WP Device address 128k Start Note: 1. Don't care bit 1010
W
1st Memory address (n)
a13 a12 a11 a10 a9 a8 *1 *1
2nd Memory address (n)
a7 a6 a5 a4 a3 a2 a1 a0
Write data (n)
D7 D6 D5 D4 D3 D2 D1 D0
No ACK
ACK R/W
ACK
ACK
Stop
Page Write: The page write is the same sequence as the byte write. The page write is initiated by a start condition, device address word and memory address(n) with every ninth bit acknowledgment"0". But after inputting write data(Dn) , the EEPROM outputs acknowledgment "1"(NO ACK). Then the EEPROM write operations are not allowed. Page Write Operation
WP Device address 128k Start 1010
W
1st Memory address (n)
a13 a12 a11 a10 a9 a8 *1 *1
2nd Memory address (n)
a7 a6 a5 a4 a3 a2 a1 a0
Write data (n)
D7 D6 D5 D4 D3 D2 D1 D0
No ACK No ACK Write data (n+m)
D5 D4 D3 D2 D1 D0
ACK R/W
ACK
ACK Stop
Note: 1. Don't care bit
R10DS0008EJ0100 Rev.1.00 Aug. 04, 2010
Page 10 of 16
R1EX24128BSAS0I/R1EX24128BTAS0I Acknowledge Polling: Acknowledge polling feature is used to show if the EEPROM is in a internally-timed write cycle or not. This feature is initiated by the stop condition after inputting write data. This requires the 8-bit device address word following the start condition during a internally-timed write cycle. Acknowledge polling will operate when the R/W code = "0". Acknowledgment "1" (no acknowledgment) shows the EEPROM is in a internally-timed write cycle and acknowledgment "0" shows that the internally-timed write cycle has completed. See Write Cycle Polling using ACK. Write Cycle Polling Using ACK
Send write command
Send stop condition to initiate write cycle
Send start condition Send device address word with R/W = 0
ACK returned Yes Next operation is addressing the memory Yes Send memory address
No
No
Send start condition
Send stop condition
Proceed write operation
Proceed random address read operation
Send stop condition
R10DS0008EJ0100 Rev.1.00 Aug. 04, 2010
Page 11 of 16
R1EX24128BSAS0I/R1EX24128BTAS0I Read Operation There are three read operations: current address read, random read, and sequential read. Read operations are initiated the same way as write operations with the exception of R/W = "1". Current Address Read: The internal address counter maintains the last address accessed during the last read or write operation, with incremented by one. Current address read accesses the address kept by the internal address counter. After receiving a start condition and the device address word (R/W is "1"), the EEPROM outputs the 8-bit current address data from the most significant bit following acknowledgment "0". If the EEPROM receives acknowledgment "1" (no acknowledgment) and a following stop condition, the EEPROM stops the read operation and is turned to a standby state. In case the EEPROM has accessed the last address of the last page at previous read operation, the current address will roll over and returns to zero address. In case the EEPROM has accessed the last address of the page at previous write operation, the current address will roll over within page addressing and returns to the first address in the same page. The current address is valid while power is on. The current address after power on will be indefinite. The random read operation described below is necessary to define the memory address. Current Address Read Operation
Device address 128k Start 1010
R
Read data (n+1)
D7 D6 D5 D4 D3 D2 D1 D0
ACK R/W
No ACK
Stop
R10DS0008EJ0100 Rev.1.00 Aug. 04, 2010
Page 12 of 16
R1EX24128BSAS0I/R1EX24128BTAS0I Random Read: This is a read operation with defined read address. A random read requires a dummy write to set read address. The EEPROM receives a start condition, device address word (R/W=0) and memory address 2 x 8-bit sequentially. The EEPROM outputs acknowledgment "0" after receiving memory address then enters a current address read with receiving a start condition. The EEPROM outputs the read data of the address which was defined in the dummy write operation. After receiving acknowledgment "1"(no acknowledgment) and a following stop condition, the EEPROM stops the random read operation and returns to a standby state. Random Read Operation
Device address 128k Start 1010
@@@
W
1st Memory address (n)
*1 *1 a13 a12 a11 a10 a9 a8
2nd Memory address (n)
a7 a6 a5 a4 a3 a2 a1 a0
Device address 1010 Start ACK
###
R
Read data (n)
D7 D6 D5 D4 D3 D2 D1 D0
ACK R/W
Dummy write
ACK
R/W ACK
No ACK Stop
Current address read
Notes: 1. Don't care bit 2. 2nd device address code (#) should be same as 1st (@).
Sequential Read: Sequential reads are initiated by either a current address read or a random read. If the EEPROM receives acknowledgment "0" after 8-bit read data, the read address is incremented and the next 8-bit read data are coming out. This operation can be continued as long as the EEPROM receives acknowledgment "0". The address will roll over and returns address zero if it reaches the last address of the last page. The sequential read can be continued after roll over. The sequential read is terminated if the EEPROM receives acknowledgment "1" (no acknowledgment) and a following stop condition. Sequential Read Operation
Device address 128k Start 1010
R
Read data (n)
D7 D6 D5 D4 D3 D2 D1 D0
Read data (n+1) Read data (n+2) Read data (n+m)
D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 D5 D4 D3 D2 D1 D0
ACK R/W
ACK
ACK
ACK
No ACK Stop
R10DS0008EJ0100 Rev.1.00 Aug. 04, 2010
Page 13 of 16
R1EX24128BSAS0I/R1EX24128BTAS0I
Notes
Data Protection at VCC On/Off When VCC is turned on or off, noise on the SCL and SDA inputs generated by external circuits (CPU, etc) may act as a trigger and turn the EEPROM to unintentional program mode. To prevent this unintentional programming, this EEPROM has a power on reset function. Be careful of the notices described below in order for the power on reset function to operate correctly. * SCL and SDA should be fixed to VCC or VSS during VCC on/off. Low to high or high to low transition during VCC on/off may cause the trigger for the unintentional programming. * VCC should be turned off after the EEPROM is placed in a standby state. * VCC should be turned on from the ground level(VSS) in order for the EEPROM not to enter the unintentional programming mode. * VCC turn on rate should be slower than 2 s/V. Noise Suppression Time This EEPROM have a noise suppression function at SCL and SDA inputs, that cut noise of width less than 100 ns. Be careful not to allow noise of width more than 100 ns.
R10DS0008EJ0100 Rev.1.00 Aug. 04, 2010
Page 14 of 16
R1EX24128BSAS0I/R1EX24128BTAS0I
Package Dimensions
R1EX24128BSAS0I (PRSP0008DF-B / Previous Code: FP-8DBV)
JEITA Package Code P-SOP8-3.9x4.89-1.27 RENESAS Code PRSP0008DF-B Previous Code FP-8DBV MASS[Typ.] 0.08g
*1
D
F 5
8
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE
E
Index mark
*2
Terminal cross section ( Ni/Pd/Au plating )
1
Z
e
c
4
*3
Reference Dimension in Millimeters Symbol
bp
x
M
L1
A1
L
y
Detail F
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
Min Nom Max 4.89 5.15 3.90
0.102 0.14 0.254 1.73 0.35 0.40 0.45 0.15 0.20 0.25 0 8 5.84 6.02 6.20 1.27 0.25 0.10 0.69 0.406 0.60 0.889 1.06
R10DS0008EJ0100 Rev.1.00 Aug. 04, 2010
A
Page 15 of 16
R1EX24128BSAS0I/R1EX24128BTAS0I R1EX24128BTAS0I (PTSP0008JC-B / Previous Code: TTP-8DAV)
JEITA Package Code P-TSSOP8-4.4x3-0.65 RENESAS Code PTSP0008JC-B Previous Code TTP-8DAV MASS[Typ.] 0.034g
*1
D
F 5
8
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE
E
*2
Terminal cross section ( Ni/Pd/Au plating )
Index mark
c
Reference Dimension in Millimeters Symbol
L1
1
Z
e
4
*3
bp
x
M
A
A1
L
Detail F
y
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
Min Nom Max 3.00 3.30 4.40
0.03 0.07 0.10 1.10 0.15 0.20 0.25 0.10 0.15 0.20 0 8 6.20 6.40 6.60 0.65 0.13 0.10 0.805 0.40 0.50 0.60 1.00
R10DS0008EJ0100 Rev.1.00 Aug. 04, 2010
Page 16 of 16
Revision History
R1EX24128BSAS0I/R1EX24128BTAS0I Data Sheet
Description Summary Initial issue
Rev. 1.00
Date Aug. 04, 2010
Page
All trademarks and registered trademarks are the property of their respective owners. C-1
Notice
1. All information included in this document is current as of the date this document is issued. Such information, however, is subject to change without any prior notice. Before purchasing or using any Renesas Electronics products listed herein, please confirm the latest product information with a Renesas Electronics sales office. Also, please pay regular and careful attention to additional and different information to be disclosed by Renesas Electronics such as that disclosed through our website. 2. Renesas Electronics does not assume any liability for infringement of patents, copyrights, or other intellectual property rights of third parties by or arising from the use of Renesas Electronics products or technical information described in this document. No license, express, implied or otherwise, is granted hereby under any patents, copyrights or other intellectual property rights of Renesas Electronics or others. 3. 4. You should not alter, modify, copy, or otherwise misappropriate any Renesas Electronics product, whether in whole or in part. Descriptions of circuits, software and other related information in this document are provided only to illustrate the operation of semiconductor products and application examples. You are fully responsible for the incorporation of these circuits, software, and information in the design of your equipment. Renesas Electronics assumes no responsibility for any losses incurred by you or third parties arising from the use of these circuits, software, or information. 5. When exporting the products or technology described in this document, you should comply with the applicable export control laws and regulations and follow the procedures required by such laws and regulations. You should not use Renesas Electronics products or the technology described in this document for any purpose relating to military applications or use by the military, including but not limited to the development of weapons of mass destruction. Renesas Electronics products and technology may not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable domestic or foreign laws or regulations. 6. Renesas Electronics has used reasonable care in preparing the information included in this document, but Renesas Electronics does not warrant that such information is error free. Renesas Electronics assumes no liability whatsoever for any damages incurred by you resulting from errors in or omissions from the information included herein. 7. Renesas Electronics products are classified according to the following three quality grades: "Standard", "High Quality", and "Specific". The recommended applications for each Renesas Electronics product depends on the product's quality grade, as indicated below. You must check the quality grade of each Renesas Electronics product before using it in a particular application. You may not use any Renesas Electronics product for any application categorized as "Specific" without the prior written consent of Renesas Electronics. Further, you may not use any Renesas Electronics product for any application for which it is not intended without the prior written consent of Renesas Electronics. Renesas Electronics shall not be in any way liable for any damages or losses incurred by you or third parties arising from the use of any Renesas Electronics product for an application categorized as "Specific" or for which the product is not intended where you have failed to obtain the prior written consent of Renesas Electronics. The quality grade of each Renesas Electronics product is "Standard" unless otherwise expressly specified in a Renesas Electronics data sheets or data books, etc. "Standard": Computers; office equipment; communications equipment; test and measurement equipment; audio and visual equipment; home electronic appliances; machine tools; personal electronic equipment; and industrial robots. "High Quality": Transportation equipment (automobiles, trains, ships, etc.); traffic control systems; anti-disaster systems; anti-crime systems; safety equipment; and medical equipment not specifically designed for life support. "Specific": Aircraft; aerospace equipment; submersible repeaters; nuclear reactor control systems; medical equipment or systems for life support (e.g. artificial life support devices or systems), surgical implantations, or healthcare intervention (e.g. excision, etc.), and any other applications or purposes that pose a direct threat to human life. 8. You should use the Renesas Electronics products described in this document within the range specified by Renesas Electronics, especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. Renesas Electronics shall have no liability for malfunctions or damages arising out of the use of Renesas Electronics products beyond such specified ranges. 9. Although Renesas Electronics endeavors to improve the quality and reliability of its products, semiconductor products have specific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. Further, Renesas Electronics products are not subject to radiation resistance design. Please be sure to implement safety measures to guard them against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a Renesas Electronics product, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other appropriate measures. Because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 10. Please contact a Renesas Electronics sales office for details as to environmental matters such as the environmental compatibility of each Renesas Electronics product. Please use Renesas Electronics products in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the EU RoHS Directive. Renesas Electronics assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and regulations. 11. This document may not be reproduced or duplicated, in any form, in whole or in part, without prior written consent of Renesas Electronics. 12. Please contact a Renesas Electronics sales office if you have any questions regarding the information contained in this document or Renesas Electronics products, or if you have any other inquiries. (Note 1) (Note 2) "Renesas Electronics" as used in this document means Renesas Electronics Corporation and also includes its majority-owned subsidiaries. "Renesas Electronics product(s)" means any product developed or manufactured by or for Renesas Electronics.
SALES OFFICES
Refer to "http://www.renesas.com/" for the latest and detailed information. Renesas Electronics America Inc. 2880 Scott Boulevard Santa Clara, CA 95050-2554, U.S.A. Tel: +1-408-588-6000, Fax: +1-408-588-6130 Renesas Electronics Canada Limited 1101 Nicholson Road, Newmarket, Ontario L3Y 9C3, Canada Tel: +1-905-898-5441, Fax: +1-905-898-3220 Renesas Electronics Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K Tel: +44-1628-585-100, Fax: +44-1628-585-900 Renesas Electronics Europe GmbH Arcadiastrasse 10, 40472 Dusseldorf, Germany Tel: +49-211-65030, Fax: +49-211-6503-1327 Renesas Electronics (China) Co., Ltd. 7th Floor, Quantum Plaza, No.27 ZhiChunLu Haidian District, Beijing 100083, P.R.China Tel: +86-10-8235-1155, Fax: +86-10-8235-7679 Renesas Electronics (Shanghai) Co., Ltd. Unit 204, 205, AZIA Center, No.1233 Lujiazui Ring Rd., Pudong District, Shanghai 200120, China Tel: +86-21-5877-1818, Fax: +86-21-6887-7858 / -7898 Renesas Electronics Hong Kong Limited Unit 1601-1613, 16/F., Tower 2, Grand Century Place, 193 Prince Edward Road West, Mongkok, Kowloon, Hong Kong Tel: +852-2886-9318, Fax: +852 2886-9022/9044 Renesas Electronics Taiwan Co., Ltd. 7F, No. 363 Fu Shing North Road Taipei, Taiwan Tel: +886-2-8175-9600, Fax: +886 2-8175-9670 Renesas Electronics Singapore Pte. Ltd. 1 harbourFront Avenue, #06-10, keppel Bay Tower, Singapore 098632 Tel: +65-6213-0200, Fax: +65-6278-8001 Renesas Electronics Malaysia Sdn.Bhd. Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No. 18, Jln Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: +60-3-7955-9390, Fax: +60-3-7955-9510 Renesas Electronics Korea Co., Ltd. 11F., Samik Lavied' or Bldg., 720-2 Yeoksam-Dong, Kangnam-Ku, Seoul 135-080, Korea Tel: +82-2-558-3737, Fax: +82-2-558-5141
http://www.renesas.com
(c) 2010 Renesas Electronics Corporation. All rights reserved. Colophon 1.0


▲Up To Search▲   

 
Price & Availability of R1EX24128BSAS0I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X