|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Intel(R) PRO/1000 MT Dual Port Server Adapter Two Gigabit Copper Server Connections in a Single PCI Slot The Intelligent Way to Connect Conserve valuable PCI slot space in servers, eliminate server bottlenecks and migrate existing Category-5 networks to Gigabit Ethernet easily and cost-effectively with the Intel(R) PRO/1000 MT Dual Port Server Adapter. Featuring flexible, auto-negotiating 10/100/1000 Mbps performance, the Intel PRO/1000 MT Dual Port Server Adapter is designed to automatically scale with growing networks. Enhance server performance further by teaming the two connections together or team with other Intel(R) PRO Server Adapters using Intel's advanced server feature software to achieve multi-Gigabit scalability and redundant failover capability. A compact form factor and swappable lowprofile bracket allow this dual port Gigabit adapter to fit in even high-density, rack-mounted 1U and 2U servers. With a flexible design that fits almost any type of PCI bus, the standards-based management features and wide network operating system support help to ensure extensive compatibility with the latest server and networking environments. Features WIDESPREAD COMPATIBILITY Benefits Support for most NOSs Intel SingleDriverTM technology (R) Enables widespread deployment Common driver suite for Gigabit Ethernet reduces installation complexity Reduces support costs and simplifies installation and maintenance This flexible, auto-sensing adapter works in a variety of bus types Reduces support costs with remote management based on industry-wide standards Supports Gigabit Ethernet industry-wide networking standard Backward Compatibility with previous generations of Intel PRO/1000 Network Adapters Supports 64- or 32-bit PCI-X 1.0 or PCI 2.2 buses Easy, cost-effective 10/100/1000 migration over existing CAT-5 cabling Multi-Gigabit scalability and increased uptime through advanced server features Optional low-profile bracket included for high-density, rackmounted servers Remote Management Support (WfM, RIS, SNMP/DMI) IEEE 802.3ab Compatibility NEW FEATURES IN THE INTEL PRO/1000 MT DUAL PORT SERVER ADAPTER Intel(R) 82546 Gigabit Controller Enables two Gigabit connections in a single adapter, delivering increased bandwidth for slot-constrained servers and providing high performance, reliability, and low power use in a single, integrated, dual port Gigabit Ethernet controller chip Compatible with full-height and low-profile PCI slots--the standard, full-height bracket can be easily swapped out and replaced by the shorter, low-profile bracket, for installation in high-density 1U and 2U servers that feature low-profile PCI slots Delivers increased performance while significantly reducing CPU utilization Dynamically tests and reports network problems (interrupts, error rate, cable length) and automatically compensates for cable issues (cross over cable, wrong pin-out/polarity) Compatible with Large Send Off-load feature of Microsoft Windows* Server 2003, 2000 and XP which enables wire speed performance with low CPU utilization Intel(R) ANS software increases uptime with redundant, teamed connections and scales bandwidth by balancing network traffic across multiple server connections. Now offers Switch Fault Tolerance and Test Switch Configuration to test compatibility and further increase uptime Full-height and low-profile, screw-on brackets included with each adapter Interrupt Moderation Advanced Cable Diagnostics Large Send Off-load/TCP Segmentation Off-load Expanded Advanced Server Features GIGABIT-OVER-COPPER ADVANTAGES Gigabit speeds on Category-5 cable networks Able to achieve Gigabit speeds on commonly deployed CAT-5 cabling without costly cable replacement Reduces training costs and ramp rollout quickly Enables migration to faster networks easily and inexpensively--adapter will automatically sense when the network is able to support a faster speed, and self-configure to save IT staff time, money and server downtime Compatible with Fast Ethernet Auto-sensing, self-configuring 10/100/1000 Mbps performance SPECIFICATIONS GENERAL Product Codes Connectors IEEE Standard/Network Topology Wiring ADAPTER PRODUCT FEATURES Intel(R) SingleDriverTM technology Plug and Play Specification Support Easy Installation, Intel(R) PROSet Utility and Intel(R) PRO Intelligent Install Auto-negotiation, Full-duplex Capable Includes a Low-profile and a Full-height Bracket Cable Distance NETWORK MANAGEMENT Wired for Management (WfM) Baseline v2.0 Enabled for Servers DMI 2.0 Support, WMI & SNMP-manageable Offline Diagnostics Dynamic Cable Diagnostics Intel(R) Boot Agent ACPI Power Management Wake on LAN* PXE 2.0 NOS SOFTWARE SUPPORT Microsoft Windows* Server 2003 and 2000 Microsoft Windows* XP 32- and 64-bit Editions Microsoft Windows NT* 4.0 Linux* 2.4.x or later (32- and 64-bit) FreeBSD 4.x or later Novell Netware* 4.11, 4.2, 5.0, 5.1, 6.0 SunSoft Solaris* 7, 8 UnixWare* 7.x, OpenUNIX 8 (ddi8) SCO5* INTEL BACKING Limited Lifetime Warranty 90-day Money-back Guarantee (U.S. and Canada) Intel(R) PRO/1000 MT Dual Port Server Adapter ADVANCED SOFTWARE FEATURES Adapter Fault Tolerance Switch Fault Tolerance Adaptive Load Balancing Fast EtherChannel*1 Gigabit EtherChannel*1 IEEE 802.3ad (Link Aggregation Control Protocol)*1 Test Switch Configuration PCI Hot Plug* and Active PCI* 802.1Q VLANs 802.3x Flow Control TCP Checksum Offload IEEE 802.1p TCP Segmentation/Large Send Off-load Interrupt Moderation Save and Restore TECHNICAL FEATURES Data Rate(s) Supported per Port Bus Type Bus Width Bus Speed (MHz) Onboard Memory Interrupt Levels IEEE Support Hardware Certifications Data Transfer Mode Controller--Processor Typical Power Consumption Operating Temperature Operating Humidity PHYSICAL DIMENSIONS Length Width Height of Full-Height End Bracket Height of Low-Profile End Bracket PWLA8492MT Two RJ-45 10BASE-T, 100BASE-TX, 1000BASE-T Cat-5, 4-pair Standard 100m 10, 100 and 1,000-Mbps PCI/PCI-X 32- or 64-bit 33/66/100/133 128 KB INTA 802.3ab FCC A, CE Bus-master DMA Intel(R) 82546 1A at +5VDC 0-55C 85% at +55C 16.5cm (6.6 in) 6.4cm (2.5 in) 12.1cm (4.75 in) 8.1cm (3.2 in) ORDER CODES PWLA8492MT (Single Packs) PWLA8492MTBLK5 (Five Packs) NETWORK-READY PCS Top PC and server manufacturers offer Intel(R) adapters in their new products. Specify or ask for Intel(R) PRO Network Connections with your next PC, server, or mobile PC purchase. For a list of preferred suppliers, visit us on the World Wide Web: www.intel.com/ network/connectivity/how_to_buy/index.htm. FOR PRODUCT INFORMATION To speak to a customer service representative regarding Intel(R) products, please call 1-800-538-3373 (U.S. and Canada) or visit www.intel.com/support/9089.htm for the telephone number in your area. For additional product information on the Intel(R) Networking and Communication products, visit www.intel.com/network/connectivity. COMPANION PRODUCTS Consider these Intel(R) products in your sever and network planning: Intel(R) PRO/1000 MT Desktop Adapters Intel(R) PRO/1000 MT Server Adapters Intel(R) PRO/1000 MF Server Adapters Intel(R) PRO/1000 MF Server Adapters (LX) Intel(R) PRO/1000 MF Dual Port Server Adapters Intel(R) PRO/1000 MT Quad Port Server Adapters Other Intel(R) PRO Desktop, Mobile, Wireless and Server Adapters Intel(R) XeonTM processors Intel(R) Server Boards CUSTOMER SUPPORT Intel(R) customer Support Services offers a broad selection of programs including phone support and warranty service. For more information, contact us at support.intel.com/support/network Service and availability may vary by country. ONLINE DOCUMENTS For the latest product information, visit us on the World Wide Web at www.intel.com/network/connectivity Information in this document is provided in connection with Intel(R) products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Intel's Terms and Conditions of Sale for such products, Intel assumes no liability whatsoever, and Intel disclaims any express or implied warranty, relating to sale and/or use of Intel products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. Intel products are not intended for use in medical, life-saving, or life-sustaining applications. Intel may make changes to specifications and product descriptions at any time, without notice. For the most current product information, please visit http://www.intel.com/network/connectivity *Other names and brands may be claimed as the property of others. 1 Available only when used with a capable switch. Copyright (c) Intel Corporation 2003. All rights reserved. 1003/LAD/PL/OC/PDF NP2116.01 Please recycle |
Price & Availability of PWLA8492MT |