|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
General Purpose Relays Miniature Relay PT I I I I I I I I 2 pole 12 A, 3 pole 10 A or 4 pole 6 A, 2, 3 or 4 CO contacts DC- or AC-coil Switching performance up to 3000 VA Relay height 29 mm Mechanical and electrical indicator Manual test tab, optionally lockable. White marking tabs RoHS compliant (Directive 2002/95/EC) Applications Universal use in control and automation F0191-A Approvals V REG.-Nr.of115719, Z request L 00/20059(E2) E214025, Technical data approved types on Contact data PT2 PT3 PT5 Contact configuration 2 CO 3 CO 4 CO Contact set single contact Type of interruption micro disconnection Rated current 12 A 10 A 6A Rated voltage / max.switching voltage AC 240/400 VAC 240/400 VAC 240/240 VAC Maximum breaking capacity AC 3000 VA 2500 VA 1500 VA Limiting making capacity, max 20 ms 24 A 20 A 12 A Contact material AgNi90/10, AgNi90/10 gold plated Minimum contact load 12V/10mA, 20mV/1mA gold plated Mechanical endurance DC coil 30x106 cycles AC coil 20x106 cycles Rated frequency of operation with / without load 6/600 min-1 Contact Type PT270 PT270 PT270 PT270 PT270 PT270 PT270 PT370 PT370 PT370 PT370 PT370 PT370 PT370 PT570 PT570 PT570 PT570 PT570 PT570 PT570 PT570 ratings Load 12 A, 250 VAC, 3000 VA, cos=1, DF 50%, 600 h-1, NO, 70C 8 A, 250 VAC, 2000 VA, cos=1, DF 50%, 600 h-1, NO, 70C 4 A, 250 VAC, 1000 VA, cos=1, DF 50%, 600 h-1, NO, 70C 3.75 A, 400 VAC, opp. polarity, 70C, AC3 5 A, 250 VAC, opp. polarity, normal/abnormal, 70C, AC15 8 A, 24 VDC, opp. polarity, normal/abnormal, 70C, DC13 1.7 A, 230 VAC, 400 W, opp. polarity, 70C, AC5b 10 A, 250 VAC, 2500 VA, cos=1, DF 50%, 600 h-1, NO, 70C 8 A, 250 VAC, 2000 VA, cos=1, DF 50%, 600 h-1, NO, 70C 4 A, 250 VAC, 1000 VA, cos=1, DF 50%, 600 h-1, NO, 70C 2 A, 400 VAC, opp. polarity, 70C, AC3 5 A, 250 VAC, opp. polarity, normal/abnormal, 70C, AC15 8 A, 24 VDC, opp. polarity, normal/abnormal, 70C, DC13 1.7 A, 230 VAC, 400 W, opp. polarity, 70C, AC5b 6 A, 250 VAC, 1500 VA, cos=1, DF 50%, 600 h-1, NO, 70C 2 A, 250 VAC, 500 VA, cos=1, DF 50%, 600 h-1, NO, 70C 3 A, 400 VAC, opp. polarity, 70C, AC3 4 A, 250 VAC, opp. polarity, normal/abnormal, 70C, AC15 6 A, 24 VDC, opp. polarity, normal/abnormal, 70C, DC13 1.7 A, 230 VAC, 400 W, opp. polarity, 70C, AC5b 0.3 A, 110 VDC, 33 W, L/R=22 ms, 1440 h-1, DF 8%, NO, prot.D. 3 A on /1 A off, 120 VAC, cos 0.8on/0.5off, 600h-1, DF 15%, NO Cycles 168x103 750x103 8.3x106 159x103 466x103 1.1x106 228x103 782x103 3.6x106 423x103 1 Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change. General Purpose Relays Miniature Relay PT (Continued) Coil data Rated coil voltage range DC coil AC coil Coil power DC coil AC coil Operative range DC coil, AC-coil 50Hz AC coil 60 Hz at 70C, % of Urtd 6...220 VDC 6...230 VAC 0.75 mW 1.0 VA 2 90..110% Coil versions, DC-coil Coil code Rated Operate Release Coil Rated coil STD LED voltage voltage voltage resistance power bipolar VDC VDC VDC Ohm mW 006 L06 6 4.5 0.6 48+10% 750 012 L12 12 9.0 1.2 192+10% 750 + 024 L24 24 18.0 2.4 777+10% 741 048 L48 48 36.0 4.8 3072+10% 750 060 L60 60 45.0 6.0 4845+12% 743 110 M10 110 82.5 11.0 16133+15% 750 220 N20 220 165.0 22.0 64533+15% 750 All figures are given for coil without preenergization, at ambient temperature +23C Coil versions, AC-coil 50/60 Hz Coil code Rated STD LED voltage Operate Release Coil Rated coil voltage voltage resistance power 50/60Hz 50/60Hz 50/60Hz VAC VAC VAC Ohm VA 506 R06 6 4.8/5.4 1.8 11+10% 1.0/0.85 512 R12 12 9.6/10.8 3.6 48+10% 1.0/0.85 + 524 R24 24 19.2/21.6 7.2 192+10% 1.0/0.79 548 R48 48 38.4/43.2 14.4 777+10% 1.0/0.87 560 R60 60 48.0/54.0 18.0 1306+10% 1.0/0.87 615 S15 115 92.0/103.5 34.5 4845+12% 1.0/0.86 + 730 T30 230 184.0/207.0 69.0 19465+15% 1.0/0.90 All figures are given for coil without preenergization, at ambient temperature +23C Insulation PT2 PT3 PT5 Dielectric strength coil-contact circuit 2500 Vrms 2500 Vrms 2500 Vrms open contact circuit 1200 Vrms 1200 Vrms 1200 Vrms adjacent contact circuits 2500 Vrms 2500 Vrms 2000 Vrms Clearance / creepage coil-contact circuit W 4/4 mm W 4/4 mm W 4/4 mm adjacent contact circuits W 3.5/9.5 mm W 2.6/3.5 mm W 1.8/3.5 mm Material group of insulation parts W IIIa Insulation to IEC 60664-1 Type of insulation coil-contact circuit basic basic basic open contact circuit functional functional functional adjacent contact circuits basic basic functional Rated insulation voltage 250 V 250 V 250 V Pollution degree 2 2 2 Rated voltage system 240/400 V 240 V 240 V Overvoltage category III III III Other data RoHS - Directive 2002/95/EC Ambient temperature range Operate- / release time Bounce time NO / NC contact Vibration resistance (function) NO / NC contact Shock resistance (function) NO / NC contact Category of protection Mounting distance Resistance to soldering heat Relay weight Packaging unit compliant -40...+70C 15/10 ms 5 ms 7/4 g 20/5 g RTII- flux proof 0 mm, dense packing 270C / 10s 30 g 10/250 pcs Accessories For details see datasheet Accessories Miniature Relay PT 2 Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change. General Purpose Relays Miniature Relay PT (Continued) Relay Packages Complete packages consisting of a relay mounted on a socket see Package PT PCB layout / terminal assignment Bottom view on pins 4-pole 3-pole 2-pole S0354-AA S0354-AD S0354-AB S0354-AE S0354-AC S0354-AF Dimensions Solder- and plug-in terminals (standard version) PCB version S0355-AA S0355-BB Product key PT Type Contact configuration 2 2 CO contacts 3 3 CO contacts 5 4 CO contacts Contact material 7 AgNi 90/10, with test button*) 8 AgNi 90/10 gold plated, with test button*) Version 1 PCB terminals 0 standard, 2.8 mm quick connect term. Coil Coil code: please refer to coil versions table, preferred types in bold print *) Version with closed cap without test button available on request Other types on request 3 Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change. General Purpose Relays Miniature Relay PT (Continued) Product key PT270024 PT270524 PT270615 PT270730 PT270L24 PT270R24 PT270S15 PT270T30 PT271024 PT271524 PT271615 PT271730 PT370024 PT370524 PT370615 PT370730 PT370L24 PT370R24 PT370S15 PT370T30 PT371024 PT371524 PT371615 PT371730 PT570024 PT570524 PT570615 PT570730 PT570L24 PT570R24 PT570S15 PT570T30 PT571024 PT571524 PT571615 PT571730 PT580024 PT580524 PT580730 PT580L24 PT580R24 PT580T30 PT581024 PT581730 Cont. Config. 2 CO contacts Cont. material AgNi 90/10 test button Version AMP 2.8 connectors Coil DC-coil AC-coil DC-coil+LED AC-coil+LED PCB terminals DC-coil AC-coil DC-coil AC-coil DC-coil+LED AC-coil+LED 3 CO contacts AgNi 90/10 test button AMP 2.8 connectors PCB terminals DC-coil AC-coil DC-coil AC-coil DC-coil+LED AC-coil+LED 4 CO contacts AgNi 90/10 test button AMP 2.8 connectors PCB terminals DC-coil AC-coil DC-coil AC-coil DC-coil+LED AC-coil+LED AgNi 90/10 gold plated test button AMP 2.8 connectors PCB terminals DC-coil AC-coil Coil 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 230 VAC 24 VDC 24 VAC 230 VAC 24 VDC 230 VAC Part number 4-1419111-2 4-1419111-8 5-1419111-0 5-1419111-1 9-1415001-1 0-1415002-1 2-1415039-1 3-1415002-1 5-1419111-3 5-1419111-6 4-1419135-0 5-1419111-8 6-1419111-1 6-1419111-6 6-1419111-8 6-1419111-9 5-1415002-1 7-1415002-1 9-1415039-1 9-1415002-1 7-1419111-1 7-1419111-3 0-1393154-8 7-1419111-5 1-1393154-2 8-1419111-7 9-1419111-0 9-1419111-1 6-1415001-1 7-1415001-1 7-1415003-1 8-1415001-1 9-1419111-3 9-1419111-6 1-1393154-5 9-1419111-8 1-1393154-7 2-1393154-1 2-1393154-2 5-1415026-1 6-1415026-1 7-1415026-1 7-1419135-2 2-1393154-3 4 Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change. |
Price & Availability of PT27002405 |