|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PSMN4R5-40PS N-channel 40 V 4.6 m standard level MOSFET Rev. 02 -- 25 June 2009 Product data sheet 1. Product profile 1.1 General description Standard level N-channel MOSFET in TO220 package qualified to 175 C. This product is designed and qualified for use in a wide range of industrial, communications and domestic equipment. 1.2 Features and benefits High efficiency due to low switching and conduction losses Suitable for standard level gate drive sources 1.3 Applications DC-to-DC convertors Load switching Motor control Server power supplies 1.4 Quick reference data Table 1. VDS ID Ptot Quick reference Conditions Tmb = 25 C; VGS = 10 V; see Figure 1 Tmb = 25 C; see Figure 2 Min Typ Max 40 100 148 Unit V A W drain-source voltage Tj 25 C; Tj 175 C drain current total power dissipation gate-drain charge Symbol Parameter Dynamic characteristics QGD VGS = 10 V; ID = 25 A; VDS = 20 V; see Figure 14; see Figure 15 VGS = 10 V; ID = 25 A; Tj = 25 C; see Figure 13; [1] 8.8 nC Static characteristics RDSon drain-source on-state resistance 3.9 4.6 m [1] Measured 3 mm from package. NXP Semiconductors PSMN4R5-40PS N-channel 40 V 4.6 m standard level MOSFET 2. Pinning information Table 2. Pin 1 2 3 mb Pinning information Symbol G D S D Description gate drain source mounting base; connected to drain mb D Simplified outline Graphic symbol G mbb076 S 123 SOT78 (TO-220AB; SC-46) 3. Ordering information Table 3. Ordering information Package Name PSMN4R5-40PS TO-220AB; SC-46 Description Version plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead SOT78 TO-220AB Type number 4. Limiting values Table 4. Symbol VDS VDGR VGS ID IDM Ptot Tstg Tj IS ISM EDS(AL)S Limiting values Parameter drain-source voltage drain-gate voltage gate-source voltage drain current peak drain current total power dissipation storage temperature junction temperature source current peak source current Tmb = 25 C tp 10 s; pulsed; Tmb = 25 C VGS = 10 V; Tmb = 100 C; see Figure 1 VGS = 10 V; Tmb = 25 C; see Figure 1 tp 10 s; pulsed; Tmb = 25 C; see Figure 3 Tmb = 25 C; see Figure 2 Conditions Tj 25 C; Tj 175 C Tj 25 C; Tj 175 C; RGS = 20 k Min -20 -55 -55 Max 40 40 20 96 100 545 148 175 175 100 545 152 Unit V V V A A A W C C A A mJ In accordance with the Absolute Maximum Rating System (IEC 60134). Source-drain diode Avalanche ruggedness non-repetitive drain-source VGS = 10 V; Tj(init) = 25 C; ID = 100 A; Vsup 40 V; avalanche energy unclamped; RGS = 50 PSMN4R5-40PS_2 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 02 -- 25 June 2009 2 of 13 NXP Semiconductors PSMN4R5-40PS N-channel 40 V 4.6 m standard level MOSFET 150 ID (A) 100 (1) 003aad008 120 Pder (%) 80 03aa16 50 40 0 0 50 100 150 Tmb (C) 200 0 0 50 100 150 Tmb (C) 200 Fig 1. Continuous drain current as a function of mounting base temperature Fig 2. Normalized total power dissipation as a function of mounting base temperature 003aad297 103 ID (A) 10 2 Limit RDSon = VDS / ID 10 s (1) 100 s 10 DC 1 ms 10 ms 100 ms 1 10-1 1 10 VDS (V) 102 Fig 3. Safe operating area; continuous and peak drain currents as a function of drain-source voltage PSMN4R5-40PS_2 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 02 -- 25 June 2009 3 of 13 NXP Semiconductors PSMN4R5-40PS N-channel 40 V 4.6 m standard level MOSFET 5. Thermal characteristics Table 5. Symbol Rth(j-mb) Thermal characteristics Parameter Conditions Min Typ 0.65 Max 1 Unit K/W thermal resistance from see Figure 4 junction to mounting base 1 Zth(j-mb) = 0.5 (K/W) 0.2 10-1 0.1 0.05 0.02 10-2 P 003aad007 = tp T 10-3 single shot tp T t 10 -4 10-6 10-5 10-4 10-3 10-2 10-1 tp (s) 1 Fig 4. Transient thermal impedance from junction to mounting base as a function of pulse duration; typical values PSMN4R5-40PS_2 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 02 -- 25 June 2009 4 of 13 NXP Semiconductors PSMN4R5-40PS N-channel 40 V 4.6 m standard level MOSFET 6. Characteristics Table 6. Symbol V(BR)DSS VGS(th) Characteristics Parameter drain-source breakdown voltage gate-source threshold voltage Conditions ID = 250 A; VGS = 0 V; Tj = -55 C ID = 250 A; VGS = 0 V; Tj = 25 C ID = 1 mA; VDS = VGS; Tj = -55 C; see Figure 11; see Figure 12 ID = 1 mA; VDS = VGS; Tj = 175 C; see Figure 11; see Figure 12 ID = 1 mA; VDS = VGS; Tj = 25 C; see Figure 11; see Figure 12 IDSS IGSS RDSon drain leakage current gate leakage current drain-source on-state resistance VDS = 40 V; VGS = 0 V; Tj = 25 C VDS = 40 V; VGS = 0 V; Tj = 125 C VGS = 20 V; VDS = 0 V; Tj = 25 C VGS = -20 V; VDS = 0 V; Tj = 25 C VGS = 10 V; ID = 25 A; Tj = 100 C; see Figure 13 VGS = 10 V; ID = 25 A; Tj = 25 C; see Figure 13; RG internal gate resistance f = 1 MHz (AC) total gate charge ID = 0 A; VDS = 0 V; VGS = 10 V ID = 25 A; VDS = 20 V; VGS = 10 V; see Figure 14; see Figure 15 QGS QGS(th) QGS(th-pl) QGD VGS(pl) Ciss Coss Crss td(on) tr td(off) tf gate-source charge pre-threshold gate-source charge post-threshold gate-source charge gate-drain charge gate-source plateau voltage input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time VDS = 12 V; RL = 0.5 ; VGS = 10 V; RG(ext) = 4.7 ID = 25 A; VDS = 20 V; see Figure 14 VDS = 12 V; VGS = 0 V; f = 1 MHz; Tj = 25 C; see Figure 16 ID = 25 A; VDS = 20 V; VGS = 10 V; see Figure 14; see Figure 15 [1] Min 36 40 1 2 Typ 3 3.9 0.97 Max 4.6 4 3 60 100 100 6.7 4.6 Unit V V V V V A A nA nA m m Tested to JEDEC standards where applicable. Static characteristics Dynamic characteristics QG(tot) 35 42.3 13.8 7.9 5.9 8.8 4.8 2683 660 290 19 23 30 9 nC nC nC nC nC nC V pF pF pF ns ns ns ns PSMN4R5-40PS_2 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 02 -- 25 June 2009 5 of 13 NXP Semiconductors PSMN4R5-40PS N-channel 40 V 4.6 m standard level MOSFET Table 6. Symbol VSD trr Qr Characteristics ...continued Parameter source-drain voltage reverse recovery time recovered charge Conditions IS = 25 A; VGS = 0 V; Tj = 25 C; see Figure 17 IS = 50 A; dIS/dt = -100 A/s; VGS = 0 V; VDS = 20 V IS = 50 A; dIS/dt = -100 A/s; VGS = 0 V; VDS = 20 V; Tj = 25 C Min Typ 0.75 40 33 Max 1.2 Unit V ns nC Tested to JEDEC standards where applicable. Source-drain diode [1] Measured 3 mm from package. 300 ID (A) 250 003aad020 10 RDSon (m) 003aad021 20 15 10 7.5 VGS (V) = 7 6 VGS (V) = 6.5 7 7.5 8 6.5 200 150 6 100 5.5 50 5 4.5 0 0 1 2 3 4 5 6 VDS (V) 6 10 4 15 20 2 0 50 100 150 200 ID (A) 250 Fig 5. Output characteristics: drain current as a function of drain-source voltage; typical values Fig 6. Drain-source on-state resistance as a function of drain current; typical values PSMN4R5-40PS_2 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 02 -- 25 June 2009 6 of 13 NXP Semiconductors PSMN4R5-40PS N-channel 40 V 4.6 m standard level MOSFET 100 ID (A) 80 003aad022 4000 C (pF) 3000 Ciss 003aad026 60 2000 40 Tj = 175 C 20 1000 Crss 25 C 0 0 2 4 6 V (V) 8 GS 0 0 2 4 6 8 10 VGS (V) Fig 7. Transfer characteristics: drain current as a function of gate-source voltage; typical values 003aad027 Fig 8. Input and reverse transfer capacitances as a function of gate-source voltage; typical values 25 003aad028 100 gfs (S) 75 RDSon (m) 20 15 50 10 25 5 0 0 25 50 75 ID (A) 100 0 0 5 10 15 VGS (V) 20 Fig 9. Forward transconductance as a function of drain current; typical values Fig 10. Drain-source on-state resistance as a function of gate-source voltage; typical values PSMN4R5-40PS_2 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 02 -- 25 June 2009 7 of 13 NXP Semiconductors PSMN4R5-40PS N-channel 40 V 4.6 m standard level MOSFET 10-1 ID (A) 10-2 min typ max 03aa35 5 VGS(th) (V) 4 max 003aad280 10-3 3 typ 10-4 2 min 10-5 1 10-6 0 2 4 VGS (V) 6 0 -60 0 60 120 Tj (C) 180 Fig 11. Sub-threshold drain current as a function of gate-source voltage 2 a 03aa27 Fig 12. Gate-source threshold voltage as a function of junction temperature VDS ID 1.5 VGS(pl) VGS(th) VGS QGS1 QGS2 QGD QG(tot) 003aaa508 1 0.5 QGS 0 -60 0 60 120 Tj (C) 180 Fig 14. Gate charge waveform definitions Fig 13. Normalized drain-source on-state resistance factor as a function of junction temperature PSMN4R5-40PS_2 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 02 -- 25 June 2009 8 of 13 NXP Semiconductors PSMN4R5-40PS N-channel 40 V 4.6 m standard level MOSFET 10 VGS (V) 8 VDS = 20V 6 003aad024 104 003aad025 C (pF) Ciss Coss 103 4 Crss 2 0 0 10 20 30 40 50 QG (nC) 102 10-1 1 10 VDS (V) 102 Fig 15. Gate-source voltage as a function of gate charge; typical values Fig 16. Input, output and reverse transfer capacitances as a function of drain-source voltage; typical values 003aad023 100 IS (A) 80 60 40 175 C 20 Tj = 25 C 0 0 0.2 0.4 0.6 0.8 1 VSD (V) Fig 17. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values PSMN4R5-40PS_2 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 02 -- 25 June 2009 9 of 13 NXP Semiconductors PSMN4R5-40PS N-channel 40 V 4.6 m standard level MOSFET 7. Package outline Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB SOT78 E p A A1 q D1 mounting base D L1(1) L2(1) Q L b1(2) (3x) b2(2) (2x) 1 2 3 b(3x) e e c 0 5 scale 10 mm DIMENSIONS (mm are the original dimensions) UNIT mm A 4.7 4.1 A1 1.40 1.25 b 0.9 0.6 b1(2) 1.6 1.0 b2(2) 1.3 1.0 c 0.7 0.4 D 16.0 15.2 D1 6.6 5.9 E 10.3 9.7 e 2.54 L 15.0 12.8 L1(1) 3.30 2.79 L2(1) max. 3.0 p 3.8 3.5 q 3.0 2.7 Q 2.6 2.2 Notes 1. Lead shoulder designs may vary. 2. Dimension includes excess dambar. OUTLINE VERSION SOT78 REFERENCES IEC JEDEC 3-lead TO-220AB JEITA SC-46 EUROPEAN PROJECTION ISSUE DATE 08-04-23 08-06-13 Fig 18. Package outline SOT78 (TO-220AB) PSMN4R5-40PS_2 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 02 -- 25 June 2009 10 of 13 NXP Semiconductors PSMN4R5-40PS N-channel 40 V 4.6 m standard level MOSFET 8. Revision history Table 7. Revision history Release date 20090625 Data sheet status Product data sheet Change notice Supersedes PSMN4R5-40PS_1 Document ID PSMN4R5-40PS_2 Modifications: PSMN4R5-40PS_1 * * Data sheet status changed from objective to product. Various changes to content. Objective data sheet - 20090507 PSMN4R5-40PS_2 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 02 -- 25 June 2009 11 of 13 NXP Semiconductors PSMN4R5-40PS N-channel 40 V 4.6 m standard level MOSFET 9. Legal information 9.1 Data sheet status Product status[3] Development Qualification Production Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification. Document status [1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet [1] [2] [3] Please consult the most recently issued document before initiating or completing a design. The term 'short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com. 9.2 Definitions Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities. 9.3 Disclaimers General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. 9.4 Trademarks Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners. TrenchMOS -- is a trademark of NXP B.V. 10. Contact information For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com PSMN4R5-40PS_2 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 02 -- 25 June 2009 12 of 13 NXP Semiconductors PSMN4R5-40PS N-channel 40 V 4.6 m standard level MOSFET 11. Contents 1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 9.1 9.2 9.3 9.4 10 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . .1 General description . . . . . . . . . . . . . . . . . . . . . .1 Features and benefits . . . . . . . . . . . . . . . . . . . . .1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . .1 Quick reference data . . . . . . . . . . . . . . . . . . . . .1 Pinning information . . . . . . . . . . . . . . . . . . . . . . .2 Ordering information . . . . . . . . . . . . . . . . . . . . . .2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . .2 Thermal characteristics . . . . . . . . . . . . . . . . . . .4 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .5 Package outline . . . . . . . . . . . . . . . . . . . . . . . . .10 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 11 Legal information. . . . . . . . . . . . . . . . . . . . . . . .12 Data sheet status . . . . . . . . . . . . . . . . . . . . . . .12 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . .12 Contact information. . . . . . . . . . . . . . . . . . . . . .12 Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'. (c) NXP B.V. 2009. All rights reserved. For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 25 June 2009 Document identifier: PSMN4R5-40PS_2 |
Price & Availability of PSMN4R5-40PS |