Part Number Hot Search : 
SR30150 DTA115UE DR3103 OVLFG3C7 MO356C SG330 MO356C LB1689
Product Description
Full Text Search
 

To Download PJF10N65 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJP10N65 / PJF10N65
650V N-Channel Enhancement Mode MOSFET
FEATURES
* 10A , 650V, RDS(ON)=1.0@VGS=10V, ID=5.0A * * * * * * Low ON Resistance Fast Switching Low Gate Charge Fully Characterized Avalanche Voltage and Current Specially Desigened for AC Adapter, Battery Charge and SMPS In compliance with EU RoHs 2002/95/EC Directives
TO-220AB / ITO-220AB
TO-220AB
ITO-220AB
3S 2 1D G
3S 12D G
MECHANICAL DATA
* Case: TO-220AB / ITO-220AB Molded Plastic * Terminals : Solderable per MIL-STD-750,Method 2026
INTERNAL SCHEMATIC DIAGRAM 2 Drain
ORDERING INFORMATION
1
TYPE
PJP10N65 PJF10N65
MARKING
P10N65 F10N65
PACKAGE
TO-220AB ITO-220AB
PACKING
50PCS/TUBE 50PCS/TUBE
Gate 3 Source
Maximum RATINGS and Thermal Characteristics (TA=25OC unless otherwise noted )
PA RA M E TE R D ra i n-S o urc e Vo lta g e Ga te -S o urc e Vo lta g e C o nti nuo us D ra i n C urre nt P uls e d D ra i n C urre nt 1 ) Ma xi mum P o we r D i s s i p a ti o n D e ra ti ng F a c to r
T A =2 5 O C
S ymb o l V DS V GS ID ID M PD T J ,T S TG E AS R J C R J A
P J P 1 0 N6 5
P J F 1 0 N6 5
Uni ts V V
650 +3 0 10 40 156 1 .2 5 10 40 50 0 .4
A A W
O
Op e ra ti ng Junc ti o n a nd S to r a g e Te mp e ra tur e Ra ng e
-5 5 to +1 5 0 750 0 .8 6 2 .5 2 .5 100
O
C
Avalanche Energy with Single Pulse
IAS=10A, VDD=90V, L=13m
mJ C /W C /W
Junction-to-Case Thermal Resistance Junction-to Ambient Thermal Resistance
O
Note : 1. Maximum DC current limited by the package
PAN JIT RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE
STAD-DEC.25.2009
PAGE . 1
PJP10N65 / PJF10N65
ELECTRICAL CHARACTERISTICS
( TA=25OC unless otherwise noted )
P a ra me te r
S ymb o l
Te s t C o nd i ti o n
Mi n.
Typ .
Ma x.
Uni ts
S ta ti c
D rai n-S o urc e B re a k d own Vo ltag e
B V D SS V GS (th) R D S (o n) I DSS I GS S
V GS =0 V, I D =2 5 0 uA V D S =V GS , I D =2 5 0 uA VGS= 10V, I D= 5.0A VDS=650V, VGS=0V V GS =+3 0 V, V D S =0 V
650 2 .0 -
0.85 -
4 .0 1.0 10 +1 0 0
V V uA n
Ga te Thre s ho ld Vo lta g e D ra i n-S o urc e On-S ta te Re s i s ta nc e Ze ro Ga te Vo lta g e D ra i n C urre nt Gate Body Leakage
Dynamic
To ta l Ga te C ha rg e Ga te -S o urc e C ha rg e Ga te -D ra i n C ha rg e Turn-On D e la y Ti me Turn-On Ri s e Ti me Turn-Off D e la y Ti me Turn-Off F a ll Ti me Inp ut C a p a c i ta nc e Outp ut C a p a c i ta nc e Re ve rs e Tra ns fe r C a p a c i ta nc e Qg Q gs Q
gd
-
3 8 .6 8 .4 9.8 14.8 22.6 4 8 .2 2 6 .8 1450 120 12
52 22 36 ns 90 42 2020 165 16 pF nC
V D S =5 2 0 V, ID =1 0 A , V GS =1 0 V
-
t d (o n) tr t d (o ff) tf C C C
i ss
VDD=325V, I D =10A V GS =1 0 V, RG=25
-
o ss
V D S =2 5 V, V GS =0 V f=1 .0 MH Z
-
rs s
S o urc e -D ra i n D i o d e
Ma x. D i o d e F o rwa rd C urre nt
IS I SM V SD t rr Q
rr
IS =1 0 A , V GS =0 V V GS =0 V, IF =1 0 A d i /d t=1 0 0 A /us
-
450 4 .2
10 40 1 .4 -
A A V ns uC
Ma x.P uls e d S o urc e C urre nt D i o d e F o rwa rd Vo lta g e Re ve rs e Re c o ve ry Ti me Re ve rs e Re c o ve ry C ha rg e
NOTE : Plus Test : Pluse Width < 300us, Duty Cycle < 2%.
STAD-DEC.25.2009
PAGE . 2
PJP10N65 / PJF10N65
Typical Characteristics Curves ( Ta=25, unless otherwise noted)
ID - Drain-to-Source Current (A)
16 14 12 10 8 6 4 2 0
VGS= 20V~ 6.0V
ID - Drain Source Current (A)
20 18
100
VDS =50V
10
TJ = 125oC 25oC
5.0V
1
0.1
-55oC
0.01
0
10 15 20 25 30 VDS - Drain-to-Source Voltage (V)
5
1
2 3 4 5 6 7 VGS - Gate-to-Source Voltage (V)
8
Fig.1 Output Characteristric
Fig.2 Transfer Characteristric
RDS(ON) - On Resistance()
2 RDS(ON) - On Resistance() 1.6 1.2 VGS=10V 0.8 VGS = 20V 0.4 0 0 4 8 12 16 20
4 3.5 3
ID =5.0A
2.5 2 TJ =25oC
1.5 1
0.5 0 3 4
ID - Drain Current (A)
5 6 7 8 9 VGS - Gate-to-Source Voltage (V)
10
Fig.3 On Resistance vs Drain Current
Fig.4 On Resistance vs Gate to Source Voltage
2.5
RDS(ON) - On-Resistance(Normalized)
2500
2.3 2.1 1.9 1.7 1.5 1.3 1.1 0.9 0.7 0.5
C - Capacitance (pF)
VGS =10 V ID =5.0A
2000
f = 1MHz VGS = 0V Ciss
1500
1000
500
Coss
Crss
0
-50
-25
0
25
50
75
100 125 150
0
5
10
15
20
25
30
TJ - Junction Temperature (oC)
VDS - Drain-to-Source Voltage (V)
Fig.5 On Resistance vs Junction Temperature
STAD-DEC.25.2009
Fig.6 Capacitance
PAGE. 3
PJP10N65 / PJF10N65
Typical Characteristics Curves ( Ta=25, unless otherwise noted)
VGS - Gate-to-Source Voltage (V)
12
100
10 8 6 4 2 0 0 4 8
VDS=520V VDS=325V VDS=130V
IS - Source Current (A)
ID =10A
VGS = 0V
10 TJ = 125oC 25oC -55oC
1
0.1
0.01
12 16 20 24 28 32 36 40 Qg - Gate Charge (nC)
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD - Source-to-Drain Voltage (V)
Fig. 7 Gate Charge Waveform
Fig.8 Source-Drain Diode Forward Voltage
BVDSS - Breakdown Voltage(Normalized)
1.2
ID = 250A
1.1
1
0.9
0.8
-50 -25 0 25 50 75 100 125 150 TJ - Junction Temperature (oC) Fig.9 Breakdown Voltage vs Junction Temperature
STAD-DEC.25.2009
PAGE. 4
PJP10N65 / PJF10N65
LEGAL STATEMENT
Copyright PanJit International, Inc 2010
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-DEC.25.2009
PAGE . 5
HALOGEN FREE PRODUCT DECLARATION
(Use green molding compound:ELER-8)
1. Pan Jit can produce halogen free product use molding compound for packing from Mar.2008 that contain Br<700 ppm,Cl<700ppm, Br+Cl<1000ppm,Sb2O3<100ppm.
2. If your company need halogen free product shall be note requirement green compound material on order for the halogen free product request.


▲Up To Search▲   

 
Price & Availability of PJF10N65

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X