Part Number Hot Search : 
AS300DB 1N2812 SM552 0100M M1000 CFB940P 683ML KRA317
Product Description
Full Text Search
 

To Download P2400AA61L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDACtor(R) Device
RoHS
This modified TO-220 package with Type 61 lead spacing offers a through-hole technology SIDACtor protection solution. SIDACtor devices enable equipment to comply with various regulatory requirements including GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA-968-A (formerly known as FCC Part 68).
Electrical Parameters
Part Number * P2000AA61L P2200AA61L P2400AA61L P2500AA61L P3000AA61L P3300AA61L VDRM Volts 180 200 220 240 270 300 VS Volts 220 240 260 290 330 360 VT Volts 4 4 4 4 4 4 IDRM Amps 5 5 5 5 5 5 IS mAmps 800 800 800 800 800 800 IT Amps 2.2 2.2 2.2 2.2 2.2 2.2 IH mAmps 150 150 150 150 150 150
* "L" in part number indicates RoHS compliance. For non-RoHS compliant device, delete "L" from part number. For surge ratings, see table below. General Notes: * All measurements are made at an ambient temperature of 25 C. IPP applies to -40 C through +85 C temperature range. * IPP is a repetitive surge rating and is guaranteed for the life of the product. * Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities. * VDRM is measured at IDRM. * VS is measured at 100 V/s. * Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
Surge Ratings in Amps
IPP Series 0.2x310 * 2x10 * 8x20 * 0.5x700 ** 2x10 ** 1.2x50 ** Amps A 20 Amps 150 Amps 150 10x160 * 10x160 ** Amps 90 10x560 * 10x560 ** Amps 50 5x320 * 9x720 ** Amps 75 10x360 * 10x1000 * 5x310 * ITSM 10x360 ** 10x1000 ** 10x700 ** 50 / 60 Hz Amps 75 Amps 45 Amps 75 Amps 20 di/dt Amps/s 500
* Current waveform in s ** Voltage waveform in s
Telecom Design Guide * (c) 2006 Littelfuse
3 - 43
www.littelfuse.com
SIDACtor Devices
SIDACtor(R) Device
Thermal Considerations
Package Modified TO-220 Type 61 Symbol TJ TS RJA Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient Value -40 to +150 -65 to +150 50 Unit C C C/W
Capacitance Values
pF Part Number P2000AA61L P2200AA61L P2400AA61L P2500AA61L P3000AA61L P3300AA61L MIN 25 25 25 20 20 20 MAX 35 35 35 35 35 35
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
+I
IPP - Peak Pulse Current - %IPP
IT IS IH IDRM -V VT VDRM VS +V
100
Peak Value
tr = rise time to peak value td = decay time to half value
Waveform = tr x td
50
Half Value
0 0
-I
tr
td t - Time (s)
V-I Characteristics
14 12 10 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
tr x td Pulse Waveform
Percent of VS Change - %
IH (TC = 25 C)
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25 C
Ratio of
Junction Temperature (TJ) - C
Normalized VS Change versus Junction Temperature
Case Temperature (TC) - C
Normalized DC Holding Current versus Case Temperature
www.littelfuse.com
3 - 44
(c) 2006 Littelfuse * Telecom Design Guide


▲Up To Search▲   

 
Price & Availability of P2400AA61L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X