Part Number Hot Search : 
R2000F C74LV CA5420AM C1206 0CTQ1 SS1020 DAD05079 1N5620
Product Description
Full Text Search
 

To Download MTD2006F10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Constant Current Control Function (Fixed Frequency PWM Control) 2 1-2 ENA 2-Phase Input (Half Step Drive Uses ENA Together) Current Decay Mode (Fast Decay or Slow Decay) Noise Cancellation Function Cross Conduction Protection Overheating Alarm Function Built-in Flywheel and Flyback Diodes
Absolute Maximum Ratings
Ta=25 Parameter Logic Supply Voltage Logic Input Voltage Load Supply Voltage Output Current Flywheel Diode Current Power Dissipation Storage Temperature Junction Temperature Symbol VCC VLOGIC Vmm IC If PD Tstg Tj -40 0 0 Rating 6 VCC 35 1.3 1.3 3 150 150 V V V A A W Ta=25 unless otherwise specified Unit
U170-1
www.shindengen.co.jp/product/semi/
Electrical Characteristics
Ta=25 Parameter Symbol Condition ,VCC=5V min. Ta=25 ,VCC=5V unless otherwise specified typ. max. Unit
Output stage
Vmm 2 OFF Load Supply Current 2 Circuit OFF Output Saturation Voltage Upper side Output Saturation Voltage Lower side Output Leakage Current Upper side Output Leakage Current Lower side Diode Forward Drop Upper side Diode Forward Drop Lower side Imm (OFF) VCE VCE
SAT
Vmm=35V, VENA=5V IC=0.8A IC=0.8A Vmm=35V, VOUT=0V VOUT=35V, VRs=0V If=0.8A If=0.8A
-
1.0 1.0 1.3 1.3
8 1.4 1.4 10 10 1.6 1.5
mA V V A A V V
H L
SAT
IrH IrL VFH VFL
Logic stage
VCC 2 ON Logic Supply Current 2 Circuit ON VCC 2 OFF Logic Supply Current 2 Circuit OFF Phase/Enable/Decay H Phase/Enable/Decay H Input Voltage Phase/Enable/Decay L Phase/Enable/Decay L Input Voltage Phase/Enable/Decay H Phase/Enable/Decay H Input Current Phase/Enable L Phase/Enable L Input Current Decay L Decay L Input Current Vref Vref Input Current Vs Vs Input Current Comp Comparator Threshold Chopping Frequency Blanking Time Vs Vs Maximum Voltage Thermal Alarm Leakage Current Thermal Alarm Output Current Thermal Alarm Operating Temperature ICC (ON) ICC (OFF) VPHA/ENA/DECH VPHA/ENA/DECL IPHA/ENA/DECH IPHA/ENAL IDECL Iref Is Vs fchop tb Vs (max) Ir (alm) Ialm Talm Valm=5V Valm=0.5V VPHA/ENA/DEC=5V VPHA/ENA=0V VDEC=0V Vref=0V Vs=0V Vref=0.5V Ct=3300pF,Rt=18k Ct=3300pF VENA=0A VENA=5V 2.3 GND 0.475 25 19 -100 -200 -1 -1 0.5 23 1.55 140 33 26 VCC 0.8 10 -150 -300 -10 -10 0.525 1.0 10 2 mA mA V V A A A A A V kHz s V A mA
www.shindengen.co.jp/product/semi/
U170-1
Typical Application
Recommended External Components Value
Symbol Rs Rt Ct R1+R2 Recommendation 0.68 18 3300 10 k pF k Unit
Recommended Operating Conditions
Ta=25 Parameter Junction Temperature Logic Supply Voltage Load Supply Voltage Symbol Tj VCC Vmm Ta=25 unless otherwise specified Unit Recommendation -25 4.75 5 120 5.25 31 V V
Setting of Output Current and Chopping Frequency
Output Current Setting lchop Vref A Rs Chopping Frequency Setting fchop 1 Hz 0.75 x Ct x Rt
T=1/fchop Ichop
Constant current waveform Motor current
U170-1
www.shindengen.co.jp/product/semi/
3/4
Pin Assignment
Top View MTD2006F
Package HSOP28
Truth Table
ENA A or B L L H PHA A or B L H : don't care DECAY L H Decay Mode Fast Slow Switching Transistor Both source and sink transistor Only source transistor OUT 1 or 4 L H OFF OUT 2 or 3 H L OFF
www.shindengen.co.jp/product/semi/
U170-1


▲Up To Search▲   

 
Price & Availability of MTD2006F10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X