Part Number Hot Search : 
BAT54W SS4N60AS SD400 M050226 S1205 BLF346 MB89689 IN5224B
Product Description
Full Text Search
 

To Download MN-TM93-03XA5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CABLES - CAVI
MN-TM
PVC, UL 300 V, cold resistant (- 40C)
Description. Conductor insulation: special PVC. Outer sheath: special PVC. Application. This style is suitable for generic applications on industrial machinery. This cable materials and dimensions make it suitable to be used with low temperature. Limited resistance to abrasion. Good resistance to common oils (UL 1581). Flame resistance degree: UL94 vertical flame test, IEC 60332-1. Max working voltage: 300 V. Test voltage: 2000 V. Note to table: (a) example: 3 = three wires; 2+1 = two wires + yellow/green earth. (b) colours: A = brown, blue, black, white, grey; yellow/green earth if present. C = according to IEC 60304 (former DIN 47100), see section "General Information". N = black with white numbers; yellow/green earth if present.
PVC, UL 300 V, resistente al freddo (- 40C)
Descrizione. Isolante conduttori: PVC speciale. Guaina esterna: PVC speciale. Impiego. Questo style e adatto per impieghi generici su macchine industriali. I materiali e le dimensioni di questo cavo lo rendono adatto ad essere usato con basse temperature. Buona resistenza agli oli comuni (UL 1581). Grado di resistenza alla fiamma: UL94 test fiamma verticale, IEC 60332-1. Tensione massima di lavoro: 300 V. Tensione di prova: 2000 V. Note alla tabella: (a) esempio: 3 = tre conduttori; 2+1 = due conduttori + terra giallo/verde. (b) colori: A = marrone, blu, nero, bianco, grigio; terra giallo/verde se presente. C = secondo IEC 60304 (ex DIN 47100), vedere sezione "Informazioni Generali". N = nero con numeri bianchi; terra giallo/verde se presente.
Formation Formazione
Descriptive code Codice descrittivo
Short code Codice breve
Refer. or style Rifer. o style
Sheath colour Colore guaina
Wires colour Colore cond. (b)
Copper class Classe rame
IEC 60228
Static application Applicazione statica C
Dynamic application Applicazione dinamica C
Note Nota
n x mm2 (a)
(c)
RAL
3x0,34
0,14
MN-TM9 MN-TM93-03XA5 MN-TM93-04XA5 MN-TM94-02XC5 MN-TM94-03XA5 MN-TM95-02XA5 MN-TM95-03GA5 MN-TM95-03XA5 MN-TM96-02XA5 MN-TM96-03GA5 MN-TM96-04GA5 304 415 416 571 572 573
300V 80C 300V 80C 300V 80C 300V 80C 300V 80C 300V 80C 300V 80C 300V 80C 300V 80C 300V 80C
bk 9005 bk 9005 bk 9005 bk 9005 bk 9005 bk 9005 bk 9005 bk 9005 bk 9005 bk 9005
A A C A A A A A A A
5 5 5 5 5 5 5 5 5 5
-40...+ 80 -40...+ 80 -40...+ 80 -40...+ 80 -40...+ 80 -40...+ 80 -40...+ 80 -40...+ 80 -40...+ 80 -40...+ 80
4x0,34 2x0,50
3x0,50 2x0,75
(2+1)x0,75 3x0,75 2x1,00
(2+1)x1,00 (3+1)x1,00
without marking senza marchi without marking senza marchi without marking senza marchi without marking senza marchi without marking senza marchi without marking senza marchi without marking senza marchi without marking senza marchi without marking senza marchi without marking senza marchi
33 MN-T 3
1,00
0,75
0,50
www.shield.net


▲Up To Search▲   

 
Price & Availability of MN-TM93-03XA5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X