Part Number Hot Search : 
11AA020 9162B E13009L EM871 KBL6005 PT2127A BUV27G 3EH15
Product Description
Full Text Search
 

To Download MMBD4448W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Surface Mount Switching Diode FEATURES
Fast switching speed. High conductance.
Production specification
MMBD4448W
Pb
Lead-free
For general purpose switching applications. Surface mount package ideally suited for automatic insertion.
APPLICATIONS
For general purpose switching applications.
SOT-323
ORDERING INFORMATION
Type No. MMBD4448W Marking KA3 Package Code SOT-323
MAXIMUM RATING @ Ta=25 unless otherwise specified
Parameter Non-Repetitive Peak reverse voltage Diode reverse voltage Forward continuous Current Average output current Forward Surge Current Power Dissipation Junction temperature Storage temperature range t=1S t=1.0s Symbol VRM VR IF IO IFS Pd Tj Tstg Limits 100 75 500 250 4.0 2.0 200 150 -65-+150 Unit V V mA mA A mW
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSDF021 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Surface Mount Switching Diode
Parameter Reverse breakdown voltage Reverse voltage leakage current Symbol V(BR)R IR Test VR=75V VR=20V IF=5mA IF=10mA IF=100mA IF=150mA VR=0V f=1MHz conditions
Production specification
MMBD4448W
MIN 75 2.5 25 720 855 1000 1250 4 4 MAX UNIT V A nA IR= 100A
Forward voltage
VF
mV
Diode capacitance Reverse recovery time
CD trr
pF nS
IF=IR=10mA RL=100
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSDF021 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Surface Mount Switching Diode PACKAGE OUTLINE
Plastic surface mounted package
Production specification
MMBD4448W
SOT-323
SOT-323
Dim A B C D E G H J K Min 1.8 1.15 0.15 0.25 1.2 0.02 2.1 Max 2.2 1.35 0.35 0.40 1.4 0.1 2.3
1.0Typical
0.1Typical
All Dimensions in mm
PACKAGE INFORMATION
Device MMBD4448W Package SOT-323 Shipping 3000/Tape&Reel
Document number: BL/SSSDF021 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of MMBD4448W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X