Part Number Hot Search : 
2GPBF SMBJ5920 BU4525DW 1N731A AN7703F 1N288 AH8308EC 2SD12
Product Description
Full Text Search
 

To Download MMBD4448W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
SOT-323 Plastic-Encapsulated Diode
MMBD4448W
FEATURES
1. 25 A0. 05
1. 01 R EF
SWITCHING DIODE
SOT-323
Power dissipation PD: 200 mW (Tamb=25)
1. 30 A0. 03
2. 30 A0. 05
Collector current 250 mA IO: Collector-base voltage 75 V VR: Operating and storage junction temperature range TJ, Tstg: -55 to +150
Unit: mm
Marking: KA3
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Reverse breakdown voltage Reverse voltage leakage current Symbol V(BR) R IR
unless otherwise specified)
Test conditions IR= 10A VR=20V VR=75V IF=5mA IF=10mA IF=100mA IF=150mA MIN 75 0.025 2.5 0.72 0.855 1 1.25 4 4 V MAX UNIT V
0. 30
2. 00 A0. 05
A
Forward
voltage
VF
Diode
capacitance
CD t
rr
VR=0V, f=1MHz IF=IR=10mA Irr=0.1xIR ,RL=100
pF nS
Reverse recovery time
Test period <3000s.


▲Up To Search▲   

 
Price & Availability of MMBD4448W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X