Part Number Hot Search : 
P4SMAJ26 BH200D 1N3329B KTA1517 PIC18F24 HSB88WK RF2126 1N5606
Product Description
Full Text Search
 

To Download MC78L06F09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
Micro Commercial Components 20736 Marilla Street Chatsworth CA91311 Phone:(818)-701-4933 Fax: (818)-701-4939
MC78L06F
Features
* * * * * Maximum Output current Io :0.1A
&&'(
)
*+
, -.%
/0&, Case Material:Molded Plastic. UL Flammability Classificatio Rating 94-0 and MSL Rating 1


1
Maximum Ratings
&1
( *
(4&)
&
()
&/
(
1 ) ) """"5 "33"""53
Electrical Characteristics( V i=12V, IO=40mA, 0 oC Parameter

Sym
Min
5.75 5.7V 5.7V
Typ
6.0V
Max
6.25V 6.3V 6.3V
Test conditions
8.5V
8.5V



70
8.5
9
9 10Hzf100KHz .
,-
! "#$ #$ &#$ '#()$ &&$ '#()$ &&$ *$ #( "# "0)#$ 2&

"" !1
12.8mV 5.8mV 64mV 54 3.9mA 9uV 46dB
80mV 40mV 175 125 6.0
C
SOT-89
A B K
E
D G F H J
1
2
3
1. OUT 2. GND 3. IN



7-86

,,9 &
:6
,

,&,:
,
: (&
)6

Input Cin 0.33F MC78L06F Output CO 0.1F


25

www.mccsemi.com
Revision: 5
1 of 2
2009/12/08
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;1Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 5
2 of 2
2009/12/08
4


▲Up To Search▲   

 
Price & Availability of MC78L06F09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X