Part Number Hot Search : 
STX6904 UPD5702 C1350A LAA100PL GS150404 STX6904 MIP2E4D 74ACT253
Product Description
Full Text Search
 

To Download MAX9686 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Not Recommended for New Designs
This product was manufactured for Maxim by an outside wafer foundry using a process that is no longer available. It is not recommended for new designs. The data sheet remains available for existing users. A Maxim replacement or an industry second-source may be available. Please see the QuickView data sheet for this part or contact technical support for assistance. For further information, contact Maxim's Applications Tech Support.
19-2399; Rev 2; 6/90
Single/Dual, Very Fast TTL Output Comparators MAX9686/MAX9698
General Description
The MAX9686 (single)/MAX9698 (dual) are very fast TTL comparators manufactured with a high-frequency bipolar process (fT = 6GHz) that are capable of very short propagation delays, yet maintain the excellent DC matching characteristics that are normally found only in slower comparators. The MAX9698 is a dual version of the MAX9686. The MAX9686/MAX9698 have differential inputs and complementary outputs that are fully compatible with TTL logic levels. The extremely short propagation delays allow signal processing at frequencies in excess of 200MHz. When the latch enable input goes high, the outputs go to the states defined by the input condition at the time of the latch transition. The outputs remain latched as long as the LE pin remains high. If the latch enable function is not used, the LE pin must be tied to ground. 6ns Propagation Delay 2ns Latch Setup Time +5V, -5.2V Power Supplies Pin Compatible to LT1016, Am686 Available in Commercial and Military Versions Available in SO
Features
Ordering Information
PART MAX9686CPA MAX9686CJA MAX9686CSA MAX9686C/D MAX9686CTV MAX9686MJA MAX9686MTV MAX9698CPE MAX9698CJE MAX9698CSE MAX9698C/D MAX9698MJE TEMP RANGE 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C -55C to +125C -55C to +125C 0C to +70C 0C to +70C 0C to +70C 0C to +70C -55C to +125C PIN-PACKAGE* 8 Plastic Dip 8 CERDIP 8 SO Dice 8 TO-99 Metal Can 8 CERDIP 8 TO-99 Metal Can 16 Plastic Dip 16 CERDIP 16 SO Dice 16 CERDIP
Applications
High-Speed Analog-to-Digital Converters High-Speed Line Receivers Peak Detectors Threshold Detectors High-Speed Triggers
*Contact factory for availability of 20-lead LCC.
Pin Configurations
TOP VIEW
Q1 1 OUT V+ 1 +IN 2 -IN 3 V- 4
MAX9686
16 Q2 15 Q2 14 GND 13 LE2 12 N.C. 11 V+ 10 -IN2 9 +IN2
MAX9698
Q1 2 7 OUT GND 3 LE1 4
V 8 OUT 7 OUT +IN 2 6 GND 5 LE
+
8 1
6 GND N.C. 5 3
MAX9686
-IN
5
PLASTIC DIP, CERDIP, SO
4 V TO-99 METAL CAN
LE
V- 6 -IN1 7 +IN1 8
PLASTIC DIP, CERDIP, SO
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
Single/Dual, Very Fast TTL Output Comparators MAX9686/MAX9698
ABSOLUTE MAXIMUM RATINGS
Supply Voltages.....................................................................6V Power Dissipation (Notes 1, 2).........................................336mW Input Voltages........................................................................5V Differential Input Voltages ........................................................5V Output Current ....................................................................20mA Note 1: Power derating above TA = +70C is based on a maximum junction temperature of +150C and the following thermal resistance factors. Operating Temperature Ranges: Commercial (MAX9686C/MAX9698M) ................0C to +70C Military (MAX9686M/MAX9698M) ...................-55C to +125C Storage Temperature Range .............................-55C to +150C Lead Temperature (soldering, 10s)....................................300C Note 2: Continuous short-circuit protection is allowed to the following case and ambient temperatures: for MAX9698, continuous short circuit is allowed on one comparator at a time up to case temperature of +85C and ambient temperatures of +30C.
PACKAGE DIP SO TO-99 TC (C) 110 95 95 TA (C) 70 70 30
PACKAGE DIP SO TO-99
JC (C/W) 75 115 115
JA (C/W) 180 180 150
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VS = 5V, TA = +25C, unless otherwise noted.)
PARAMETER Input Offset Voltage Temperature Coefficient Input Offset Current Input Bias Current Common-Mode Rejection Ratio Power-Supply Rejection Ratio Input Voltage Range Latch High Input Voltage Latch Low Input Voltage Latch Low Input Current I/O Logic Levels (Output High Voltage) I/O Logic Levels (Output Low Voltage) Positive Supply Current Negative Supply Current VOH VOL ICC IEE IOUT = -3mA IOUT = 8mA MAX9686 MAX9698 MAX9686 MAX9698 16 32 13 26 2.4 3.0 0.5 25 50 20 40 16 32 13 26 SYMBOL VOS VOS/T IOS IB CMRR PSRR 80 70 -3.0 2.0 0.8 -750 2.4 3.0 0.5 25 50 20 40 96 85 +3.0 CONDITIONS RS = 100 MAX9686C/9698C MIN -3 4 5.0 25 80 70 -3.0 2.0 0.8 -750 96 85 +3.0 TYP MAX +3 MAX9686M/9698M MIN -3 4 5.0 25 TYP MAX +3 UNITS mV V/C A A dB dB V V V A V V mA mA
2
_______________________________________________________________________________________
Single/Dual, Very Fast TTL Output Comparators
ELECTRICAL CHARACTERISTICS (continued)
(VS = 5V, TA = +25C, unless otherwise noted.)
PARAMETER SYMBOL CONDITIONS MAX9686C/9698C MIN TYP MAX MAX9686M/9698M MIN TYP MAX UNITS
MAX9686/MAX9698
SWITCHING CHARACTERISTICS (EACH COMPARATOR FOR MAX9698) Propagation Delays (Guaranteed Over Full Temperature Range) Input to Output High Input to Output Low Propagation Delay Skew Latch Setup tpd+ 100mV pulse; 10mV overdrive 100mV pulse; 10mV overdrive 6.0 9.0 6.0 9.0 ns
tpdtpd+ - tpdtS
5.7 0.3 2
8.5
5.7 0.3 2
8.5
ns ns ns
LATCH ENABLE
LATCH 50% COMPARE ts th tpw(E)
DIFFERENTIAL INPUT VOLTAGE
VIN
VOD VOS
tpd Q
tpd(E) 50%
50% Q
MAX9686 and MAX9698 Timing Diagram (worst case)
Applications Information
Layout
Because of the large gain-bandwidth characteristic of the MAX9686 and MAX9698, special precautions need to be taken if the high-speed capabilities of the devices are to be realized. A PC board with ground plane should be considered mandatory. All decoupling capacitors should be mounted as close as possible to the power-supply pins. For low-impedance applications, microstrip layout at the input may be helpful. Close attention should be paid to the bandwidth of the decoupling and terminating components. Chip components to minimize lead inductance can be used as an
advantage. An unused latch enable pin must be connected to ground.
Input Slew-Rate Requirements
As with all high-speed comparators, the high gainbandwidth product of these devices creates oscillation problems when the input traverses through the linear region. For clean switching without oscillation or steps in the output waveform, the input must meet certain minimum slew-rate requirements. The tendency of the part to oscillate is a function of the layout and the source impedance of the circuit employed. Both poor layout and larger source impedance will increase the minimum slew-rate requirement.
3
_______________________________________________________________________________________
Single/Dual, Very Fast TTL Output Comparators MAX9686/9698
Definition of Terms
VOS Input Offset Voltage--The voltage required between the input terminals to obtain 0V dif ferential at the output. Input Voltage Pulse Amplitude Input Voltage Overdrive Input to Output High Delay--The propagation delay measured from the time the input sig nal crosses the input offset voltage to the 50% point of an output LOW to HIGH transition. Input to Output Low Delay--The propagation delay measured from the time the input sig nal crosses the input offset voltage to the 50% point of an output HIGH to LOW transition. Latch Enable to Output High Delay--The propagation delay measured from the 50% point of the Latch-Enable signal HIGH LOtransition to the 50% point of an output LOW to HIGH transition. tpd-(E) Latch Enable to Output Low Delay--The prop agation delay measured from the 50% point of the Latch-Enable signal HIGH to LOW transition to the 50% point of an output HIGH to LOW transition. Minimum Latch Enable Pulse Width--The minimum time the Latch-Enable signal must be LOW to acquire and hold an input signal. Minimum Setup Time--The minimum time, before the positive transition of the LatchEnable pulse, that an input signal must be present to be acquired and held at the outputs. Minimum Hold Time--The minimum time, after the positive transition of the LatchEnable signal, than an input signal must remain unchanged to be acquired and held at the output.
VIN VOD tpd+
tpw(E)
ts
tpd-
tn
tpd+(E)
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
4 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2006 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX9686

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X