|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CMR1U-01 CMR1U-02 CMR1U-04 CMR1U-06 CMR1U-10 w w w. c e n t r a l s e m i . c o m SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 1 AMP, 100 THRU 1000 VOLTS DESCRIPTION: The CENTRAL SEMICONDUCTOR CMR1U-01 Series 1.0 Amp Surface Mount Silicon Ultra Fast Recovery Rectifier is a high quality, well constructed, highly reliable component designed for use in all types of commercial, industrial, entertainment, computer and automotive applications. To order devices on 12mm Tape and Reel (3000/ 13" Reel), add TR13 suffix to part number MARKING CODE: SEE MARKING CODE TABLE ON FOLLOWING PAGE SMB CASE FEATURES: * Low cost * Special selections available * High reliability * Superior lot to lot consistency * Glass passivated chip * "C" bend construction provides strain relief when mounted on pc board MAXIMUM RATINGS: (TA=25C unless otherwise noted) CMR1U SYMBOL -01 Peak Repetitive Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Forward Current (TA=75C) Peak Forward Surge Current, tp=8.3ms Operating and Storage Junction Temperature Thermal Resistance VRRM VR VR(RMS) IO IFSM TJ, Tstg JL 100 100 70 CMR1U CMR1U -02 -04 200 200 140 400 400 280 1.0 30 -65 to +175 20 CMR1U -06 600 600 420 CMR1U -10 UNITS 1000 1000 700 V V V A A C C/W ELECTRICAL CHARACTERISTICS: (TA=25C) unless otherwise noted) SYMBOL IR IR VF VF VF VF trr trr TEST CONDITIONS VR=Rated VRRM VR=Rated VRRM, TA=125C IF=1.0A, (CMR1U-01, CMR1U-02) IF=1.0A, (CMR1U-04) IF=1.0A, (CMR1U-06) IF=1.0A, (CMR1U-10) IF=0.5A, IR=1.0A, Irr=0.25A (CMR1U-01, 02, 04) IF=0.5A, IR=1.0A, Irr=0.25A (CMR1U-06, 10) MAX 5.0 100 1.0 1.25 1.40 1.70 50 100 UNITS A A V V V V ns ns R4 (3-February 2010) CMR1U-01 CMR1U-02 CMR1U-04 CMR1U-06 CMR1U-10 SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 1 AMP, 100 THRU 1000 VOLTS SMB CASE - MECHANICAL OUTLINE DEVICE CMR1U-01 CMR1U-02 CMR1U-04 CMR1U-06 CMR1U-10 MARKING CODE CU01 CU02 CU04 CU06 CU10 R4 (3-February 2010) w w w. c e n t r a l s e m i . c o m |
Price & Availability of CMR1U-0110 |