|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1.0A Surface Mount Bridge Rectifier CB2321T12 - CB2321T110 1.0A Surface Mount Bridge Rectifier Features * Internal construction with GPRC (Glass Passivated Rectifier Chip) inside * For surface mounted applications C2321 * Low power loss, High efficiency * High current capability * High surge capacity * Plastic package has UL Flammability Classification 94V-0 * RoHS Compliant Mechanical Data Case: Terminals: Polarity: Mounting Position: Weight: Packed with FRP substrate and epoxy underfilled Solder plated, solderable per MIL-STD-750, Method 2026 Laser marking Any 0.07 gram Maximum Ratings And Electrical Characteristics (Tamb=25C) Symbol Description Max. Repetitive Peak Reverse Voltage Max. RMS Voltage Max. DC Blocking Voltage Max. Average Forward Rectified Current Peak Forward Surge Current Max. Instantaneous Forward Voltage per element CB2321 T12 200 140 200 CB2321 T14 400 280 400 CB2321 T16 600 420 600 1.0 CB2321 T18 800 560 800 CB2321 T110 1000 700 1000 Unit V V V A TA = 55C 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) IF = 0.4A IF = 1.0A Conditions VRRM VRMS VDC IF(AV) IFSM 30 A VF 0.9 1.0 V TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com Tel: (800)-TAITRON Fax: (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415 Rev. A/AH 2007-12-20 Page 1 of 6 1.0A Surface Mount Bridge Rectifier CB2321T12 - CB2321T110 Symbol Description CB2321 T12 CB2321 T14 CB2321 T16 5 200 3.74 25 110 -55 to +175 CB2321 T18 CB2321 T110 Unit A As pF C/W C F=1MHz VR= 4V Note 1 Conditions TC = 25C TC = 150C Max. DC Reverse Current at Rated DC Blocking Voltage per element It Rating for Fusing It (t<8.3ms) Typical Junction CJ Capacitance per element Typical Thermal RthJA Resistance, Junction to Ambient Operating Junction and TJ,TSTG Storage Temperature Range IR Note: 1. Thermal resistance, junction to ambient, measured on PC board with 5.0mm (0.03mm thick) land areas Typical Characteristics Curves IF(AV), Average Forward Rectifier Current (A) Fig.1- Forward Current Derating Curve IFSM, Peak Forward Surge Current (A) Fig.2-Max. Non-repetitive Peak Forward Surge Current Ambient Temperature (C) Number of Cycles at 60Hz Rev. A/AH 2007-12-20 www.taitroncomponents.com Page 2 of 6 1.0A Surface Mount Bridge Rectifier CB2321T12 - CB2321T110 Fig.3-Typical Instantaneous Forward Characteristics per element IR, Instantaneous Reverse Current (A) Fig.4-Typical Reverse Characteristics per element IF, Instantaneous Forward Current (A) VF, Instantaneous Forward Voltage (V) Percent of Rated Peak Reverse Voltage (%) Fig.5-Typical Junction Capacitance per element CJ, Junction Capacitance (pF) VR, Reverse Voltage (V) Rev. A/AH 2007-12-20 www.taitroncomponents.com Page 3 of 6 1.0A Surface Mount Bridge Rectifier CB2321T12 - CB2321T110 Dimensions in inch (mm) C2321 Mounting Pad Layout in inch (mm) Rev. A/AH 2007-12-20 www.taitroncomponents.com Page 4 of 6 1.0A Surface Mount Bridge Rectifier CB2321T12 - CB2321T110 Packing Information in mm Product Type 2321 D 1.50.1 B1 8.2max. E 1.750.1 D1 1.5min. P0 4.00.1 F 5.500.05 A0 P 8.00.1 B0 K0 See Note 1 T2 W 12.00.3 1.650.1 T 0.40max. P2 2.00.1 Note: 1. A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be within 0.05 mm (0.002'') Min. to 0.50 mm (0.02'') Max. for 12 mm tape. Packing Quantity Information: Quantity -TR30 Tape & Reel PCS per Reel 5000 PCS per Carton 50000 Carton Size Information: -TR30 Tape & Reel 360X360X240 (in mm) Rev. A/AH 2007-12-20 www.taitroncomponents.com Page 5 of 6 1.0A Surface Mount Bridge Rectifier CB2321T12 - CB2321T110 Reel Dimensions in mm A 3302.0 B 50min. C 13.00.5 W 18.7max. T 14.4max. How to contact us: US HEADQUARTERS 28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com TAITRON COMPONENTS MEXICO, S.A .DE C.V. BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190 TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052 TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931 Rev. A/AH 2007-12-20 www.taitroncomponents.com Page 6 of 6 |
Price & Availability of CB2321T110 |