Part Number Hot Search : 
FAN604H MP103 BOARD 3386W200 CD3821 TA2057N MAX9990 MAX743
Product Description
Full Text Search
 

To Download BZX55C3V3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX55C2V4~BZX55C100
AXIAL LEAD ZENER DIODES
VOLTAGE
2.4 to 100 Volts
POWER
500 mWatts
FEATURES
* Planar Die construction * 500mW Power Dissipation * Ideally Suited for Automated Assembly Processes * In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
* Case: Molded glass DO-35 * Terminals: Solderable per MIL-STD-750, Method 2026 * Polarity: See Diagram Below * Approx. Weight: 0.13 grams * Mounting Position: Any * Ordering information: Suffix :" -35" to order DO-35 Package * Packing information B - 2K per Bulk box T/R - 10K per 13" plastic Reel T/B - 5K per horiz. tape & Ammo box
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25C unless otherwise noted)
Parameter Power Dissipation at Tamb = 25 Junction Temperature Storage Temperature Range Valid provided that leads at a distance of 8mm from case are kept at ambient temperature.
O
Symbol
3.0
Value 500 175 -65 to +175
Units mW
O
C
PTOT TJ Ts
C C
O
Parameter Thermal Resistance Junction to Ambient Air Forward Voltage at IF = 100mA
Symbol
Min. ---
Typ.
Max. 0.3 1
Units K/mW V
RJA VF
---
Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature.
STAD-FEB.10.2009 1
PAGE . 1
BZX55C2V4~BZX55C100
Nomi nal Zener Voltage Part Number No m. V BZX55C 2V4 BZX55C 2V7 BZX55C 3V0 BZX55C 3V3 BZX55C 3V6 BZX55C 3V9 BZX55C 4V3 BZX55C 4V7 BZX55C 5V1 BZX55C 5V6 BZX55C 6V2 BZX55C 6V8 BZX55C 7V5 BZX55C 8V2 BZX55C 9V1 BZX55C 10 BZX55C 11 BZX55C 12 BZX55C 13 BZX55C 15 BZX55C 16 BZX55C 18 BZX55C 20 BZX55C 22 BZX55C 24 BZX55C 27 BZX55C 30 BZX55C 33 BZX55C 36 BZX55C 39 BZX55C 43 BZX55C 47 BZX55C 51 BZX55C 56 BZX55C 62 BZX55C 68 BZX55C 75 BZX55C 82 BZX55C 91 BZX55C 100 2.4 2.7 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 V Z @ IZT M i n. V 2.28 2.5 2.8 3.1 3.4 3.7 4 4.4 4.8 5.2 5.8 6.4 7 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 77 85 94 M a x. V 2.56 2.9 3.2 3.5 3.8 4.1 4.6 5 5.4 6 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79 87 96 106 85 85 85 85 85 85 75 60 35 25 10 8 7 7 10 15 20 20 26 30 40 50 55 55 80 80 80 80 80 90 90 110 125 135 150 200 250 300 450 450 Max. Zener Impedance ZZT @ IZT mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 1 1 600 600 600 600 600 600 600 600 550 450 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 220 220 220 220 500 600 700 700 1000 1000 1000 1500 2000 5000 5000 ZZK @ IZK mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.1 0.1 uA 50 10 4 2 2 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 Max Reverse Leakage C urrent IR @ VR V 1 1 1 1 1 1 1 1 1 1 2 3 5 6 7 8 9 9 10 11 12 14 15 17 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 BZX55C 2V4 BZX55C 2V7 BZX55C 3V0 BZX55C 3V3 BZX55C 3V6 BZX55C 3V9 BZX55C 4V3 BZX55C 4V7 BZX55C 5V1 BZX55C 5V6 BZX55C 6V2 BZX55C 6V8 BZX55C 7V5 BZX55C 8V2 BZX55C 9V1 BZX55C 10 BZX55C 11 BZX55C 12 BZX55C 13 BZX55C 15 BZX55C 16 BZX55C 18 BZX55C 20 BZX55C 22 BZX55C 24 BZX55C 27 BZX55C 30 BZX55C 33 BZX55C 36 BZX55C 39 BZX55C 43 BZX55C 47 BZX55C 51 BZX55C 56 BZX55C 62 BZX55C 68 BZX55C 75 BZX55C 82 BZX55C 91 BZX55C 100 marki ng co d e
STANDARD VOLTAGE TOLERANCE IS + 5% AND: SUFFIX "A" FOR + 1% SUFFIX "B" FOR + 2% SUFFIX "C" FOR + 5% SUFFIX "D" FOR + 20% * MEASURED WITH PULSES Tp=40 mSec. STAD-FEB.10.2009 1
ZENERDIODENUMBERINGSYSTEM: BZX55 C3V6 1* 2* 1* TYPE NO. 2* VZ OF ZENER DIODE, V CODE IS INSTEAD OF DECIMAL POINT. 3* e.g., 3V6=3.6V * MEASURED WITH PULSES Tp=40 mSec. PAGE . 2
BZX55C2V4~BZX55C100
RATING AND CHARACTERISTIC CURVES
POWER DISSIPATION, mWatts
500 400 300 200 100
0
50
100
150
200
O
250
AMBIENT TEMPERATURE, C
FIG. 1 POWER DERATING CURVE
Vz (V)
Iz (mA)
50 40 30 20 10 0
5
10
15
20
25
30
Test Current Iz = 20mA
12 11
9.1
15
6.8 6.2 5.6 5.1 4.7 4.3
20
24
3.9
2.7
Fig.2 BREAKDOWN CHARACTERISTICS
STAD-FEB.10.2009 1
PAGE . 3


▲Up To Search▲   

 
Price & Availability of BZX55C3V3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X