Part Number Hot Search : 
045SPBF F1603 MM5Z11V E2038S R5F21357 8TRPB LBT11803 1600C
Product Description
Full Text Search
 

To Download BU208D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BU208D
DESCRIPTION *High Voltage-VCES= 1500V(Min.) *Collector Current- IC = 8.0A *Built-in Damper Diode
APPLICATIONS *Designed for use in large screen color deflection circuits .
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCES VCEO VEBO IC ICM PC TJ Tstg PARAMETER Collector-Emitter Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Collector Power Dissipation @TC=25 Junction Temperature Storage Temperature VALUE 1500 700 10 8.0 15 150 175 -65~175 UNIT V V V A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance,Junction to Case MAX 1.0 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
BU208D
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 100mA; IB= 0
700
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 4.5A; IB= 2A
1.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 4.5A; IB= 2A VCE= 1500V; VBE= 0 VCE= 1500V; VBE= 0; TC= 125 VEB= 5.0V; IC= 0
1.3 1.0 2.0 300
V
ICES
Collector Cutoff Current
mA
IEBO
Emitter Cutoff Current
mA
hFE
DC Current Gain
IC= 1A; VCE= 5V
8
fT
Current-Gain--Bandwidth Product
IC= 0.1A; VCE= 5V; ftest= 5MHz
7
MHz
VECF
C-E Diode Forward Voltage
IF= 4A
2
V
Switching Times( Inductive load)
ts
Storage Time IC= 4.5A; IB= 1.8A; LB= 3H; VCC= 140V, LC= 0.9mH
7
s
tf
Fall Time
0.55
s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of BU208D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X