Part Number Hot Search : 
AD5439 CY74FCT CCARPG25 BCR148W RB085 03800 AN7318A A23L2616
Product Description
Full Text Search
 

To Download BAT54SDW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54TW / ADW / CDW / SDW / DW
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
VOLTAGE FEATURES
* * * * * Isolated diode arrays for significant board space savings Surface mount package ideally suited for automatic insertion Extremely Fast Switching Speed Very Low VF: 0.347V (Typ) at IF = 10mA In compliance with EU RoHS 2002/95/EC directives
0.054(1.35) 0.045(1.15) 0.087(2.20) 0.074(1.90) 0.010(0.25)
30 Volts
POWER
225mWatts
0.018(0.45) 0.006(0.15) 0.010(0.25) 0.003(0.08) 0.087(2.20) 0.078(2.00)
0.056(1.40) 0.047(1.20)
* Case: SOT-363 plastic * Terminals: Solderable per MIL-STD-750, Method 2026 * Approx. Weight: 0.0002 ounce, 0.006 gram
0.040(1.00) 0.031(0.80) 0.044(1.10) MAX.
MECHANICAL DATA
0.030(0.75) 0.021(0.55)
0.012(0.30) 0.005(0.15)
ABSOLUTE RATINGS (each diode)
Parameter Marking Code Maximum Reverse Voltage Peak Reverse Voltage Continuous Forward Current Circuit Figure Symbol VR VRRM IF Fig 50 Fig 46 BAT54TW L4 BAT54ADW L42 BAT54CDW L43 30 30 0.2 Fig 47 Fig 45 Fig 107 BAT54SDW L44 BAT54DW L41 Units V V A -
THERMAL CHARACTERISTICS
Parameter Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Thermal Resistance, Junction to Lead Junction Temperature Storage Temperature Symbol PTOT RJA RJL TJ TSTG Value 225 550 220 -55 to 125 -55 to 150 Units mW
O
C/W C/W
O
O
C C
O
NOTE: 1. FR-4 Board Minimum pad.
Fig50
Fig46
Fig47
Fig45
Fig107
February 14,2011-REV.03
PAGE . 1
BAT54TW / ADW / CDW / SDW / DW
ELECTRICAL CHARACTERISTICS (each diode) (TA=25OC, unless otherwise noted)
Parameter Reverse Breakdown Voltage Reverse Current Symbol V(BR) IR Test Condition I R=100 uA VR=25 V I F=0.1mA I F=1.0mA I F=10mA I F=30mA I F=100mA VR=1V, f=1.0MHZ MIN. 30 2.0 0.24 0.32 0.40 0.50 1.00 10 TYP. MAX. Units V A
Forward Voltage
VF
V
Total Capacitance
CT
pF
ELECTRICAL CHARACTERISTICS CURVES
10
TJ=75 C
O
I R, Reverse Current( m A)
1.0
mA
J J
0.1
TJ=25 C
O
J
J
0.01
TJ=-25 C
O
J
0.001 0 5 10 15 20 25 30
V R, Reverse Voltage(V)
Fig. 1- Typical Reverse Leakage
Fig. 2- Forward Characteristics
14 12
C T, Total Capacitance (pF)
10 8 6 4 2 0 0 10 20 30
V R, Reverse Voltage (V)
Fig. 3- Typical Total capacitance
February 14,2011-REV.03
PAGE . 2
BAT54TW / ADW / CDW / SDW / DW
MOUNTING PAD LAYOUT
SOT-363
ORDER INFORMATION
* Packing information T/R - 10K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2011
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
February 14,2011-REV.03
PAGE . 3


▲Up To Search▲   

 
Price & Availability of BAT54SDW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X