Part Number Hot Search : 
40000 EGA88 330M5 T0P243G NAS1835 AP450BN 2N6250 HFT012
Product Description
Full Text Search
 

To Download BAS40V08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS40V
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Please click here to visit our online spice models database.
Features
* * * * * Low Forward Voltage Drop Fast Switching PN Junction Guard Ring for Transient and ESD Protection Lead Free By Design/RoHS Compliant (Note 1) "Green" Device (Note 4)
Mechanical Data
* * * * * * * * Case: SOT-563 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminal Connections: See Diagram Terminals: Finish - Matte Tin annealed over Alloy 42 leadframe. Solderable per MIL-STD-202, Method 208 Marking Information: See Page 2 Ordering Information: See Page 2 Weight: 0.003 grams (approximate)
C1 NC A2
A1
NC
C2
Top View
Bottom View
Device Schematic
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VRRM VRWM VR IFM IFSM Value 40 200 600 Unit V mA mA
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current (Note 2) Forward Surge Current (Note 2) @ t < 1.0s
Thermal Characteristics
Characteristic Power Dissipation (Note 2) Thermal Resistance, Junction to Ambient Air (Note 2) Operating Temperature Range Storage Temperature Range Symbol PD RJA TJ TSTG Value 150 833 -55 to +125 -65 to +150 Unit mW C/W C C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 3) Forward Voltage Reverse Leakage Current (Note 3) Total Capacitance Reverse Recovery Time
Notes: 1. 2. 3. 4.
@TA = 25C unless otherwise specified Symbol V(BR)R VF IR CT trr Min 40 -- -- -- -- Typ -- -- 20 4.0 -- Max -- 380 1000 200 5.0 5.0 Unit V mV nA pF ns Test Condition IR = 10A tp < 300s, IF = 1.0mA tp < 300s, IF = 40mA tp < 300s, VR = 30V VR = 0V, f =1.0MHz IF = IR = 10mA to IR = 1.0mA, RL = 100
No purposefully added lead. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. Short duration pulse test used to minimize self-heating effect. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
BAS40V
Document number: DS30561 Rev. 4 - 2
1 of 3 www.diodes.com
July 2008
(c) Diodes Incorporated
BAS40V
IF, INSTANTANEOUS FORWARD CURRENT (A)
IR, INSTANTANEOUS REVERSE CURRENT (nA)
1
10,000
1,000
0.1
100
0.01
10
0.001
1
0.0001 0
0.6 0.2 0.4 1.0 0.8 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics
0.1 0
30 40 10 20 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
250
PD, POWER DISSIPATION (mW)
3 CT, TOTAL CAPACITANCE (pF)
200
2
150
100
1
50
0 0 10 30 40 20 VR, DC REVERSE VOLTAGE (V) Fig. 3 Total Capacitance vs. Reverse Voltage
0 -50
0 50 100 TA, AMBIENT TEMPERATURE (C) Fig. 4 Derating Curve - Total
150
Ordering Information
Part Number BAS40V-7
Notes:
(Note 5) Case SOT-563 Packaging 3000/Tape & Reel
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KAN = Product Type Marking Code YM = Date Code Marking Y = Year (ex: R = 2004) M = Month (ex: 9 = September)
KAN YM
Date Code Key Year 2004 Code Month Code R Jan 1
2005 S Feb 2
2006 T Mar 3
2007 U Apr 4
2008 V May 5
2009 W Jun 6
2010 X Jul 7
2011 Y Aug 8
2012 Z Sep 9
2013 A Oct O
2014 B Nov N
2015 C Dec D July 2008
BAS40V
Document number: DS30561 Rev. 4 - 2
2 of 3 www.diodes.com
(c) Diodes Incorporated
BAS40V Package Outline Dimensions
A
B
C
D G
K
M
SOT-563 Dim Min Max Typ A 0.15 0.30 0.20 B 1.10 1.25 1.20 C 1.55 1.70 1.60 D 0.50 G 0.90 1.10 1.00 H 1.50 1.70 1.60 K 0.55 0.60 0.60 L 0.10 0.30 0.20 M 0.10 0.18 0.11 All Dimensions in mm
H L
Suggested Pad Layout
E E
Z
G
C
Dimensions Value (in mm) Z 2.2 G 1.2 X 0.375 Y 0.5 C 1.7 E 0.5
Y X
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
BAS40V
Document number: DS30561 Rev. 4 - 2
3 of 3 www.diodes.com
July 2008
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of BAS40V08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X